Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BLM31A700S Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # BLM31A700S
Description  SURFACE MOUNT EMI FILTERS CHIP FERRITE BEADS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

BLM31A700S Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  BLM31A700S Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. BLM31A700S Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. BLM31A700S Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. BLM31A700S Datasheet HTML 4Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BLM10A100S
SURFACE MOUNT EMI FILTERS
CHIP FERRITE BEADS
TYPICAL IMPEDANCE CHARACTERISTICS
BLM10A700S
BLM10A121S
166
CG01-I
BLM
A Series
25
20
15
10
5
0
1
10
100
1000
Frequency (MHz)
200
160
120
80
40
0
1
10
100
1000
Frequency (MHz)
200
160
120
80
40
0
1
10
100
1000
Frequency (MHz)
BLM11A121S
BLM11A151SG
BLM11A601S
200
160
120
80
40
0
1
10
100
1000
Frequency (MHz)
250
200
150
100
50
0
1
10
100
1000
Frequency (MHz)
1000
800
600
400
200
0
1
10
100
1000
Frequency (MHz)
BLM11A331SG
BLM11A471SG
BLM11A221S
500
400
300
200
100
0
1
10
100
1000
Frequency (MHz)
1000
800
600
400
200
0
1
10
100
1000
Frequency (MHz)
400
320
240
160
80
0
1
10
100
1000
Frequency (MHz)
BLM11A102S
BLM21A121F
2000
1600
1200
800
400
0
1
10
100
1000
Frequency (MHz)
200
160
120
80
40
0
1
10
100
1000
Frequency (MHz)
BLM10A221SG
400
300
200
100
0
1
10
100
1000
Frequency (MHz)
BLM10A601SG
1000
750
500
250
0
1
10
100
1000
Frequency (MHz)
BLM10A102SG
1200
900
600
300
0
1
10
100
1000
Frequency (MHz)


Similar Part No. - BLM31A700S

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLM31A700S MURATA-BLM31A700S Datasheet
190Kb / 5P
   Product Specification for Reference Only
More results

Similar Description - BLM31A700S

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ACSB-02-T ABRACON-ACSB-02-T Datasheet
1Mb / 2P
   Surface Mount Ferrite Chip Beads
09.20.13
ACSB-03-T ABRACON-ACSB-03-T Datasheet
1Mb / 2P
   Surface Mount Ferrite Chip Beads
09.20.13
logo
List of Unclassifed Man...
LI0402E190R-10 ETC2-LI0402E190R-10 Datasheet
1Mb / 4P
   Ferrite EMI Chip Beads
logo
Abracon Corporation
ACSB-04-T ABRACON-ACSB-04-T Datasheet
1Mb / 2P
   Surface Mount Ferrite Chip Beads Array
09.20.13
logo
Vishay Siliconix
ILBB1210 VISHAY-ILBB1210 Datasheet
120Kb / 2P
   Surface Mount, Multilayer Ferrite Beads
Revision 15-Jan-03
ILBB0402ER121V VISHAY-ILBB0402ER121V Datasheet
91Kb / 3P
   Surface Mount, Multilayer Ferrite Beads
Revision: 10-Aug-06
logo
Kemet Corporation
L1210R101MDWIT KEMET-L1210R101MDWIT Datasheet
759Kb / 32P
   Surface Mount Ferrite Products Inductors & Ferrite Beads
L0201C2N4SRMST KEMET-L0201C2N4SRMST Datasheet
759Kb / 32P
   Surface Mount Ferrite Products Inductors & Ferrite Beads
L4018C2R2MDWDT KEMET-L4018C2R2MDWDT Datasheet
759Kb / 32P
   Surface Mount Ferrite Products Inductors & Ferrite Beads
logo
API Technologies Corp
PSM1-101M-02B APITECH-PSM1-101M-02B Datasheet
2Mb / 21P
   Surface Mount EMI Filters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com