Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBR60A60CT Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SBR60A60CT
Description  Super barrier rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SBR60A60CT Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SBR60A60CT Datasheet HTML 1Page - List of Unclassifed Manufacturers SBR60A60CT Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
_
_
SBR60A60CT
Using state-of-the-art SBR IC process technology,
the following features are made possible in a single device:
Major ratings and characteristics
Characteristics
Values
Units
Device optimized for low forward voltage drop to
maximize efficiency in Power Supply applications
IF(AV)
60
Rectangular Waveform
A
VRRM
60
V
VF@30A, Tj=125
OC
0.58
V, typ
MECHANICAL:
Tj
-65 to 150
(operating/storage)
OC
* Molded Plastic TO-220 package
ELECTRICAL:
* Low Forward Voltage Drop
* Reliable High Temperature Operation
* Super Barrier Design
* Softest, fast switching capability
* 150
OC Operating Junction Temperature
Maximum Ratings and Electrical Characteristics
(at 25
OC unless otherwise specified)
SYMBOL
UNITS
DC Blocking Voltage
Working Peak Reverse Voltage
Peak Repetitive Reverse Voltage
V
RM
V
RWM
V
RRM
60
Volts
Average Rectified Forward Current
(Rated VR-20Khz Square Wave) - 50% duty
cycle
I
O
60
Amps
Peak Forward Surge Current - 1/2 60hz
I
FSM
350
Amps
Peak Repetitive Reverse Surge Current
(2uS-1Khz)
I
RRM
3
Amps
Instantaneous Forward Voltage (per leg)
I
F = 30A; TJ =
25
OC
I
F = 30A; TJ= 125
OC
V
F
*
Typ
---
---
Max
0.73
0.63
Volts
Maximum Instantaneous Reverse Current at
Rated V
RM
T
J = 25
OC
T
J = 125
OC
I
R
Typ
---
---
Max
0.5
100
mA
mA
Maximum Rate of Voltage Change
(at Rated V
R)
dv/dt
10,000
V/uS
Maximum Thermal Resistance JC (per leg)
R
θ
JC
2
OC/W
Operating and Storage Junction Temperature
T
J
-65 to +150
OC
* Pulse width < 300 uS, Duty cycle < 2%
______________________________________________________________________________________________
www.apdsemi.com
Version 1.0 - August 2006
1
1
3
2
Anode
Common
Cathode
Anode


Similar Part No. - SBR60A60CT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SBR60A60PT ETC-SBR60A60PT Datasheet
80Kb / 2P
   Super barrier rectifier
More results

Similar Description - SBR60A60CT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR20A150CT DIODES-SBR20A150CT_08 Datasheet
166Kb / 3P
   SUPER BARRIER RECTIFIER
DS30967 Rev. 3 - 2
logo
List of Unclassifed Man...
SBR20A40CTF ETC1-SBR20A40CTF Datasheet
61Kb / 2P
   SUPER BARRIER RECTIFIER
logo
Diodes Incorporated
SBR1045CTL DIODES-SBR1045CTL Datasheet
79Kb / 4P
   SUPER BARRIER RECTIFIER
logo
List of Unclassifed Man...
SBR20150CT ETC-SBR20150CT Datasheet
136Kb / 3P
   SUPER BARRIER RECTIFIER
SBR40U60PT ETC1-SBR40U60PT Datasheet
80Kb / 2P
   Super barrier rectifier
SBR40U100PT ETC1-SBR40U100PT Datasheet
80Kb / 2P
   Super barrier rectifier
SBR60A100CT ETC-SBR60A100CT Datasheet
78Kb / 2P
   Super barrier rectifier
SBR60A150CT ETC-SBR60A150CT Datasheet
77Kb / 2P
   Super barrier rectifier
SBR10150CT ETC1-SBR10150CT Datasheet
88Kb / 3P
   Super barrier rectifier
SBR2040CT ETC2-SBR2040CT Datasheet
93Kb / 3P
   Super Barrier Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com