Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA741 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # MA741
Description  General purpose operational amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MA741 Datasheet(HTML) 2 Page - NXP Semiconductors

  MA741 Datasheet HTML 1Page - NXP Semiconductors MA741 Datasheet HTML 2Page - NXP Semiconductors MA741 Datasheet HTML 3Page - NXP Semiconductors MA741 Datasheet HTML 4Page - NXP Semiconductors MA741 Datasheet HTML 5Page - NXP Semiconductors MA741 Datasheet HTML 6Page - NXP Semiconductors MA741 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Philips Semiconductors
Product specification
µA741/µA741C/SA741C
General purpose operational amplifier
1994 Aug 31
2
DC ELECTRICAL CHARACTERISTICS
TA = 25°C, VS = ±15V, unless otherwise specified.
SYMBOL
PARAMETER
TEST CONDITIONS
µA741
µA741C
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
Min
Typ
Max
Min
Typ
Max
UNIT
VOS
Offset voltage
RS=10kΩ
1.0
5.0
2.0
6.0
mV
RS=10kΩ, over temp.
1.0
6.0
7.5
mV
∆VOS/∆T
10
10
µV/°C
IOS
Offset current
20
200
20
200
nA
Over temp.
300
nA
TA=+125°C
7.0
200
nA
TA=-55°C
20
500
nA
∆IOS/∆T
200
200
pA/
°C
IBIAS
Input bias current
80
500
80
500
nA
Over temp.
800
nA
TA=+125°C
30
500
nA
TA=-55°C
300
1500
nA
∆IB/∆T
1
1
nA/
°C
RL=10kΩ
±12
±14
±12
±14
V
VOUT
Output voltage swing
RL=2kΩ, over temp.
±10
±13
±10
±13
V
RL=2kΩ, VO=±10V
50
200
20
200
V/mV
AVOL
Large-signal voltage gain
RL=2kΩ, VO=±10V,
over temp.
25
15
V/mV
Offset voltage adjustment range
±30
±30
mV
RS≤10kΩ
10
150
µV/V
PSRR
Supply voltage rejection ratio
RS≤10kΩ, over temp.
10
150
µV/V
70
90
dB
CMRR
Common-mode rejection ratio
Over temp.
70
90
dB
1.4
2.8
1.4
2.8
mA
ICC
Supply current
TA=+125°C
1.5
2.5
mA
TA=-55°C
2.0
3.3
mA
VIN
Input voltage range
(
µA741, over temp.)
±12
±13
±12
±13
V
RIN
Input resistance
0.3
2.0
0.3
2.0
M
50
85
50
85
mW
PD
Power consumption
TA=+125°C
45
75
mW
TA=-55°C
45
100
mW
ROUT
Output resistance
75
75
ISC
Output short-circuit current
10
25
60
10
25
60
mA


Similar Part No. - MA741

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
mA741 TI-mA741 Datasheet
1Mb / 23P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
logo
List of Unclassifed Man...
MA741.B.BI-.001 ETC2-MA741.B.BI-.001 Datasheet
2Mb / 20P
   Pantheon Antenna 2in1 MA.741
logo
Taoglas antenna solutio...
MA741.B.BI.001 TAOGLAS-MA741.B.BI.001 Datasheet
2Mb / 20P
   IP67 Waterproof
logo
Murata Manufacturing Co...
MA74101BAN MURATA-MA74101BAN Datasheet
240Kb / 6P
   HIGH FREQUENCY CERAMIC CAPACITORS
MA74101BBN MURATA-MA74101BBN Datasheet
240Kb / 6P
   HIGH FREQUENCY CERAMIC CAPACITORS
More results

Similar Description - MA741

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UA702M TI-UA702M Datasheet
193Kb / 4P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIER
logo
Raytheon Company
RC4741 RAYTHEON-RC4741 Datasheet
320Kb / 7P
   General Purpose Operational Amplifier
logo
NXP Semiconductors
MC1458 PHILIPS-MC1458 Datasheet
100Kb / 6P
   General purpose operational amplifier
August 31, 1994
logo
NEC
UPC741 NEC-UPC741 Datasheet
296Kb / 10P
   GENERAL PURPOSE OPERATIONAL AMPLIFIER
logo
Analog Devices
OP02 AD-OP02 Datasheet
355Kb / 8P
   General - Purpose Operational Amplifier
logo
New Japan Radio
NJM4741 NJRC-NJM4741 Datasheet
233Kb / 6P
   GENERAL PURPOSE QUAD OPERATIONAL AMPLIFIER
logo
STMicroelectronics
UA741 STMICROELECTRONICS-UA741_01 Datasheet
88Kb / 5P
   GENERAL PURPOSE SINGLE OPERATIONAL AMPLIFIER
logo
Texas Instruments
LM218-Q1 TI1-LM218-Q1 Datasheet
148Kb / 7P
[Old version datasheet]   FAST GENERAL-PURPOSE OPERATIONAL AMPLIFIER
logo
Taiwan Semiconductor Co...
TS4558 TSC-TS4558_08 Datasheet
149Kb / 7P
   Dual General Purpose Operational Amplifier
logo
NXP Semiconductors
NE4558 PHILIPS-NE4558 Datasheet
85Kb / 5P
   Dual general-purpose operational amplifier
August 31, 1994
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com