Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA741 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # MA741
Description  General purpose operational amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MA741 Datasheet(HTML) 6 Page - NXP Semiconductors

  MA741 Datasheet HTML 1Page - NXP Semiconductors MA741 Datasheet HTML 2Page - NXP Semiconductors MA741 Datasheet HTML 3Page - NXP Semiconductors MA741 Datasheet HTML 4Page - NXP Semiconductors MA741 Datasheet HTML 5Page - NXP Semiconductors MA741 Datasheet HTML 6Page - NXP Semiconductors MA741 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Philips Semiconductors
Product specification
µA741/µA741C/SA741C
General purpose operational amplifier
1994 Aug 31
6
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
10–1kHz
35
30
25
20
15
10
–60
–20
20
60
100
140
TEMPERATURE — oC
VS = + 15V
TA = 25
oC
10 –13
10 –14
10 –15
10 –16
10 –17
10 –18
10
100
1K
10K
100K
FREQUENCY — Hz
VS = + 15V
TA = 25
oC
10 –21
10 –22
10 –23
10 –24
10 –25
10 –26
10
100
1K
10K
100K
FREQUENCY — Hz
100
10
1
0.1
100
1K
10K
100K
10–100kHz
10–1kHz
SOURCE RESISTANCE —
VS = + 15V
TA = 25
oC
106
105
104
103
102
10
1
1
10
100
1K
10K 100K 1M 10M
FREQUENCY — Hz
1
10
100
1K
10K 100K 1M 10M
FREQUENCY — Hz
VS = + 15V
TA = 25
oC
0
–45
–90
–135
–180
VS = + 15V
TA = 25
oC
RL = 10kΩ
40
36
32
28
24
20
16
12
8
4
0
100
1K
10K
100K
1M
FREQUENCY — Hz
VS = + 15V
TA = 25
oC
100
90
80
70
60
50
40
30
20
10
1
10
100
1K
10K 100K 1M 10M
FREQUENCY — Hz
28
24
20
16
12
8
4
0
0
0.5
1.0
1.5
2.0
2.5
TIME —
µs
VS = + 15V
TA = 25
oC
RL = 2kΩ
CL = 100pF
10%
RISE TIME
Output Short–Circuit Current
as a Function of
Ambient Temperature
Input Noise Voltage
as a Function of Frequency
Input Noise Current
as a Function of Frequency
Broadband Noise for
Various Bandwidths
Open–Looped Voltage Gain
as a Function of Frequency
Open–Looped Phase Response
as a Function of Frequency
Output Voltage Swing
as a Function of Frequency
Common–Mode Rejection Ratio
as a Function of Frequency
Transient Response
VS = + 15V
TA = 25
oC
0
0
SL00098
Figure 4. Typical Performance Characteristics (cont.)


Similar Part No. - MA741

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
mA741 TI-mA741 Datasheet
1Mb / 23P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
logo
List of Unclassifed Man...
MA741.B.BI-.001 ETC2-MA741.B.BI-.001 Datasheet
2Mb / 20P
   Pantheon Antenna 2in1 MA.741
logo
Taoglas antenna solutio...
MA741.B.BI.001 TAOGLAS-MA741.B.BI.001 Datasheet
2Mb / 20P
   IP67 Waterproof
logo
Murata Manufacturing Co...
MA74101BAN MURATA-MA74101BAN Datasheet
240Kb / 6P
   HIGH FREQUENCY CERAMIC CAPACITORS
MA74101BBN MURATA-MA74101BBN Datasheet
240Kb / 6P
   HIGH FREQUENCY CERAMIC CAPACITORS
More results

Similar Description - MA741

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UA702M TI-UA702M Datasheet
193Kb / 4P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIER
logo
Raytheon Company
RC4741 RAYTHEON-RC4741 Datasheet
320Kb / 7P
   General Purpose Operational Amplifier
logo
NXP Semiconductors
MC1458 PHILIPS-MC1458 Datasheet
100Kb / 6P
   General purpose operational amplifier
August 31, 1994
logo
NEC
UPC741 NEC-UPC741 Datasheet
296Kb / 10P
   GENERAL PURPOSE OPERATIONAL AMPLIFIER
logo
Analog Devices
OP02 AD-OP02 Datasheet
355Kb / 8P
   General - Purpose Operational Amplifier
logo
New Japan Radio
NJM4741 NJRC-NJM4741 Datasheet
233Kb / 6P
   GENERAL PURPOSE QUAD OPERATIONAL AMPLIFIER
logo
STMicroelectronics
UA741 STMICROELECTRONICS-UA741_01 Datasheet
88Kb / 5P
   GENERAL PURPOSE SINGLE OPERATIONAL AMPLIFIER
logo
Texas Instruments
LM218-Q1 TI1-LM218-Q1 Datasheet
148Kb / 7P
[Old version datasheet]   FAST GENERAL-PURPOSE OPERATIONAL AMPLIFIER
logo
Taiwan Semiconductor Co...
TS4558 TSC-TS4558_08 Datasheet
149Kb / 7P
   Dual General Purpose Operational Amplifier
logo
NXP Semiconductors
NE4558 PHILIPS-NE4558 Datasheet
85Kb / 5P
   Dual general-purpose operational amplifier
August 31, 1994
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com