Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBR30A40CT Datasheet(PDF) 1 Page - Diodes Incorporated

Part # SBR30A40CT
Description  30A SBR Super Barrier Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBR30A40CT Datasheet(HTML) 1 Page - Diodes Incorporated

  SBR30A40CT Datasheet HTML 1Page - Diodes Incorporated SBR30A40CT Datasheet HTML 2Page - Diodes Incorporated SBR30A40CT Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SBR30A40CT
SBR30A40CTFP
30A SBR
®
Super Barrier Rectifier
Features
Mechanical Data
Case Material: Molded Plastic, UL Flammability
Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020C
Terminals: Matte Tin Finish annealed over
Copper leadframe. Solderable per MIL-STD-202,
Method 208
Marking: See Page 3
Ordering Information: See Page 3
Low Forward Voltage Drop
Excellent High Temperature Stability
Super Barrier Design
Soft, Fast Switching Capability
Molded Plastic TO-220AB,
and ITO-220AB packages
Lead Free Finish, RoHS Compliant (Note 2)
Maximum Ratings @ TA = 25ºC unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VRM
40
V
RMS Reverse Voltage
VR(RMS)
28
V
Average Rectified Output Current @ TC = 110ºC
IO
30
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single Half Sine-Wave Superimposed on Rated Load
IFSM
250
A
Peak Repetitive Reverse Surge Current (2uS-1Khz)
IRRM
3
A
Maximum Thermal Resistance (per leg)
Package = TO-220AB
Package = ITO-220AB
RӨJC
2
4
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
ºC
Electrical Characteristics @ TA = 25ºC unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 1)
V(BR)R
40
-
-
V
IR = 0.5 mA
Forward Voltage Drop
VF
-
-
0.42
-
0.50
0.45
0.60
V
IF = 15A, TJ = 25ºC
IF = 15A,TJ = 125ºC
IF = 30A, TJ = 25ºC
Leakage Current (Note 1)
IR
-
-
0.5
100
mA
VR = 40V, TJ = 25 ºC
VR = 40V, TJ = 125 ºC
Notes:
1. Short duration pulse test used to minimize self-heating effect.
2. RoHS revision 13.2.2003. High temperature solder exemption applied, see
EU Directive Annex Note 7.
__________
SBR is a registered trademark of Diodes Incorporated.
SBR30A40 Rev. 2
1 of 3
www.diodes.com
January 2007
© Diodes Incorporated


Similar Part No. - SBR30A40CT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR30A40CT DIODES-SBR30A40CT Datasheet
171Kb / 3P
   SUPER BARRIER RECTIFIER
DS30980 Rev. 4 - 2
SBR30A40CT DIODES-SBR30A40CT Datasheet
144Kb / 4P
   30A SBR짰 SUPER BARRIER RECTIFIER
SBR30A40CT-G DIODES-SBR30A40CT-G Datasheet
144Kb / 4P
   30A SBR짰 SUPER BARRIER RECTIFIER
SBR30A40CTFP DIODES-SBR30A40CTFP Datasheet
171Kb / 3P
   SUPER BARRIER RECTIFIER
DS30980 Rev. 4 - 2
SBR30A40CTFP DIODES-SBR30A40CTFP Datasheet
144Kb / 4P
   30A SBR짰 SUPER BARRIER RECTIFIER
More results

Similar Description - SBR30A40CT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR30E45CT DIODES-SBR30E45CT Datasheet
529Kb / 5P
   30A SBR SUPER BARRIER RECTIFIER
SBR30A100CT DIODES-SBR30A100CT Datasheet
181Kb / 3P
   30A SBR Super Barrier Rectifier
SBR30A100 Rev. 2
SBR30200CT DIODES-SBR30200CT Datasheet
177Kb / 3P
   30A SBR Super Barrier Rectifier
SBR30200 Rev. 2
SBR3040CT DIODES-SBR3040CT Datasheet
179Kb / 3P
   30A SBR Super Barrier Rectifier
SBR3040 Rev. 2
SBR30A60CT DIODES-SBR30A60CT Datasheet
179Kb / 3P
   30A SBR Super Barrier Rectifier
SBR30A60 Rev. 2
SBR30M100CT DIODES-SBR30M100CT Datasheet
179Kb / 3P
   30A SBR Super Barrier Rectifier
SBR30M100 Rev. 2
SBR30100CT DIODES-SBR30100CT Datasheet
179Kb / 3P
   30A SBR Super Barrier Rectifier
SBR30100 Rev. 2
SBR30A120CTE DIODES-SBR30A120CTE Datasheet
344Kb / 4P
   30A SBR SUPER BARRIER RECTIFIER
SBR30A60CTB DIODES-SBR30A60CTB Datasheet
91Kb / 4P
   30A SBR SUPER BARRIER RECTIFIER
SBR30A150CT DIODES-SBR30A150CT Datasheet
181Kb / 3P
   30A SBR Super Barrier Rectifier
SBR30A150 Rev. 2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com