Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AH373Q-WL Datasheet(PDF) 5 Page - Anachip Corp

Part # AH373Q-WL
Description  Internal Pull-up Hall Effect Latch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AH373Q-WL Datasheet(HTML) 5 Page - Anachip Corp

  AH373Q-WL Datasheet HTML 1Page - Anachip Corp AH373Q-WL Datasheet HTML 2Page - Anachip Corp AH373Q-WL Datasheet HTML 3Page - Anachip Corp AH373Q-WL Datasheet HTML 4Page - Anachip Corp AH373Q-WL Datasheet HTML 5Page - Anachip Corp AH373Q-WL Datasheet HTML 6Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
AH266
High Voltage Hall Effect Latch
Anachip Corp.
www.anachip.com.tw
Rev 0.2 Jan 19, 2005
5/6
Operation Characteristics
Marking side
S
Bhy
Vsat
Vcc
Vd
Brp
Bop
0
S
N
( Magnetic flux density )
DO
High
Low
( SIP4 )
N
Marking Information
266
Part Number
Year:
( Front View )
"2" = 2002
"1" = 2001
X XX X X
Nth week: 01~52
ID Code: A ~ Z
Blank: normal
L: Lead Free Package


Similar Part No. - AH373Q-WL

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AH373 ANACHIP-AH373 Datasheet
188Kb / 6P
   Internal Pull-up Hall Effect Latch
logo
Diodes Incorporated
AH373 DIODES-AH373 Datasheet
184Kb / 9P
   INTERNAL PULL-UP HALL EFFECT LATCH
logo
Anachip Corp
AH373-P ANACHIP-AH373-P Datasheet
188Kb / 6P
   Internal Pull-up Hall Effect Latch
AH373-PA ANACHIP-AH373-PA Datasheet
188Kb / 6P
   Internal Pull-up Hall Effect Latch
logo
Diodes Incorporated
AH373-PG-A DIODES-AH373-PG-A Datasheet
184Kb / 9P
   INTERNAL PULL-UP HALL EFFECT LATCH
More results

Similar Description - AH373Q-WL

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AH373 ANACHIP-AH373 Datasheet
188Kb / 6P
   Internal Pull-up Hall Effect Latch
AH172 ANACHIP-AH172 Datasheet
179Kb / 6P
   Internal Pull-up Hall Effect Latch
logo
Diodes Incorporated
AH372 DIODES-AH372 Datasheet
528Kb / 12P
   INTERNAL PULL-UP HALL EFFECT LATCH
AH373 DIODES-AH373 Datasheet
184Kb / 9P
   INTERNAL PULL-UP HALL EFFECT LATCH
AH173 DIODES-AH173_10 Datasheet
162Kb / 9P
   INTERNAL PULL-UP HALL EFFECT LATCH FOR HIGH
logo
Anachip Corp
AH173 ANACHIP-AH173 Datasheet
181Kb / 6P
   Internal Pull-up Hall Effect Latch For High Temperature
logo
Diodes Incorporated
AH173 DIODES-AH173 Datasheet
123Kb / 9P
   INTERNAL PULL-UP HALL EFFECT LATCH FOR HIGH TEMPERATURE
AH173 Rev. 4
logo
Taiwan Semiconductor Co...
TSH193 TSC-TSH193 Datasheet
437Kb / 8P
   Pull-up Resistor Integrated Hall Effect Latch
logo
Diodes Incorporated
AH3781 DIODES-AH3781 Datasheet
487Kb / 13P
   HIGH-VOLTAGE HIGH-SENSITIVITY HALL EFFECT LATCH WITH INTERNAL PULL-UP RESISTOR
AH3782 DIODES-AH3782 Datasheet
519Kb / 14P
   HIGH-VOLTAGE, HIGH-SENSITIVITY HALL EFFECT LATCH WITH INTERNAL PULL-UP RESISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com