Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP1506-12T5RA Datasheet(PDF) 9 Page - Anachip Corp

Part # AP1506-12T5RA
Description  150KHz, 3A PWM Buck DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1506-12T5RA Datasheet(HTML) 9 Page - Anachip Corp

Back Button AP1506-12T5RA Datasheet HTML 5Page - Anachip Corp AP1506-12T5RA Datasheet HTML 6Page - Anachip Corp AP1506-12T5RA Datasheet HTML 7Page - Anachip Corp AP1506-12T5RA Datasheet HTML 8Page - Anachip Corp AP1506-12T5RA Datasheet HTML 9Page - Anachip Corp AP1506-12T5RA Datasheet HTML 10Page - Anachip Corp AP1506-12T5RA Datasheet HTML 11Page - Anachip Corp AP1506-12T5RA Datasheet HTML 12Page - Anachip Corp AP1506-12T5RA Datasheet HTML 13Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
AP1506
150KHz, 3A PWM Buck DC/DC Converter
Anachip Corp.
www.anachip.com.tw
Rev.1.3 Oct 24, 2005
9/13
Function Description (Continued)
Package
thermal
resistance
and
junction
temperature rise numbers are all approximate, and
there are many factors that will affect these
numbers.
Some of these factors include board
size, shape, thickness, position, location, and even
board temperature. Other factors are, trace width,
total printed circuit copper area, copper thickness,
single or double-sided, multi-layer board and the
amount of solder on the board. The effectiveness
of the PC board to dissipate heat also depends on
the size, quantity and spacing of other components
on the board, as well as whether the surrounding
air is still or moving. Furthermore, some of these
components such as the catch diode will add heat
to the PC board and the heat can vary as the input
voltage changes. For the inductor, depending on
the physical size, type of core material and the DC
resistance, it could either act as a heat sink taking
heat away from the board, or it could add heat to
the board.
Marking Information
(1) TO263-5L
1506-XX
Output Type:
1506: ADJ
1506-33: 3.3V
1506-50: 5.0V
1506-12: 12V
Logo
ID code
Year:
( Top view )
"02" = 2002
"01" = 2001
YY WW X X
Xth week: 01~52
Blank: normal
L: Lead Free Package
(3) PDIP-8L
(2) TO220-5L
1506-XX
Output Type:
1506: ADJ
1506-33: 3.3V
1506-50: 5.0V
1506-12: 12V
Logo
ID code
Year:
( Top view )
"02" = 2002
"01" = 2001
YY WW X X
Xth week: 01~52
Blank: normal
L: Lead Free Package
1506-XX
(Top view)
YY WW X X
Output Type:
1506:ADJ
1506-33: 3.3V
1506-50: 5.0V
1506-12: 12V
Logo
ID code
Xth weed: 01~52
Year: "01"=2001
Blank: normal
L: Lead Free Package
"02"=2002
This Anachip version datasheet is replaced
with Diodes Inc. datasheet AP1506


Similar Part No. - AP1506-12T5RA

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1506-12T5RA ANACHIP-AP1506-12T5RA Datasheet
206Kb / 12P
   150KHz, 3A PWM Buck DC/DC Converter
More results

Similar Description - AP1506-12T5RA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1507 DIODES-AP1507 Datasheet
200Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
AP1501-50K5G-13 DIODES-AP1501-50K5G-13 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 DIODES-AP1501_09 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 Rev. 11
logo
Advanced Power Electron...
APE1702 A-POWER-APE1702_08 Datasheet
471Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
logo
Anachip Corp
AP1501 ANACHIP-AP1501_1 Datasheet
217Kb / 12P
   150Khz, 3A PWM Buck DC/DC Converter
AP1507 ANACHIP-AP1507 Datasheet
169Kb / 9P
   150KHz, 3A PWM Buck DC/DC Converter
logo
First Silicon Co., Ltd
FAC1507 FS-FAC1507 Datasheet
916Kb / 15P
   3A 150KHZ PWM Buck DC/DC Converter
logo
TECHCODE SEMICONDUCTOR,...
TD1501 TECHCODE-TD1501 Datasheet
1Mb / 18P
   3A 150KHz PWM Buck DC/DC Converter
December, 20, 2005.
logo
E-CMOS Corporation
EC9301A E-CMOS-EC9301A Datasheet
1Mb / 16P
   3A 150KHz PWM Buck DC/DC Converter
logo
Orister Corporation
RS2596 ORISTER-RS2596_09 Datasheet
756Kb / 9P
   150KHz, 3A PWM Buck DC/DC Converter
logo
FOSLINK SEMICONDUCTOR C...
FSP3122 FOSLINK-FSP3122 Datasheet
230Kb / 10P
   150KHZ 3A PWM BUCK DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com