Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBZ5227BS-7-F Datasheet(PDF) 1 Page - Diodes Incorporated

Part # MMBZ5227BS-7-F
Description  200mW SURFACE MOUNT ZENER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMBZ5227BS-7-F Datasheet(HTML) 1 Page - Diodes Incorporated

  MMBZ5227BS-7-F Datasheet HTML 1Page - Diodes Incorporated MMBZ5227BS-7-F Datasheet HTML 2Page - Diodes Incorporated MMBZ5227BS-7-F Datasheet HTML 3Page - Diodes Incorporated MMBZ5227BS-7-F Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Lead-free
DS31039 Rev. 12 - 2
1 of 4
MMBZ5221BS - MMBZ5259BS
www.diodes.com
ã Diodes Incorporated
MMBZ5221BS - MMBZ5259BS
200mW SURFACE MOUNT ZENER DIODE
·
Planar Die Construction
·
Dual Isolated Zeners in Ultra-Small Surface Mount Package
·
Ideally Suited for Automated Assembly Processes
·
Lead Free/RoHS Compliant (Note 5)
Features
Maximum Ratings @ TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Forward Voltage
@ IF = 10mA
VF
0.9
V
Power Dissipation (Note 1)
Pd
200
mW
Thermal Resistance, Junction to Ambient Air (Note 1)
RqJA
625
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
·
Case: SOT-363
·
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
·
Moisture Sensitivity: Level 1 per J-STD-020C
·
Terminals: Solderable per MIL-STD-202, Method 208
·
Lead Free Plating (Matte Tin Finish annealed over Alloy 42
leadframe).
·
Polarity: See Diagram
·
Marking: See Page 2
·
Weight: 0.006 grams (approximate)
Mechanical Data
A
M
J
L
D
B C
H
K
G
F
SOT-363
Dim
Min
Max
A
0.10
0.30
B
1.15
1.35
C
2.00
2.20
D
0.65 Nominal
F
0.30
0.40
H
1.80
2.20
J
¾
0.10
K
0.90
1.00
L
0.25
0.40
M
0.10
0.25
a
All Dimensions in mm
* Add “-7” to the appropriate type number in Table 1 from Sheet 2 example: 6.2V Zener = MMBZ5234BS-7-F.
Notes:
1.
Mounted on FR4 PC Board with recommended pad layout which can be found on our website
at http://www.diodes.com/datasheets/ap02001.pdf.
2.
Short duration test pulse used to minimize self-heating effect.
3.
f = 1KHz.
4.
For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
5.
No purposefully added lead.
Device
Packaging
Shipping
(Type Number)-7-F
SOT-363
3000/Tape & Reel
Ordering Information (Note 4)
NC
C
1
A
2
A
1
C
2
NC
SPICE MODELS: MMBZ5230BS MMBZ5231BS MMBZ5232BS MMBZ5233BS MMBZ5234BS MMBZ5235BS MMBZ5236BS MMBZ5237BS MMBZ5238BS
MMBZ5239BS MMBZ5240BS MMBZ5241BS MMBZ5242BS MMBZ5243BS MMBZ5245BS MMBZ5246BS MMBZ5250BS MMBZ5251BS MMBZ5252BS MMBZ5254BS
MMBZ5255BS MMBZ5256BS MMBZ5257BS MMBZ5258BS MMBZ5259BS


Similar Part No. - MMBZ5227BS-7-F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBZ5227BS DIODES-MMBZ5227BS Datasheet
63Kb / 3P
   200mW SURFACE MOUNT ZENER DIODE
DS31039 Rev. 8 - 2
MMBZ5227BS DIODES-MMBZ5227BS Datasheet
153Kb / 4P
   200mW SURFACE MOUNT ZENER DIODE
logo
SHIKUES Electronics
MMBZ5227BS SKTECHNOLGY-MMBZ5227BS Datasheet
856Kb / 3P
   Planar Die Construction
More results

Similar Description - MMBZ5227BS-7-F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBZ5221BW DIODES-MMBZ5221BW Datasheet
63Kb / 3P
   200mW SURFACE MOUNT ZENER DIODE
DS31037 Rev. 5 - 2
logo
Taiwan Semiconductor Co...
BZT52C2V0K TSC-BZT52C2V0K Datasheet
191Kb / 3P
   200mW,Surface Mount Zener Diode
logo
Diodes Incorporated
MMBZ5221BW DIODES-MMBZ5221BW_09 Datasheet
95Kb / 5P
   200mW SURFACE MOUNT ZENER DIODE
BZX84C5V1W-7 DIODES-BZX84C5V1W-7 Datasheet
159Kb / 4P
   200mW SURFACE MOUNT ZENER DIODE
logo
First Components Intern...
BZT52C2V4S FCI-BZT52C2V4S Datasheet
98Kb / 3P
   200mW SURFACE MOUNT ZENER DIODE
logo
Won-Top Electronics
MMSZ5221BS WTE-MMSZ5221BS Datasheet
75Kb / 4P
   200mW SURFACE MOUNT ZENER DIODE
logo
Diode Semiconductor Kor...
BZX84C2V4W DSK-BZX84C2V4W Datasheet
320Kb / 5P
   200mW Surface Mount Zener Diode
logo
Diodes Incorporated
MMBZ5221BS DIODES-MMBZ5221BS_08 Datasheet
153Kb / 4P
   200mW SURFACE MOUNT ZENER DIODE
logo
Shenzhen Luguang Electr...
MMSZ5221BS LUGUANG-MMSZ5221BS Datasheet
198Kb / 3P
   200mW Surface Mount Zener Diode
MM3Z2V4 LUGUANG-MM3Z2V4 Datasheet
2Mb / 3P
   200mW Surface Mount Zener Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com