Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP1501A-50K5A Datasheet(PDF) 6 Page - Anachip Corp

Part # AP1501A-50K5A
Description  150Khz, 5A PWM Buck DC/DC Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1501A-50K5A Datasheet(HTML) 6 Page - Anachip Corp

Back Button AP1501A-50K5A Datasheet HTML 2Page - Anachip Corp AP1501A-50K5A Datasheet HTML 3Page - Anachip Corp AP1501A-50K5A Datasheet HTML 4Page - Anachip Corp AP1501A-50K5A Datasheet HTML 5Page - Anachip Corp AP1501A-50K5A Datasheet HTML 6Page - Anachip Corp AP1501A-50K5A Datasheet HTML 7Page - Anachip Corp AP1501A-50K5A Datasheet HTML 8Page - Anachip Corp AP1501A-50K5A Datasheet HTML 9Page - Anachip Corp AP1501A-50K5A Datasheet HTML 10Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AP1501A
150Khz, 5A PWM Buck DC/DC Converter
Anachip Corp.
www.anachip.com.tw
Rev.1.2 Aug 23, 2005
6/12
Typical Performance Characteristics (Continued)
JUNCTION TEMPERATURE(oC)
Feedback Pin Bias Current
1.4
5
10 1520 2223 2425
ON/OFF PIN VOLTAGE (V)
ON/OFF Pin Current (Sinking)
0.0
30.0
60.0
90.0
120.0
150.0
V
IN=40V
-40oC
T
J
125oC
≤≤
0.0
10.0
20.0
30.0
40.0
50.0
-50 -25
0
25
50
75
100 125
Adjustable Version Only
0.0
1.0
2.0
3.0
4.0
5.0
-50 -25
0
25
50
75 100 125
JUNCTION TEMPERATURE (oC)
Minimum Operating Supply Voltage
V
OUT=1.23V
I
LOAD=120mA
JUNCTION TEMPERATURE (oC)
ON/OFF Threshold Voltage
0.0
1.0
2.0
3.0
4.0
5.0
-50 -25
0
25
50
75 100 125
Switch Frequency
JUNCTION TEMPERATURE (oC)
0.0
50.0
100.0
150.0
200.0
-50 -25
0
25
50
75 100 125


Similar Part No. - AP1501A-50K5A

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1501A-50K5A ANACHIP-AP1501A-50K5A Datasheet
182Kb / 11P
   150Khz, 5A PWM Buck DC/DC Converter
More results

Similar Description - AP1501A-50K5A

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1501A ANACHIP-AP1501A Datasheet
182Kb / 11P
   150Khz, 5A PWM Buck DC/DC Converter
logo
Diodes Incorporated
AP1501A DIODES-AP1501A Datasheet
231Kb / 12P
   150KHz, 5A PWM BUCK DC/DC CONVERTER
AP1501A Rev. 7
logo
List of Unclassifed Man...
AX3203 ETC-AX3203 Datasheet
190Kb / 7P
   150KHz, 5A PWM Buck DC/DC Converter
logo
Diodes Incorporated
AP1507 DIODES-AP1507 Datasheet
200Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
AP1509 DIODES-AP1509_10 Datasheet
213Kb / 13P
   150KHz, 2A PWM BUCK DC/DC CONVERTER
DS31016 Rev. 4 - 2
AP1501-50K5G-13 DIODES-AP1501-50K5G-13 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 DIODES-AP1501_09 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 Rev. 11
logo
HTC Korea TAEJIN Techno...
TJ1509A HTC-TJ1509A Datasheet
795Kb / 8P
   150kHz, 2A PWM Buck DC/DC Converter
logo
Orister Corporation
RS1509 ORISTER-RS1509 Datasheet
204Kb / 8P
   150KHz, 2A PWM Buck DC/DC Converter
logo
Advanced Power Electron...
APE1702 A-POWER-APE1702_08 Datasheet
471Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com