Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP1512A-33N Datasheet(PDF) 7 Page - Anachip Corp

Part # AP1512A-33N
Description  50KHz, 2A/3A PWM Buck DC/DC Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1512A-33N Datasheet(HTML) 7 Page - Anachip Corp

Back Button AP1512A-33N Datasheet HTML 3Page - Anachip Corp AP1512A-33N Datasheet HTML 4Page - Anachip Corp AP1512A-33N Datasheet HTML 5Page - Anachip Corp AP1512A-33N Datasheet HTML 6Page - Anachip Corp AP1512A-33N Datasheet HTML 7Page - Anachip Corp AP1512A-33N Datasheet HTML 8Page - Anachip Corp AP1512A-33N Datasheet HTML 9Page - Anachip Corp AP1512A-33N Datasheet HTML 10Page - Anachip Corp AP1512A-33N Datasheet HTML 11Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AP1512/A
50KHz, 2A/3A PWM Buck DC/DC Converter
Anachip Corp.
www.anachip.com.tw
Rev.1.1 Oct. 14, 2005
7/12
Typical Application Circuit
(1) Adjustable Type Circuit
A. Vin=10V~60V, Vout=5V; Iout=0.3A~2A, Iout below 0.3A DCM
C5
1n
L1
47uH
12
R2
3K
Vin
C2
1u
D1
SR360
ON/OFF
R3
1K
C1
100uF/100V
Vout
AP1512/A
1
5
2
4
3
Vin
SD
OUTPUT
FB
GND
0.1u
C3
470uF/16V
C7
B. Vin=10V~60V, Vout=3.3V, Iout=0.3A~2A, Iout below 0.3A DCM
C5
1n
L1
47uH
12
R2
2K
Vin
C2
1u
D1
SR360
ON/OFF
R3
1.2K
C1
100uF/100V
Vout
AP1512/A
1
5
2
4
3
Vin
SD
OUTPUT
FB
GND
0.1u
C3
470uF/16V
C7
(2) Fixed Type Circuit
A. Vin=10V~60V, Vout=5V, Iout=0.7A~2A, Iout below 0.7A DCM
L1
47uH
12
Vin
C2
1u
D1
SR360
ON/OFF
C1
100uF/100V
Vout
AP1512/A
1
5
2
4
3
Vin
SD
OUTPUT
FB
GND
10n
C3
470uF/16V
C7


Similar Part No. - AP1512A-33N

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1512A-33K5L-13 DIODES-AP1512A-33K5L-13 Datasheet
222Kb / 12P
   50KHz, 2A/3A PWM BUCK DC/DC CONVERTER
AP1512A-33K5L-13 DIODES-AP1512A-33K5L-13 Datasheet
228Kb / 12P
   50KHz, 2A/3A PWM BUCK DC/DC CONVERTER
AP1512A-33K5L-13 DIODES-AP1512A-33K5L-13 Datasheet
283Kb / 12P
   50KHz, 2A/3A PWM BUCK DC/DC CONVERTER
May 2019
AP1512A-33K5L-U DIODES-AP1512A-33K5L-U Datasheet
222Kb / 12P
   50KHz, 2A/3A PWM BUCK DC/DC CONVERTER
AP1512A-33K5L-U DIODES-AP1512A-33K5L-U Datasheet
228Kb / 12P
   50KHz, 2A/3A PWM BUCK DC/DC CONVERTER
More results

Similar Description - AP1512A-33N

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1512A-K5L-13 DIODES-AP1512A-K5L-13 Datasheet
222Kb / 12P
   50KHz, 2A/3A PWM BUCK DC/DC CONVERTER
AP1512 DIODES-AP1512 Datasheet
283Kb / 12P
   50KHz, 2A/3A PWM BUCK DC/DC CONVERTER
May 2019
AP1512-50K5L-13 DIODES-AP1512-50K5L-13 Datasheet
228Kb / 12P
   50KHz, 2A/3A PWM BUCK DC/DC CONVERTER
logo
Unisonic Technologies
P3576 UTC-P3576_15 Datasheet
227Kb / 6P
   50KHz, 2A PWM BUCK DC/DC CONVERTER
P3576 UTC-P3576 Datasheet
209Kb / 6P
   50KHz, 2A PWM BUCK DC/DC CONVERTER
logo
ACE Technology Co., LTD...
ACE722A ACE-ACE722A Datasheet
179Kb / 9P
   2A PWM BUCK DC-DC Converter
VER 1.2
logo
Unisonic Technologies
P3576 UTC-P3576_18 Datasheet
145Kb / 6P
   2A PWM BUCK DC/DC CONVERTER
logo
Diodes Incorporated
AP1509 DIODES-AP1509_18 Datasheet
317Kb / 12P
   2A PWM BUCK DC-DC CONVERTER
AP1506 DIODES-AP1506_17 Datasheet
449Kb / 14P
   3A PWM BUCK DC/DC CONVERTER
AP1507 DIODES-AP1507_18 Datasheet
301Kb / 12P
   3A PWM BUCK DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com