Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP1512A-12K5 Datasheet(PDF) 9 Page - Anachip Corp

Part # AP1512A-12K5
Description  50KHz, 2A/3A PWM Buck DC/DC Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1512A-12K5 Datasheet(HTML) 9 Page - Anachip Corp

Back Button AP1512A-12K5 Datasheet HTML 4Page - Anachip Corp AP1512A-12K5 Datasheet HTML 5Page - Anachip Corp AP1512A-12K5 Datasheet HTML 6Page - Anachip Corp AP1512A-12K5 Datasheet HTML 7Page - Anachip Corp AP1512A-12K5 Datasheet HTML 8Page - Anachip Corp AP1512A-12K5 Datasheet HTML 9Page - Anachip Corp AP1512A-12K5 Datasheet HTML 10Page - Anachip Corp AP1512A-12K5 Datasheet HTML 11Page - Anachip Corp AP1512A-12K5 Datasheet HTML 12Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AP1512/A
50KHz, 2A/3A PWM Buck DC/DC Converter
Anachip Corp.
www.anachip.com.tw
Rev.1.1 Oct. 14, 2005
9/12
Function Description (Continued)
The
AP1512/A
(TO-263
package)
junction
temperature rise above ambient temperature with a
2A load for various input and output voltages. This
data was taken with the circuit operating as a buck
switching regulator with all components mounted on
a PC board to simulate the junction temperature
under actual operating conditions. This curve can
be used for a quick check for the approximate
junction temperature for various conditions, but be
aware that there are many factors that can affect
the junction temperature.
When load currents
higher than 2A are used, double sided or multilayer
PC boards with large copper areas and/or airflow
might be needed, especially for high ambient
temperatures and high output voltages.
For the best thermal performance, wide copper
traces and generous amounts of printed circuit
board copper should be used in the board layout.
(Once exception to this is the output (switch) pin,
which should not have large areas of copper.)
Large areas of copper provide the best transfer of
heat (lower thermal resistance) to the surrounding
air, and moving air lowers the thermal resistance
even further.
Package
thermal
resistance
and
junction
temperature rise numbers are all approximate, and
there are many factors that will affect these
numbers.
Some of these factors include board
size, shape, thickness, position, location, and even
board temperature. Other factors are, trace width,
total printed circuit copper area, copper thickness,
single or double-sided, multilayer board and the
amount of solder on the board. The effectiveness
of the PC board to dissipate heat also depends on
the size, quantity and spacing of other components
on the board, as well as whether the surrounding
air is still or moving. Furthermore, some of these
components such as the catch diode will add heat
to the PC board and the heat can vary as the input
voltage changes. For the inductor, depending on
the physical size, type of core material and the DC
resistance, it could either act as a heat sink taking
heat away from the board, or it could add heat to
the board.
Marking Information
(1) TO263-5L
1512X-XX
Blank: ADJ
Logo
ID code
Year:
( Top View )
"02" = 2002
"01" = 2001
YY WW X
Xth week: 01~52
Part Number:
-Output Type:
-33: 3.3V
-50: 5.0V
-12: 1.2V
Blank: AP1512
A: AP1512A
(2) TO220-5L
1512X-XX
ID code
Year:
( Top View )
"02" = 2002
"01" = 2001
YY WW X
Xth week: 01~52
Blank: ADJ
Logo
Part Number:
-Output Type:
-33: 3.3V
-50: 5.0V
-12: 1.2V
Blank: AP1512
A: AP1512A


Similar Part No. - AP1512A-12K5

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1512A-12K5L-13 DIODES-AP1512A-12K5L-13 Datasheet
222Kb / 12P
   50KHz, 2A/3A PWM BUCK DC/DC CONVERTER
AP1512A-12K5L-13 DIODES-AP1512A-12K5L-13 Datasheet
228Kb / 12P
   50KHz, 2A/3A PWM BUCK DC/DC CONVERTER
AP1512A-12K5L-13 DIODES-AP1512A-12K5L-13 Datasheet
283Kb / 12P
   50KHz, 2A/3A PWM BUCK DC/DC CONVERTER
May 2019
AP1512A-12K5L-U DIODES-AP1512A-12K5L-U Datasheet
222Kb / 12P
   50KHz, 2A/3A PWM BUCK DC/DC CONVERTER
AP1512A-12K5L-U DIODES-AP1512A-12K5L-U Datasheet
228Kb / 12P
   50KHz, 2A/3A PWM BUCK DC/DC CONVERTER
More results

Similar Description - AP1512A-12K5

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1512A-K5L-13 DIODES-AP1512A-K5L-13 Datasheet
222Kb / 12P
   50KHz, 2A/3A PWM BUCK DC/DC CONVERTER
AP1512 DIODES-AP1512 Datasheet
283Kb / 12P
   50KHz, 2A/3A PWM BUCK DC/DC CONVERTER
May 2019
AP1512-50K5L-13 DIODES-AP1512-50K5L-13 Datasheet
228Kb / 12P
   50KHz, 2A/3A PWM BUCK DC/DC CONVERTER
logo
Unisonic Technologies
P3576 UTC-P3576_15 Datasheet
227Kb / 6P
   50KHz, 2A PWM BUCK DC/DC CONVERTER
P3576 UTC-P3576 Datasheet
209Kb / 6P
   50KHz, 2A PWM BUCK DC/DC CONVERTER
logo
ACE Technology Co., LTD...
ACE722A ACE-ACE722A Datasheet
179Kb / 9P
   2A PWM BUCK DC-DC Converter
VER 1.2
logo
Unisonic Technologies
P3576 UTC-P3576_18 Datasheet
145Kb / 6P
   2A PWM BUCK DC/DC CONVERTER
logo
Diodes Incorporated
AP1509 DIODES-AP1509_18 Datasheet
317Kb / 12P
   2A PWM BUCK DC-DC CONVERTER
AP1506 DIODES-AP1506_17 Datasheet
449Kb / 14P
   3A PWM BUCK DC/DC CONVERTER
AP1507 DIODES-AP1507_18 Datasheet
301Kb / 12P
   3A PWM BUCK DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com