Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBZ5251BW Datasheet(PDF) 1 Page - Diodes Incorporated

Part # MMBZ5251BW
Description  200mW SURFACE MOUNT ZENER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMBZ5251BW Datasheet(HTML) 1 Page - Diodes Incorporated

  MMBZ5251BW Datasheet HTML 1Page - Diodes Incorporated MMBZ5251BW Datasheet HTML 2Page - Diodes Incorporated MMBZ5251BW Datasheet HTML 3Page - Diodes Incorporated MMBZ5251BW Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MMBZ5221BW - MMBZ5259BW
200mW SURFACE MOUNT
ZENER DIODE
Lead-free Green
DS31037 Rev. 10 - 2
1 of 4
MMBZ5221BW - MMBZ5259BW
www.diodes.com
ã Diodes Incorporated
Features
·
Planar Die Construction
·
Ultra-Small Surface Mount Package
·
General Purpose
·
Ideally Suited for Automated Assembly Processes
·
Lead Free/RoHS Compliant (Note 5)
·
Qualified to AEC-Q101 Standards for High Reliability
·
"Green" Device, Note 6 and 7
·
Case: SOT-323
·
Case Material: Molded Plastic, "Green" Molding
Compound, Note 7. UL Flammability Classification
Rating 94V-0
·
Moisture Sensitivity: Level 1 per J-STD-020C
·
Terminals: Solderable per MIL-STD-202, Method 208
·
Lead Free Plating (Matte Tin Finish annealed over
Alloy 42 leadframe).
·
Polarity: See Diagram
·
Marking: See Table on Page 2
·
Weight: 0.006 grams (approximate)
Mechanical Data
A
M
J
L
E
D
B C
H
K
G
Characteristic
Symbol
Value
Unit
Forward Voltage
@ IF = 10mA
VF
0.9
V
Power Dissipation (Note 1)
Pd
200
mW
Thermal Resistance, Junction to Ambient Air (Note 1)
RqJA
625
°
C/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°
C
Maximum Ratings @ TA = 25°C unless otherwise specified
SOT-323
Dim
Min
Max
A
0.25
0.40
B
1.15
1.35
C
2.00
2.20
D
0.65 Nominal
E
0.30
0.40
G
1.20
1.40
H
1.80
2.20
J
0.0
0.10
K
0.90
1.00
L
0.25
0.40
M
0.10
0.18
a
All Dimensions in mm
* Add “-7-F” to the appropriate type number in Table 1 from Sheet 2 example: 6.2V Zener = MMBZ5234BW-7-F.
Notes:
1. Mounted on FR4 PC Board with recommended pad layout which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
2. Short duration test pulse used to minimize self-heating effect.
3. f = 1KHz.
4. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
5. No purposefully added lead.
6.
Diodes Inc.'s "Green" Policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
7.
Product manufactured with date code 0609 (week 9, 2006) and newer are built with Green Molding Compound. Product manufactured prior to date
code 0609 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
Device
Packaging
Shipping
(Type Number)-7-F
SOT-323
3000/Tape & Reel
Ordering Information (Note 4 & 7)
SPICE MODELS: MMBZ5221BW MMBZ5223BW MMBZ5225BW MMBZ5226BW MMBZ5227BW
MMBZ5228BW MMBZ5229BW MMBZ5230BW MMBZ5231BW MMBZ5232BW MMBZ5234BW
MMBZ5235BW MMBZ5236BW MMBZ5237BW MMBZ5239BW MMBZ5240BW MMBZ5241BW
MMBZ5242BW MMBZ5243BW MMBZ5245BW MMBZ5246BW MMBZ5248BW MMBZ5250BW
MMBZ5251BW MMBZ5252BW MMBZ5254BW MMBZ5256BW MMBZ5257BW MMBZ5258BW
MMBZ5959BW


Similar Part No. - MMBZ5251BW

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMBZ5251BW PANJIT-MMBZ5251BW Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
logo
SHIKUES Electronics
MMBZ5251BW SKTECHNOLGY-MMBZ5251BW Datasheet
853Kb / 3P
   Planar Die Construction
logo
Diodes Incorporated
MMBZ5251BW DIODES-MMBZ5251BW Datasheet
63Kb / 3P
   200mW SURFACE MOUNT ZENER DIODE
DS31037 Rev. 5 - 2
logo
Weitron Technology
MMBZ5251BW WEITRON-MMBZ5251BW Datasheet
369Kb / 3P
   Surface Mount Zener Diode
logo
Won-Top Electronics
MMBZ5251BW WTE-MMBZ5251BW Datasheet
76Kb / 4P
   200mW SURFACE MOUNT ZENER DIODE
More results

Similar Description - MMBZ5251BW

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBZ5221BW DIODES-MMBZ5221BW Datasheet
63Kb / 3P
   200mW SURFACE MOUNT ZENER DIODE
DS31037 Rev. 5 - 2
logo
Taiwan Semiconductor Co...
BZT52C2V0K TSC-BZT52C2V0K Datasheet
191Kb / 3P
   200mW,Surface Mount Zener Diode
logo
Diodes Incorporated
MMBZ5221BW DIODES-MMBZ5221BW_09 Datasheet
95Kb / 5P
   200mW SURFACE MOUNT ZENER DIODE
BZX84C5V1W-7 DIODES-BZX84C5V1W-7 Datasheet
159Kb / 4P
   200mW SURFACE MOUNT ZENER DIODE
logo
First Components Intern...
BZT52C2V4S FCI-BZT52C2V4S Datasheet
98Kb / 3P
   200mW SURFACE MOUNT ZENER DIODE
logo
Won-Top Electronics
MMSZ5221BS WTE-MMSZ5221BS Datasheet
75Kb / 4P
   200mW SURFACE MOUNT ZENER DIODE
logo
Diode Semiconductor Kor...
BZX84C2V4W DSK-BZX84C2V4W Datasheet
320Kb / 5P
   200mW Surface Mount Zener Diode
logo
Diodes Incorporated
MMBZ5221BS DIODES-MMBZ5221BS_08 Datasheet
153Kb / 4P
   200mW SURFACE MOUNT ZENER DIODE
MMBZ5221BS DIODES-MMBZ5221BS_1 Datasheet
460Kb / 4P
   200mW SURFACE MOUNT ZENER DIODE
DS31039 Rev. 12 - 2
logo
Shenzhen Luguang Electr...
MMSZ5221BS LUGUANG-MMSZ5221BS Datasheet
198Kb / 3P
   200mW Surface Mount Zener Diode
MM3Z2V4 LUGUANG-MM3Z2V4 Datasheet
2Mb / 3P
   200mW Surface Mount Zener Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com