Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBR2U30P1 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # SBR2U30P1
Description  2.0A SBR Super Barrier Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBR2U30P1 Datasheet(HTML) 3 Page - Diodes Incorporated

  SBR2U30P1 Datasheet HTML 1Page - Diodes Incorporated SBR2U30P1 Datasheet HTML 2Page - Diodes Incorporated SBR2U30P1 Datasheet HTML 3Page - Diodes Incorporated SBR2U30P1 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SBR2U30P1
Package Outline Drawings
PowerDI™123
PowerDI123
Dim
Min
Max
Typ
SBR2U30P1 Rev. 4 - 2
3 of 4
www.diodes.com
January 2007
© Diodes Incorporated
A
3.65
3.75
3.70
B
2.775
2.825
2.80
C
1.750
1.800
1.775
D
0.955
1.000
0.98
E
0.95
1.05
1.00
H
0.15
0.25
0.20
L
0.60
0.70
0.65
L1
1.36
L2
1.10
L3
0.20
L4
0.95
1.25
1.05
All Dimensions in mm


Similar Part No. - SBR2U30P1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR2U30P1-7 DIODES-SBR2U30P1-7 Datasheet
468Kb / 15P
   HIGH EFFICIENCY 36V 1.5A BUCK LED DRIVER
SBR2U30P1-7 DIODES-SBR2U30P1-7 Datasheet
262Kb / 8P
   12VDC and 12VAC input
SBR2U30P1 DIODES-SBR2U30P1_15 Datasheet
128Kb / 5P
   2.0A SBR짰 SUPER BARRIER RECTIFIER POWERDI짰123
More results

Similar Description - SBR2U30P1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR2A40SA DIODES-SBR2A40SA Datasheet
119Kb / 4P
   2.0A SBR SUPER BARRIER RECTIFIER SMA
DS31769 Rev. 2 - 2
SBR2A40BLP DIODES-SBR2A40BLP Datasheet
530Kb / 5P
   2.0A SBR BRIDGE SUPER BARRIER RECTIFIER
SBR2A30P1 DIODES-SBR2A30P1 Datasheet
306Kb / 4P
   2.0A SBR Surface Mount Super Barrier Rectifier
SBR2A30P1 Rev. 8 - 2
SBR2M30P1 DIODES-SBR2M30P1 Datasheet
333Kb / 4P
   2.0A SBR Surface Mount Super Barrier Rectifier
SBR2M30P1 Rev. 4 - 2
SBR2A40P1 DIODES-SBR2A40P1 Datasheet
336Kb / 4P
   2.0A SBR Surface Mount Super Barrier Rectifier
SBR2A40P1 Rev. 5 - 2
SBR2U30SA DIODES-SBR2U30SA Datasheet
102Kb / 5P
   2.0A SBR® SURFACE MOUNT SUPER BARRIER RECTIFIER
November 2011
SBR2U150SA DIODES-SBR2U150SA Datasheet
222Kb / 5P
   2.0A SBR® SURFACE MOUNT SUPER BARRIER RECTIFIER
May 2013
SBR30E45CT DIODES-SBR30E45CT Datasheet
529Kb / 5P
   30A SBR SUPER BARRIER RECTIFIER
SBR10U300CT DIODES-SBR10U300CT Datasheet
180Kb / 3P
   10A SBR Super Barrier Rectifier
SBR10U300 Rev. 2
SBR30A100CT DIODES-SBR30A100CT Datasheet
181Kb / 3P
   30A SBR Super Barrier Rectifier
SBR30A100 Rev. 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com