Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC3302N Datasheet(PDF) 10 Page - NXP Semiconductors

Part # MC3302N
Description  Quad voltage comparator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MC3302N Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button MC3302N Datasheet HTML 2Page - NXP Semiconductors MC3302N Datasheet HTML 3Page - NXP Semiconductors MC3302N Datasheet HTML 4Page - NXP Semiconductors MC3302N Datasheet HTML 5Page - NXP Semiconductors MC3302N Datasheet HTML 6Page - NXP Semiconductors MC3302N Datasheet HTML 7Page - NXP Semiconductors MC3302N Datasheet HTML 8Page - NXP Semiconductors MC3302N Datasheet HTML 9Page - NXP Semiconductors MC3302N Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
PHILIPS SEMICONDUCTORS, INC. A SUBSIDIARY OF
PHILIPS ELECTRONICS NORTH AMERICA CORPORATION
ENGINEER CHANGE NOTICE
850-0007
FORM A 02/95
PREPARED BY:
PAGE
OF
LAST NAME
INIT
DEPT EXT
BIN#
DATE
PLANT
PERMANENT
IMMEDIATE
TEMPORARY
AFTER-HOURS
ECN NUMBER & DATE
APPROVAL
DATE:
EXPIRATION
DATE:
MASTER SIGNOFF:
YES:
NO:
INITIALS:
ECN CONTINUATION ATTACHED:
YES:
NO:
ROUTER
DATE
:
PRODUCT GROUP:
PART NUMBER
PKG/REV
BASIC DIE/REV
CUSTOMER PART #/REV
ALPHA
DOCUMENT TITLE:
DOCUMENT TYPE:
DOCUMENT NUMBER:
REV:
DESCRIPTION OF CHANGE: INCLUDE FROM/TO INFO WHERE APPROPRIATE
EFFECT:
( )MAJOR
( )MINOR
PROVIDE CPCN STATUS, JUSTIFICATION FOR THE
CHANGE AND AN EXPLANATION OF EFFECT
OIDS/DOCUMENTS AFFECTED:
PRIME
CDDB
DDDB
FAB XREF
PDYM
ESORT
EMCR
PMF/PDDB
FPOID
APL
FT/PA
FT FLOW
MPO
PROBE DIAGRAM
BONDING DIAGRAM
SCHEMATIC
TABLE
OTHER
KEY SPONSOR:
CO-SPONSORS:
DEPT#
SIGNATURE
DATE
EXT/USER ID
ECN
DISTRIBUTION:
DEPT# DEPT# DEPT#
MISCELLANEOUS
DISTRIBUTION:
DEPT# DEPT# DEPT#
MATERIAL DISPOSITION:
USE AS IS
REWORK
SCRAP
FAB ESORT DS ASSY SEAL SYMB M/V
FT
PA
PACK
FG
STRS OTHER
MATL
Dresser
W
9226
4645
60
SVL
X
Communication Products Group
Data Sheet
853-
X
853-
Nov 27, 1995
See description below
All data sheets reflect change from 85
°C to 125°C.
LM2901
853-0930 13721
94 Aug 31
. . . . . .
. . . . .
LM2902
853-0929 13721
94 Aug 31
. . . . . .
. . . . .
LM2903
853-0932 13721
94 Aug 31
. . . . . .
. . . . .
LM2904
853-1241 13721
94 Aug 31
. . . . . .
. . . . .


Similar Part No. - MC3302N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC3302 ONSEMI-MC3302 Datasheet
130Kb / 12P
   Single Supply Quad Comparators
February, 2007 ??Rev. 18
MC3302 ONSEMI-MC3302 Datasheet
316Kb / 14P
   Single Supply Quad Comparators
October, 2021 - Rev. 27
logo
Microchip Technology
MC3302-BI/P MICROCHIP-MC3302-BI/P Datasheet
666Kb / 40P
   13-Bit Differential Input, Low Power A/D Converter with SPI Serial Interface
2002
MC3302-BI/SL MICROCHIP-MC3302-BI/SL Datasheet
666Kb / 40P
   13-Bit Differential Input, Low Power A/D Converter with SPI Serial Interface
2002
MC3302-BI/ST MICROCHIP-MC3302-BI/ST Datasheet
666Kb / 40P
   13-Bit Differential Input, Low Power A/D Converter with SPI Serial Interface
2002
More results

Similar Description - MC3302N

ManufacturerPart #DatasheetDescription
logo
Daewoo Semiconductor
DBL339 DAEWOO-DBL339 Datasheet
268Kb / 6P
   QUAD VOLTAGE COMPARATOR
logo
AUK corp
S339P AUK-S339P Datasheet
284Kb / 3P
   Quad Voltage Comparator
logo
Taiwan Semiconductor Co...
TS2901 TSC-TS2901 Datasheet
133Kb / 6P
   Quad Voltage Comparator
TS339 TSC-TS339 Datasheet
137Kb / 6P
   Quad Voltage Comparator
logo
AUK corp
S339 AUK-S339_1 Datasheet
297Kb / 4P
   Quad Voltage Comparator
S339P AUK-S339P_1 Datasheet
301Kb / 4P
   Quad Voltage Comparator
logo
HTC Korea TAEJIN Techno...
LM339 HTC-LM339_08 Datasheet
113Kb / 4P
   QUAD VOLTAGE COMPARATOR
LM339 HTC-LM339 Datasheet
132Kb / 4P
   QUAD VOLTAGE COMPARATOR
logo
NXP Semiconductors
AU2901 PHILIPS-AU2901 Datasheet
102Kb / 10P
   Quad voltage comparator
2001 Aug 03
logo
AUK corp
S339 AUK-S339 Datasheet
282Kb / 3P
   Quad Voltage Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com