Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM29BDS643GT7GVAI Datasheet(PDF) 10 Page - Advanced Micro Devices

Part # AM29BDS643GT7GVAI
Description  64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BDS643GT7GVAI Datasheet(HTML) 10 Page - Advanced Micro Devices

Back Button AM29BDS643GT7GVAI Datasheet HTML 6Page - Advanced Micro Devices AM29BDS643GT7GVAI Datasheet HTML 7Page - Advanced Micro Devices AM29BDS643GT7GVAI Datasheet HTML 8Page - Advanced Micro Devices AM29BDS643GT7GVAI Datasheet HTML 9Page - Advanced Micro Devices AM29BDS643GT7GVAI Datasheet HTML 10Page - Advanced Micro Devices AM29BDS643GT7GVAI Datasheet HTML 11Page - Advanced Micro Devices AM29BDS643GT7GVAI Datasheet HTML 12Page - Advanced Micro Devices AM29BDS643GT7GVAI Datasheet HTML 13Page - Advanced Micro Devices AM29BDS643GT7GVAI Datasheet HTML 14Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 49 page
background image
8
Am29BDS643G
25692A2 May 8, 2006
D A TA
SH EE T
ORDERING INFORMATION
The order number (Valid Combination) is formed by the following:
Valid Combinations
Valid Combination configuration planned to be supported for this
device.
Am29BDS643G
T
5
K
VA
I
TEMPERATURE RANGE
I
=
Industrial (–40
°C to +85°C)
PACKAGE TYPE
VA
=
44-Ball Very Thin Fine-Pitch Grid Array (FBGA)
0.5 mm pitch, 9.2 x 8.0 mm package (VDA044)
CLOCK RATE AND HANDSHAKING
G
=
40 MHz with handshaking
M
=
54 MHz with handshaking
K
=
66 MHz with handshaking
ASYNCHRONOUS SPEED OPTIONS
7
=
70 ns asynchronous read access
5
=
55 ns asynchronous read access
BOOT CODE SECTOR ARCHITECTURE
T
=
Top sector
DEVICE NUMBER/DESCRIPTION
Am29BDS643G
64 Megabit (4 M x 16-Bit) CMOS Flash Memory, Simultaneous Read/Write, Burst Mode Flash Memory
1.8 Volt-only Read, Program, and Erase
Valid Combinations
Order Number
Package Marking
Am29BDS643GT7GVAI
N643GT7GI
Am29BDS643GT7MVAI
N643GT7MI
Am29BDS643GT5KVAI
N643GT5KI


Similar Part No. - AM29BDS643GT7GVAI

ManufacturerPart #DatasheetDescription
logo
SPANSION
AM29BDS643GT7GVAI SPANSION-AM29BDS643GT7GVAI Datasheet
714Kb / 49P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
More results

Similar Description - AM29BDS643GT7GVAI

ManufacturerPart #DatasheetDescription
logo
SPANSION
AM29BDS640G SPANSION-AM29BDS640G Datasheet
899Kb / 65P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
Advanced Micro Devices
AM29BDS643D AMD-AM29BDS643D Datasheet
693Kb / 46P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
SPANSION
AM29BDS643G SPANSION-AM29BDS643G Datasheet
714Kb / 49P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
Advanced Micro Devices
AM29BDS640G AMD-AM29BDS640G Datasheet
1Mb / 77P
   64 Megabit (4 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
SPANSION
S29WS128J SPANSION-S29WS128J Datasheet
1Mb / 98P
   128/64 Megabit (8/4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
S29WS-J SPANSION-S29WS-J Datasheet
2Mb / 97P
   128/64 Megabit (8/4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
Advanced Micro Devices
AM29BDS323D AMD-AM29BDS323D Datasheet
746Kb / 44P
   32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
SPANSION
S29WSXXXN SPANSION-S29WSXXXN Datasheet
1Mb / 95P
   256/128/64 Megabit (16/8/4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
Advanced Micro Devices
AM29N323D AMD-AM29N323D Datasheet
824Kb / 48P
   32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
SPANSION
AM29BDS320G SPANSION-AM29BDS320G Datasheet
1Mb / 74P
   32 Megabit (2 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com