Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM42DL1642DT45IS Datasheet(PDF) 9 Page - Advanced Micro Devices

Part # AM42DL1642DT45IS
Description  Am29DL16xD 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 2 Mbit (128 K x 16-Bit) Static RAM
Download  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM42DL1642DT45IS Datasheet(HTML) 9 Page - Advanced Micro Devices

Back Button AM42DL1642DT45IS Datasheet HTML 5Page - Advanced Micro Devices AM42DL1642DT45IS Datasheet HTML 6Page - Advanced Micro Devices AM42DL1642DT45IS Datasheet HTML 7Page - Advanced Micro Devices AM42DL1642DT45IS Datasheet HTML 8Page - Advanced Micro Devices AM42DL1642DT45IS Datasheet HTML 9Page - Advanced Micro Devices AM42DL1642DT45IS Datasheet HTML 10Page - Advanced Micro Devices AM42DL1642DT45IS Datasheet HTML 11Page - Advanced Micro Devices AM42DL1642DT45IS Datasheet HTML 12Page - Advanced Micro Devices AM42DL1642DT45IS Datasheet HTML 13Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 128 page
background image
February 6, 2004
Am42DL16x2D
7
CONNECTION DIAGRAM
Special Handling Instructions for FBGA
Package
Special handling is required for Flash Memory prod-
ucts in FBGA packages.
Flash memory devices in FBGA packages may be
damaged if exposed to ultrasonic cleaning methods.
The package and/or data integrity may be compro-
mised if the package body is exposed to temperatures
above 150
°C for prolonged periods of time.
A7
A3
A2
NC
NC
NC
NC
NC
DQ8
DQ14
CE1#s
LB#s
WP#/ACC
WE#
A8
A11
B3
B1
B4
B5
B6
B7
B8
A6
UB#s
RESET#
CE2s
A19
A12
A15
C2
C3
C4
C5
C6
C7
C8
C9
A5
A18
RY/BY#
NC
A9
A13
NC
D2
D3
D4
D5
D6
D7
D8
D9
A1
A4
A17
A10
A14
NC
E1
E10
E2
E3
E4
E7
E8
E9
VSS
DQ1
A0
DQ6
NC
A16
F1
F10
F3
F4
F2
F7
F8
F9
CE#f
DQ0
OE#
DQ9
DQ3
DQ4
DQ13
DQ15/A-1
CIOf
G2
G3
G4
G5
G6
G7
G8
G9
DQ10
VCCf
VCCs
DQ12
DQ7
VSS
H2
H3
H4
H5
H6
H7
H8
H9
DQ2
DQ11
NC
DQ5
J3
J8
J4
J5
J7
NC
NC
NC
A1
A5
A6
NC
A10
NC
NC
NC
K1
K5
K6
NC
K10
J6
SRAM only
Shared
Flash only
69-Ball FBGA
Top View


Similar Part No. - AM42DL1642DT45IS

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM42DL1644DB30IT AMD-AM42DL1644DB30IT Datasheet
941Kb / 61P
   Am29DL16xD 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (256 K x 16-Bit) Static RAM
AM42DL1644DB35IT AMD-AM42DL1644DB35IT Datasheet
941Kb / 61P
   Am29DL16xD 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (256 K x 16-Bit) Static RAM
AM42DL1644DB45IT AMD-AM42DL1644DB45IT Datasheet
941Kb / 61P
   Am29DL16xD 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (256 K x 16-Bit) Static RAM
logo
SPANSION
AM42DL1644DB70IT SPANSION-AM42DL1644DB70IT Datasheet
941Kb / 61P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
logo
Advanced Micro Devices
AM42DL1644DB70IT AMD-AM42DL1644DB70IT Datasheet
941Kb / 61P
   Am29DL16xD 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (256 K x 16-Bit) Static RAM
More results

Similar Description - AM42DL1642DT45IS

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM42DL16X4D AMD-AM42DL16X4D Datasheet
941Kb / 61P
   Am29DL16xD 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (256 K x 16-Bit) Static RAM
logo
SPANSION
AM42DL6402G SPANSION-AM42DL6402G Datasheet
927Kb / 62P
   64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 2 Mbit (128 K x 16-Bit) Static RAM
AM49PDL127AH SPANSION-AM49PDL127AH Datasheet
1Mb / 82P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 16 Mbit (1 M x 16-Bit) CMOS Pseudo Static RAM
logo
Advanced Micro Devices
AM41DL16X4D AMD-AM41DL16X4D Datasheet
980Kb / 63P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM
AM29DL16XD AMD-AM29DL16XD_06 Datasheet
1Mb / 57P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
logo
SPANSION
AM49PDL127BH SPANSION-AM49PDL127BH Datasheet
1Mb / 86P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 32 Mbit (2 M x 16-Bit) CMOS
logo
Advanced Micro Devices
AM29DL16XD AMD-AM29DL16XD Datasheet
1Mb / 57P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
AM29DL16XC AMD-AM29DL16XC Datasheet
688Kb / 51P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
AM42DL640AG AMD-AM42DL640AG Datasheet
916Kb / 62P
   64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 16 Mbit (1 M x 16-Bit) Static RAM
AM41DL3208G AMD-AM41DL3208G Datasheet
1Mb / 65P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com