Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM42DL1632DT45IS Datasheet(PDF) 11 Page - Advanced Micro Devices

Part # AM42DL1632DT45IS
Description  Am29DL16xD 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 2 Mbit (128 K x 16-Bit) Static RAM
Download  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM42DL1632DT45IS Datasheet(HTML) 11 Page - Advanced Micro Devices

Back Button AM42DL1632DT45IS Datasheet HTML 7Page - Advanced Micro Devices AM42DL1632DT45IS Datasheet HTML 8Page - Advanced Micro Devices AM42DL1632DT45IS Datasheet HTML 9Page - Advanced Micro Devices AM42DL1632DT45IS Datasheet HTML 10Page - Advanced Micro Devices AM42DL1632DT45IS Datasheet HTML 11Page - Advanced Micro Devices AM42DL1632DT45IS Datasheet HTML 12Page - Advanced Micro Devices AM42DL1632DT45IS Datasheet HTML 13Page - Advanced Micro Devices AM42DL1632DT45IS Datasheet HTML 14Page - Advanced Micro Devices AM42DL1632DT45IS Datasheet HTML 15Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 128 page
background image
February 6, 2004
Am42DL16x2D
9
ORDERING INFORMATION
The order number (Valid Combination) is formed by the following:
Valid Combinations
Valid Combinations list configurations planned to be supported in vol-
ume for this device. Consult the local AMD sales office to confirm
availability of specific valid combinations and to check on newly re-
leased combinations.
Am42DL16x
2
D
T
70
I
T
TAPE AND REEL
T
=
7 inches
S=
13 inches
TEMPERATURE RANGE
I
=
Industrial (–40
°C to +85°C)
FLASH SPEED OPTION
See Product Selector Guide and Valid Combinations
BOOT CODE SECTOR ARCHITECTURE
T=
Top Sector
B
=
Bottom Sector
FLASH PROCESS TECHNOLOGY
D
=
0.23 µm, CS49S
SRAM DEVICE DENSITY
2=
2 Mbits
AMD DEVICE NUMBER/DESCRIPTION
Am42DL16x2D
Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
Am29DL16xD 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous
Operation Flash Memory and 2 Mbit (128 K x 16-Bit) Static RAM
Valid Combinations
Order Number
Package Marking
Am42DL1612DT70I
Am42DL1612DB70I
T, S
M42000000I
M42000000J
Am42DL1612DT85I
Am42DL1612DB85I
M42000000K
M42000000L
Am42DL1622DT70I
Am42DL1622DB70I
M42000000M
M42000000N
Am42DL1622DT85I
Am42DL1622DB85I
M42000000O
M42000000P
Am42DL1632DT70I
Am42DL1632DB70I
M42000000Q
M42000000R
Am42DL1632DT85I
Am42DL1632DB85I
M42000000S
M42000000T
Am42DL1642DT70I
Am42DL1642DB70I
M420000004
M420000005
Am42DL1642DT85I
Am42DL1642DB85I
M420000006
M420000007


Similar Part No. - AM42DL1632DT45IS

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM42DL1634DB30IT AMD-AM42DL1634DB30IT Datasheet
941Kb / 61P
   Am29DL16xD 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (256 K x 16-Bit) Static RAM
AM42DL1634DB35IT AMD-AM42DL1634DB35IT Datasheet
941Kb / 61P
   Am29DL16xD 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (256 K x 16-Bit) Static RAM
AM42DL1634DB45IT AMD-AM42DL1634DB45IT Datasheet
941Kb / 61P
   Am29DL16xD 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (256 K x 16-Bit) Static RAM
logo
SPANSION
AM42DL1634DB70IT SPANSION-AM42DL1634DB70IT Datasheet
941Kb / 61P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
logo
Advanced Micro Devices
AM42DL1634DB70IT AMD-AM42DL1634DB70IT Datasheet
941Kb / 61P
   Am29DL16xD 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (256 K x 16-Bit) Static RAM
More results

Similar Description - AM42DL1632DT45IS

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM42DL16X4D AMD-AM42DL16X4D Datasheet
941Kb / 61P
   Am29DL16xD 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (256 K x 16-Bit) Static RAM
logo
SPANSION
AM42DL6402G SPANSION-AM42DL6402G Datasheet
927Kb / 62P
   64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 2 Mbit (128 K x 16-Bit) Static RAM
AM49PDL127AH SPANSION-AM49PDL127AH Datasheet
1Mb / 82P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 16 Mbit (1 M x 16-Bit) CMOS Pseudo Static RAM
logo
Advanced Micro Devices
AM41DL16X4D AMD-AM41DL16X4D Datasheet
980Kb / 63P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM
AM29DL16XD AMD-AM29DL16XD_06 Datasheet
1Mb / 57P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
logo
SPANSION
AM49PDL127BH SPANSION-AM49PDL127BH Datasheet
1Mb / 86P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 32 Mbit (2 M x 16-Bit) CMOS
logo
Advanced Micro Devices
AM29DL16XD AMD-AM29DL16XD Datasheet
1Mb / 57P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
AM29DL16XC AMD-AM29DL16XC Datasheet
688Kb / 51P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
AM42DL640AG AMD-AM42DL640AG Datasheet
916Kb / 62P
   64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 16 Mbit (1 M x 16-Bit) Static RAM
AM41DL3208G AMD-AM41DL3208G Datasheet
1Mb / 65P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com