Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM339AN Datasheet(PDF) 5 Page - NXP Semiconductors

Part # LM339AN
Description  Quad voltage comparator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LM339AN Datasheet(HTML) 5 Page - NXP Semiconductors

  LM339AN Datasheet HTML 1Page - NXP Semiconductors LM339AN Datasheet HTML 2Page - NXP Semiconductors LM339AN Datasheet HTML 3Page - NXP Semiconductors LM339AN Datasheet HTML 4Page - NXP Semiconductors LM339AN Datasheet HTML 5Page - NXP Semiconductors LM339AN Datasheet HTML 6Page - NXP Semiconductors LM339AN Datasheet HTML 7Page - NXP Semiconductors LM339AN Datasheet HTML 8Page - NXP Semiconductors LM339AN Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Philips Semiconductors
Product specification
LM139/239/239A/339/339A/
LM2901/MC3302
Quad voltage comparator
1995 Nov 27
5
DC AND AC ELECTRICAL CHARACTERISTICS
V+=5VDC, LM139: –55°C ≤ TA ≤ 125°C; LM239/239A: –25°C ≤ TA ≤ 85°C; LM339/339A: 0°C ≤ TA ≤ 70°C; LM2901: –40°C ≤ TA ≤ 125°C,
MC3302: –40
°C ≤ TA ≤ 85°C, unless otherwise specified.
SYMBOL
PARAMETER
TEST CONDITIONS
LM139
LM239/339
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
Min
Typ
Max
Min
Typ
Max
UNIT
VOS
Input offset voltage2
TA=25°C
Over temp.
±2.0
±5.0
±9.0
±2.0
±5.0
±9.0
mV
mV
VCM
Input common–mode voltage
range3
TA=25°C
Over temp.
0
0
V+–1.5
V+–2.0
0
0
V+–1.5
V+–2.0
V
VIDR
Differential input voltage1
Keep all
VINs≥0VDC
(or V– if need)
V+
V+
V
IBIAS
Input bias current4
IIN(+) or IIN(–) with output in
linear range
TA=25°C
Over temp.
25
100
300
25
250
400
nA
nA
IIN(+)–IIN(–)
IOS
Input offset current
TA=25°C
±3.0
±25
±5.0
±50
nA
Over temp.
±100
±150
nA
IOL
Output sink current
VIN(–)≥1VDC, VIN(+)=0,
VO≤1.5VDC,
TA=25°C
6.0
16
6.0
16
mA
VIN(+)≥1VDC, VIN(–)=0
VO=5VDC,
Output leakage current
TA=25°C
0.1
0.1
nA
VO=30VDC,
over temp.
1.0
1.0
µA
ICC
Supply current
RL=∞
on comparators,
TA=25°C
V+=30V
0.8
2.0
0.8
2.0
mA
AV
Voltage gain
RL≥15kΩ,
V+=15VDC
50
200
50
200
V/mV
VOL
Saturation voltage
VIN(–)≥1VDC, VIN(+)=0,
ISINK≤4mA
TA=25°C
Over temp.
250
400
700
250
400
700
mV
mV
tLSR
Large–signal response time
VIN=TTL logic swing, VREF=1.4VDC,
VRL=5VDC, RL=5.1kΩ, TA=25°C
300
300
ns
tR
Response time5
VRL=5VDC, RL=5.1kΩ,
TA=25°C
1.3
1.3
µs
See notes on following page.


Similar Part No. - LM339AN

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM339AN MOTOROLA-LM339AN Datasheet
124Kb / 6P
   Quad Single Supply Comparators
Rev 2
logo
Texas Instruments
LM339AN TI1-LM339AN Datasheet
1Mb / 34P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
logo
National Semiconductor ...
LM339AN NSC-LM339AN Datasheet
465Kb / 19P
   Low Power Low Offset Voltage Quad Comparators
logo
Texas Instruments
LM339AN TI1-LM339AN Datasheet
1Mb / 34P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
logo
ON Semiconductor
LM339AN ONSEMI-LM339AN Datasheet
145Kb / 8P
   Quad Single Supply Comparators
October, 1999 ??Rev. 3
More results

Similar Description - LM339AN

ManufacturerPart #DatasheetDescription
logo
Daewoo Semiconductor
DBL339 DAEWOO-DBL339 Datasheet
268Kb / 6P
   QUAD VOLTAGE COMPARATOR
logo
AUK corp
S339P AUK-S339P Datasheet
284Kb / 3P
   Quad Voltage Comparator
logo
Taiwan Semiconductor Co...
TS2901 TSC-TS2901 Datasheet
133Kb / 6P
   Quad Voltage Comparator
TS339 TSC-TS339 Datasheet
137Kb / 6P
   Quad Voltage Comparator
logo
AUK corp
S339 AUK-S339_1 Datasheet
297Kb / 4P
   Quad Voltage Comparator
S339P AUK-S339P_1 Datasheet
301Kb / 4P
   Quad Voltage Comparator
logo
HTC Korea TAEJIN Techno...
LM339 HTC-LM339_08 Datasheet
113Kb / 4P
   QUAD VOLTAGE COMPARATOR
LM339 HTC-LM339 Datasheet
132Kb / 4P
   QUAD VOLTAGE COMPARATOR
logo
NXP Semiconductors
AU2901 PHILIPS-AU2901 Datasheet
102Kb / 10P
   Quad voltage comparator
2001 Aug 03
logo
AUK corp
S339 AUK-S339 Datasheet
282Kb / 3P
   Quad Voltage Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com