Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DDTA144ELP Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DDTA144ELP
Description  PRE-BIASED (R1=R2) SMALL SIGNALSURFACE MOUNT 100mA PNP TRANSISTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDTA144ELP Datasheet(HTML) 1 Page - Diodes Incorporated

  DDTA144ELP Datasheet HTML 1Page - Diodes Incorporated DDTA144ELP Datasheet HTML 2Page - Diodes Incorporated DDTA144ELP Datasheet HTML 3Page - Diodes Incorporated DDTA144ELP Datasheet HTML 4Page - Diodes Incorporated DDTA144ELP Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DS30844 Rev. 3 - 2
1 of 5
www.diodes.com
DDTA144ELP
© Diodes Incorporated
DDTA144ELP
PRE-BIASED (R1=R2) SMALL SIGNALSURFACE MOUNT 100mA PNP TRANSISTOR
Features
Epitaxial Planar Die Construction
Ultra-Small Leadless Surface Mount Package
Ideally Suited for Automated Assembly Processes
Lead Free By Design/RoHS Compliant (Note 1)
"Green" Device (Note 2)
Mechanical Data
Case: DFN1006-3
Case Material: Molded Plastic, "Green" Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020C
Terminal Connections: Collector Dot (See Diagram)
Terminals: Finish — NiPdAu annealed over Copper
leadframe. Solderable per MIL-STD-202, Method 208
Marking Code P2, Dot denotes Collector Side
Ordering Information: See Page 4
Weight: 0.001 grams (approximate)
1
2
3
Fig. 1
1
3
IN
OUT
(or -supply)
B
C
E
GND (or +supply)
IN
C 3
E
2
1
R
2
R
1
B
+ Supply
or GND
OUT
(or -supply)
Equivalent Inverter Circuit
Schematic and Pin Configuration
Fig. 2
Component P/N
R1(NOM)
R2(NOM)
Figure
DDTA144ELP
47K
47K
2
Maximum Ratings @T
A = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Supply Voltage
VCC
-50
V
Input Voltage
VIN
+10 to -40
V
Output Current (Io)
IC(max)
-100
mA
Power Dissipation (Note 3)
Pd
250
mW
Power Deration above 25°C
Pder
2
mW/°C
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Junction Operation and Storage Temperature Range
Tj, Tstg
-55 to +150
°C
Thermal Resistance, Junction to Ambient Air (Note 3)
(Equivalent to one heated junction of NPN)
RθJA
400
°C/W
Notes:
1.
No purposefully added lead.
2.
Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
3.
Device mounted on FR-4 PCB, 1” x 0.85” x 0.062”; pad layout as shown on page 5 or Diodes Inc. suggested pad layout document AP02001,
which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.


Similar Part No. - DDTA144ELP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDTA144ELP DIODES-DDTA144ELP Datasheet
173Kb / 5P
   PRE-BIASED (R1=R2) SMALL SIGNAL SURFACE MOUNT 100mA PNP TRANSISTOR
DDTA144ELP DIODES-DDTA144ELP_1 Datasheet
173Kb / 5P
   PRE-BIASED (R1=R2) SMALL SIGNAL SURFACE MOUNT 100mA PNP TRANSISTOR
DDTA144ELP DIODES-DDTA144ELP_15 Datasheet
408Kb / 5P
   PNP PRE-BIASED (R1=R2) SMALL SIGNAL TRANSISTOR IN DFN1006
More results

Similar Description - DDTA144ELP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDTC114ELP DIODES-DDTC114ELP Datasheet
175Kb / 5P
   PRE-BIASED (R1 = R2) SMALL SIGNALSURFACE MOUNT 100mA NPN TRANSISTOR
DS30945 Rev. 4 - 2
DDTA144ELP DIODES-DDTA144ELP_1 Datasheet
173Kb / 5P
   PRE-BIASED (R1=R2) SMALL SIGNAL SURFACE MOUNT 100mA PNP TRANSISTOR
DDTC114ELP DIODES-DDTC114ELP_1 Datasheet
173Kb / 5P
   PRE-BIASED (R1 = R2) SMALL SIGNAL SURFACE MOUNT 100mA NPN TRANSISTOR
DDTC144ELP DIODES-DDTC144ELP Datasheet
192Kb / 3P
   PRE-BIASED (R1=R2) SMALL SIGNAL SURFACE MOUNT 100mA NPN TRANSISTOR
DDTA144ELP DIODES-DDTA144ELP_15 Datasheet
408Kb / 5P
   PNP PRE-BIASED (R1=R2) SMALL SIGNAL TRANSISTOR IN DFN1006
DDTCXXXXLP DIODES-DDTCXXXXLP Datasheet
550Kb / 8P
   NPN PRE-BIASED (R1≠R2) SMALL SIGNAL IN DFN1006
Rev. 8 - 2 January 2016
DDTC123JLP DIODES-DDTC123JLP_09 Datasheet
207Kb / 7P
   PRE-BIASED SMALL SIGNAL SURFACE MOUNT 100mA NPN TRANSISTOR
DDTC123JLP DIODES-DDTC123JLP Datasheet
263Kb / 7P
   PRE-BIASED SMALL SIGNAL SURFACE MOUNT 100mA NPN TRANSISTOR
DS30755 Rev. 4 - 2
DDTA123EUA DIODES-DDTA123EUA_2 Datasheet
132Kb / 4P
   PNP PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 8 - 2
DDTA114GUA DIODES-DDTA114GUA_2 Datasheet
132Kb / 3P
   PNP PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 6 - 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com