Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DDTC114YLP-7-F Datasheet(PDF) 6 Page - Diodes Incorporated

Part # DDTC114YLP-7-F
Description  PRE-BIASED SMALL SIGNAL SURFACE MOUNT 100mA NPN TRANSISTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDTC114YLP-7-F Datasheet(HTML) 6 Page - Diodes Incorporated

  DDTC114YLP-7-F Datasheet HTML 1Page - Diodes Incorporated DDTC114YLP-7-F Datasheet HTML 2Page - Diodes Incorporated DDTC114YLP-7-F Datasheet HTML 3Page - Diodes Incorporated DDTC114YLP-7-F Datasheet HTML 4Page - Diodes Incorporated DDTC114YLP-7-F Datasheet HTML 5Page - Diodes Incorporated DDTC114YLP-7-F Datasheet HTML 6Page - Diodes Incorporated DDTC114YLP-7-F Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Ordering Information (Note 5)
Device
Marking Code
Packaging
Shipping
DDTC123JLP-7-F
N0
DFN1006-3
3000/Tape & Reel
DDTC143ZLP-7-F
N1
DFN1006-3
3000/Tape & Reel
DDTC114YLP-7-F
N2
DFN1006-3
3000/Tape & Reel
Notes:
5. For Packaging Details, please see below or go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
Nx = Product Type Marking Code, see ordering information above
YM = Date Code Marking
Y = Year e.g. U = 2007
M = Month e.g. 9 = September
Nx
Fig. 22
Date Code Key
Year
2007
2008
2009
2010
2011
2012
Code
U
V
W
X
Y
Z
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Mechanical Details
DFN1006-3
Dim
Min
Max
Typ
A
0.95
1.075
1.00
B
0.55
0.675
0.60
C
0.45
0.55
0.50
D
0.20
0.30
0.25
G
0.47
0.53
0.50
H
0
0.05
0.03
K
0.10
0.20
0.15
L
0.20
0.30
0.25
M
0.35
N
0.40
All Dimensions in mm
D
G
H
B C
L
N
A
M
K
DS30755 Rev. 4 - 2
6 of 7
www.diodes.com
DDTCxxxxLP (R1
≠R2 Series)
© Diodes Incorporated
Suggested Pad Layout: (Based on IPC-SM-782)
Fig. 23
C
X
Y
Z
X
1
G
2
G
1
DFN1006-3
Z
1.1
G1
0.3
G2
0.2
X
0.7
X1
0.25
Y
0.4
C
0.7
All Dimensions in mm
Fig. 24


Similar Part No. - DDTC114YLP-7-F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDTC114YLP-7 DIODES-DDTC114YLP-7 Datasheet
207Kb / 7P
   PRE-BIASED SMALL SIGNAL SURFACE MOUNT 100mA NPN TRANSISTOR
DDTC114YLP-7 DIODES-DDTC114YLP-7 Datasheet
550Kb / 8P
   NPN PRE-BIASED (R1≠R2) SMALL SIGNAL IN DFN1006
Rev. 8 - 2 January 2016
DDTC114YLP-7B DIODES-DDTC114YLP-7B Datasheet
550Kb / 8P
   NPN PRE-BIASED (R1≠R2) SMALL SIGNAL IN DFN1006
Rev. 8 - 2 January 2016
More results

Similar Description - DDTC114YLP-7-F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDTC123JLP DIODES-DDTC123JLP_09 Datasheet
207Kb / 7P
   PRE-BIASED SMALL SIGNAL SURFACE MOUNT 100mA NPN TRANSISTOR
DDTC114ELP DIODES-DDTC114ELP_1 Datasheet
173Kb / 5P
   PRE-BIASED (R1 = R2) SMALL SIGNAL SURFACE MOUNT 100mA NPN TRANSISTOR
DDTC144ELP DIODES-DDTC144ELP Datasheet
192Kb / 3P
   PRE-BIASED (R1=R2) SMALL SIGNAL SURFACE MOUNT 100mA NPN TRANSISTOR
DDTC113TUA DIODES-DDTC113TUA_2 Datasheet
130Kb / 3P
   NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 7 - 2
ADTC114YUAQ DIODES-ADTC114YUAQ Datasheet
457Kb / 7P
   NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 1 - 2 October 2017
ADTC143TCAQ DIODES-ADTC143TCAQ Datasheet
275Kb / 7P
   NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 2 - 2 September 2017
ADTC143ZUAQ DIODES-ADTC143ZUAQ Datasheet
381Kb / 7P
   NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 2 - 2 September 2017
ADTC143TUAQ DIODES-ADTC143TUAQ Datasheet
371Kb / 7P
   NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 1 - 2 September 2016
DDTC113TE DIODES-DDTC113TE_2 Datasheet
177Kb / 4P
   NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 6 - 2
ADTC114ECAQ DIODES-ADTC114ECAQ Datasheet
336Kb / 7P
   NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 1 - 2 September 2017
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com