Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DDC144NS Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DDC144NS
Description  100mA PRE-BIASED TRANSISTOR ARRAY USING DUAL NPN TRANSISTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDC144NS Datasheet(HTML) 4 Page - Diodes Incorporated

  DDC144NS Datasheet HTML 1Page - Diodes Incorporated DDC144NS Datasheet HTML 2Page - Diodes Incorporated DDC144NS Datasheet HTML 3Page - Diodes Incorporated DDC144NS Datasheet HTML 4Page - Diodes Incorporated DDC144NS Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DS30747 Rev. 4 - 2
4 of 5
DDC144NS
www.diodes.com
Ordering Information (Note 4)
Device
Marking Code
Packaging
Shipping
DDC144NS-7
S20
SOT-363
3000/Tape & Reel
Notes:
4. For Packaging Details, please see page 5 or go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
S20
S20 = Product Type Marking Code,
YM = Date Code Marking
Y = Year, e.g., T = 2006
M = Month, e.g., 9 = September
Fig. 13
Date Code Key
Month
Jan
Feb
March
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
12
3
4
5
6
7
89
O
N
D
Year
2005
2006
2007
2008
2009
2010
2011
2012
Code
S
TU
V
W
XY
Z


Similar Part No. - DDC144NS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDC144NS DIODES-DDC144NS Datasheet
278Kb / 4P
   DUAL NPN PRE-BIASED TRANSISTOR
DDC144NS DIODES-DDC144NS_1 Datasheet
278Kb / 4P
   DUAL NPN PRE-BIASED TRANSISTOR
More results

Similar Description - DDC144NS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDC144NS DIODES-DDC144NS_1 Datasheet
278Kb / 4P
   DUAL NPN PRE-BIASED TRANSISTOR
UMG4N DIODES-UMG4N Datasheet
229Kb / 3P
   DUAL NPN PRE-BIASED TRANSISTOR
DEMD48 DIODES-DEMD48 Datasheet
270Kb / 4P
   DUAL NPN/PNP PRE-BIASED TRANSISTOR
DDTC123JLP DIODES-DDTC123JLP_09 Datasheet
207Kb / 7P
   PRE-BIASED SMALL SIGNAL SURFACE MOUNT 100mA NPN TRANSISTOR
DDTC123JLP DIODES-DDTC123JLP Datasheet
263Kb / 7P
   PRE-BIASED SMALL SIGNAL SURFACE MOUNT 100mA NPN TRANSISTOR
DS30755 Rev. 4 - 2
ADC124EUQ DIODES-ADC124EUQ Datasheet
442Kb / 6P
   NPN PRE-BIASED DUAL TRANSISTOR IN SOT363
Rev. 3 - 2 April 2021
ADC144EUQ DIODES-ADC144EUQ Datasheet
444Kb / 6P
   NPN PRE-BIASED DUAL TRANSISTOR IN SOT363
Rev. 2 - 2 May 2021
ADC114EUQ DIODES-ADC114EUQ Datasheet
479Kb / 6P
   NPN PRE-BIASED DUAL TRANSISTOR IN SOT363
Rev. 2 - 2 April 2021
ADC143ZUQ DIODES-ADC143ZUQ Datasheet
483Kb / 6P
   NPN PRE-BIASED DUAL TRANSISTOR IN SOT363
Rev. 3 - 2 May 2021
ADC114YUQ DIODES-ADC114YUQ Datasheet
442Kb / 6P
   NPN PRE-BIASED DUAL TRANSISTOR IN SOT363
Rev. 3 - 2 April 2021
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com