Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DZT853 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DZT853
Description  NPN SURFACE MOUNT TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DZT853 Datasheet(HTML) 2 Page - Diodes Incorporated

  DZT853 Datasheet HTML 1Page - Diodes Incorporated DZT853 Datasheet HTML 2Page - Diodes Incorporated DZT853 Datasheet HTML 3Page - Diodes Incorporated DZT853 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Characteristics @T
A = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS
Collector-Base Breakdown Voltage
V(BR)CBO
200
V
IC = 100μA, IE = 0
Collector-Emitter Breakdown Voltage
V(BR)CEO
100
V
IC = 10mA*, IB = 0
B
Emitter-Base Breakdown Voltage
V(BR)EBO
6
V
IE = 100μA, IC = 0
Collector Cutoff Current
ICBO
10
1
nA
μA
VCB = 150V, IE = 0
VCB = 150V, IE = 0, TA = 100°C
Emitter Cutoff Current
IEBO
10
nA
VEB = 6V, IC = 0
ON CHARACTERISTICS
Collector-Emitter Saturation Voltage
VCE(SAT)
50
150
340
mV
IC = 0.1A, IB = 5mA*
I
B
C = 2A, IBB = 100mA*
IC = 5A, IB = 500mA*
B
Base-Emitter Saturation Voltage
VBE(SAT)
1250
mV
IC = 5A, IB = 500mA*
B
Base-Emitter Turn-On Voltage
VBE(ON)
1100
mV
ICE = 5A, VCE = 2V*
DC Current Gain
hFE
100
100
50
20
300
IC = 10mA, VCE = 2V*
IC = 2A, VCE = 2V*
IC = 4A, VCE = 2V*
IC = 10A, VCE = 2V*
SMALL SIGNAL CHARACTERISTICS
Current Gain-Bandwidth Product
fT
130
MHz
IC = 100mA, VCE = 10V,
f = 50MHz
Output Capacitance
Cobo
35
pF
VCB = 10V, f = 1MHz
SWITCHING CHARACTERISTICS
Switching Times
ton
toff
50
1650
ns
ns
IC = 1A, VCC = 10V
IB1 = IB2 = 100mA
*
Measured under pulsed conditions. Pulse width = 300
μs. Duty cycle ≤2%
Typical Characteristics @T
amb = 25°C unless otherwise specified
Fig. 1 Power Dissipation vs. Ambient Temperature (Note 3)
Fig. 2 Collector Current vs. Collector Emitter-Voltage
Notes:
3.
Device mounted on FR-4 PCB, pad layout as shown on page 4.
DS30737 Rev. 3 - 2
2 of 4
www.diodes.com
DZT853
© Diodes Incorporated


Similar Part No. - DZT853

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DZT851 DIODES-DZT851 Datasheet
179Kb / 4P
   NPN SURFACE MOUNT TRANSISTOR
DS30738 Rev. 3 - 2
DZT851-13 DIODES-DZT851-13 Datasheet
179Kb / 4P
   NPN SURFACE MOUNT TRANSISTOR
DS30738 Rev. 3 - 2
More results

Similar Description - DZT853

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DCP68 DIODES-DCP68_15 Datasheet
197Kb / 4P
   NPN SURFACE MOUNT TRANSISTOR
DCP55 DIODES-DCP55 Datasheet
361Kb / 4P
   NPN SURFACE MOUNT TRANSISTOR
2DD2150R DIODES-2DD2150R Datasheet
153Kb / 4P
   NPN SURFACE MOUNT TRANSISTOR
DXT3150 DIODES-DXT3150 Datasheet
206Kb / 3P
   NPN SURFACE MOUNT TRANSISTOR
DCX54 DIODES-DCX54 Datasheet
229Kb / 4P
   NPN SURFACE MOUNT TRANSISTOR
DZT2222A DIODES-DZT2222A_15 Datasheet
242Kb / 4P
   NPN SURFACE MOUNT TRANSISTOR
DZT3150 DIODES-DZT3150 Datasheet
233Kb / 4P
   NPN SURFACE MOUNT TRANSISTOR
DS30785 Rev. 3 - 2
DCP56 DIODES-DCP56 Datasheet
203Kb / 4P
   NPN SURFACE MOUNT TRANSISTOR
DZT491 DIODES-DZT491 Datasheet
259Kb / 4P
   NPN SURFACE MOUNT TRANSISTOR
DXTA42 DIODES-DXTA42 Datasheet
155Kb / 4P
   NPN SURFACE MOUNT TRANSISTOR
2DD1621T DIODES-2DD1621T Datasheet
211Kb / 4P
   NPN SURFACE MOUNT TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com