Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM29LV065MU90RFI Datasheet(PDF) 9 Page - Advanced Micro Devices

Part # AM29LV065MU90RFI
Description  64 Megabit (8 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV065MU90RFI Datasheet(HTML) 9 Page - Advanced Micro Devices

Back Button AM29LV065MU90RFI Datasheet HTML 5Page - Advanced Micro Devices AM29LV065MU90RFI Datasheet HTML 6Page - Advanced Micro Devices AM29LV065MU90RFI Datasheet HTML 7Page - Advanced Micro Devices AM29LV065MU90RFI Datasheet HTML 8Page - Advanced Micro Devices AM29LV065MU90RFI Datasheet HTML 9Page - Advanced Micro Devices AM29LV065MU90RFI Datasheet HTML 10Page - Advanced Micro Devices AM29LV065MU90RFI Datasheet HTML 11Page - Advanced Micro Devices AM29LV065MU90RFI Datasheet HTML 12Page - Advanced Micro Devices AM29LV065MU90RFI Datasheet HTML 13Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 62 page
background image
September 12, 2006
Am29LV065MU
7
DA TA
SH EET
CONNECTION DIAGRAMS
Special Package Handling Instructions
Special handling is required for Flash Memory products
in molded packages (TSOP, BGA, SSOP, PLCC,
PDIP). The package and/or data integrity may be
compromised if the package body is exposed to
temperatures above 150
°C for prolonged periods of
time.
C2
D2
C3
D3
E2
E3
F2
F3
G2
G3
H2
H3
J2
J3
K2
A3
A4
A2
A1
A0
CE#
OE#
VSS
A7
A18
A6
A5
DQ0
NC
NC
DQ1
RY/BY#
ACC
NC
NC
DQ2
DQ3
VIO
A21
WE#
RESET#
A22
NC
DQ5
NC
VCC
DQ4
A9
A8
A11
A12
A19
A10
DQ6
DQ7
A14
A13
A15
A16
A17
NC
A20
VSS
C4
D4
E4
A1
B1
A2
NC*
NC*
NC*
F4
G4
H4
J4
K4
C5
D5
E5
F5
G5
H5
J5
K5
C6
D6
E6
F6
G6
H6
J6
K6
C7
D7
E7
NC*
NC*
NC*
NC*
A7
B7
A8
B8
F7
G7
H7
J7
K7
NC*
NC*
NC*
NC*
L7
M7
L8
M8
K3
L1
L2
M1
NC*
NC*
NC*
NC*
M2
* Balls are shorted together via the substrate but not connected to the die.
63-Ball FBGA
Top View, Balls Facing Down


Similar Part No. - AM29LV065MU90RFI

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29LV065MU90RFI AMD-AM29LV065MU90RFI Datasheet
499Kb / 11P
   64 Megabit (8 M x 8-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
More results

Similar Description - AM29LV065MU90RFI

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29LV065M AMD-AM29LV065M Datasheet
499Kb / 11P
   64 Megabit (8 M x 8-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
logo
SPANSION
AM29LV640MH SPANSION-AM29LV640MH Datasheet
1Mb / 62P
   64 Megabit (4 M x 16-Bit/8 M x 8-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
logo
Advanced Micro Devices
AM29LV640MH AMD-AM29LV640MH Datasheet
1Mb / 62P
   64 Megabit (4 M x 16-Bit/8 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
logo
SPANSION
AM29LV033MU SPANSION-AM29LV033MU_06 Datasheet
1Mb / 61P
   32 Megabit (4 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
logo
Advanced Micro Devices
AM29LV033MU AMD-AM29LV033MU Datasheet
1Mb / 56P
   32 Megabit (4 M x 8-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
AM29LV641MH AMD-AM29LV641MH Datasheet
1Mb / 60P
   64 Megabit (4 M x 16-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
AM29LV640MU AMD-AM29LV640MU_02 Datasheet
1Mb / 54P
   64 Megabit (4 M x 16-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
AM29LV640MU AMD-AM29LV640MU_07 Datasheet
1Mb / 59P
   64 Megabit (4 M x 16-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
logo
SPANSION
AM29LV641MH SPANSION-AM29LV641MH Datasheet
1Mb / 60P
   64 Megabit (4 M x 16-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
AM29LV128ML113REI SPANSION-AM29LV128ML113REI Datasheet
1Mb / 66P
   128 Megabit (8 M x 16-Bit/16 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com