Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L200BB55RI Datasheet(PDF) 9 Page - Advanced Micro Devices

Part # L200BB55RI
Description  2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

L200BB55RI Datasheet(HTML) 9 Page - Advanced Micro Devices

Back Button L200BB55RI Datasheet HTML 5Page - Advanced Micro Devices L200BB55RI Datasheet HTML 6Page - Advanced Micro Devices L200BB55RI Datasheet HTML 7Page - Advanced Micro Devices L200BB55RI Datasheet HTML 8Page - Advanced Micro Devices L200BB55RI Datasheet HTML 9Page - Advanced Micro Devices L200BB55RI Datasheet HTML 10Page - Advanced Micro Devices L200BB55RI Datasheet HTML 11Page - Advanced Micro Devices L200BB55RI Datasheet HTML 12Page - Advanced Micro Devices L200BB55RI Datasheet HTML 13Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
October 10, 2006 21521D6
Am29LV200B
7
D A TA SH EE T
PIN CONFIGURATION
A0–A16
=
17 addresses
DQ0–DQ14 =
15 data inputs/outputs
DQ15/A-1
=
DQ15 (data input/output, word mode),
A-1 (LSB address input, byte mode)
BYTE#
=
Selects 8-bit or 16-bit mode
CE#
=
Chip enable
OE#
=
Output enable
WE#
=
Write enable
RESET#
=
Hardware reset pin, active low
RY/BY#
=
Ready/Busy# output
VCC
=
3.0 volt-only single power supply
(see Product Selector Guide for speed
options and voltage supply tolerances)
VSS
=
Device ground
NC
=
Pin not connected internally
LOGIC SYMBOL
17
16 or 8
DQ0–DQ15
(A-1)
A0–A16
CE#
OE#
WE#
RESET#
BYTE#
RY/BY#


Similar Part No. - L200BB55RI

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L200 STMICROELECTRONICS-L200 Datasheet
165Kb / 12P
   ADJUSTABLE VOLTAGE AND CURRENT REGULATOR
logo
LEDTRONICS, INC
L200-0IW-20D LEDTRONICS-L200-0IW-20D Datasheet
57Kb / 3P
   L200-0IW-20D
L200-0IW-40D LEDTRONICS-L200-0IW-40D Datasheet
58Kb / 3P
   L200-0IW-40D
L200-0WW-20D LEDTRONICS-L200-0WW-20D Datasheet
54Kb / 3P
   L200-0WW-20D
logo
List of Unclassifed Man...
L200-TC ETC2-L200-TC Datasheet
1Mb / 2P
   LABFACILITY L200 USB HIGH PRECISION DIGITAL THERMOMETER/DATA LOGGER
More results

Similar Description - L200BB55RI

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29LV200 AMD-AM29LV200 Datasheet
478Kb / 37P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV200B AMD-AM29LV200B Datasheet
43Kb / 7P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29F200 AMD-AM29F200 Datasheet
519Kb / 39P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
AM29F200B AMD-AM29F200B_06 Datasheet
810Kb / 41P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
AM29F200A AMD-AM29F200A Datasheet
475Kb / 39P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
AM29LV002 AMD-AM29LV002 Datasheet
448Kb / 34P
   2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
AM29LV002B AMD-AM29LV002B_06 Datasheet
685Kb / 41P
   2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV200B AMD-AM29LV200B_03 Datasheet
295Kb / 11P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory, Die Revison 1
AM29LV400 AMD-AM29LV400 Datasheet
516Kb / 40P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV400B AMD-AM29LV400B_03 Datasheet
382Kb / 14P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com