Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KD3003-DF10A Datasheet(PDF) 1 Page - Rohm

Part # KD3003-DF10A
Description  Compact high speed thick film thermal printhead (12 dots / mm)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

KD3003-DF10A Datasheet(HTML) 1 Page - Rohm

  KD3003-DF10A Datasheet HTML 1Page - Rohm KD3003-DF10A Datasheet HTML 2Page - Rohm KD3003-DF10A Datasheet HTML 3Page - Rohm KD3003-DF10A Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
KD3004-DC70A
Printhead
1/3
Thick film thermal printhead
(with thermal historical control)
KD3004-DC70A
DC70 series has our own internally developed heat-history control function.
This product is best suited for applications which require 24 hours operation like factory production lines.
Applications
High speed label printer
High speed bar code printer
High speed ticket printer
Various high speed terminal printers
Features
1) Newly developed thick-film fast response thermal element and driver LSI with the function of thermal history control
which is added the future history control are employed for this series. It is possible to print with super high speed of 10
inches / s or 250 mm / s.
2) 150km life realized by attributing durable new protection film.
3) New partial glaze construction makes it compatible with the thermal transfer application.
External dimensions (Unit : mm)
Max.12
40
±0.3
Max.5.5
(5)
6.1±0.4
15±0.3
14.208±0.2
80±0.3
95±0.3
118
Dot #1
(4.792)
Dot #1280
108.416(Effective Print Width)
LABEL
3-M3(Effective Depth 3)
φ3H10 (Effective Depth 3)
φ3H10 Length 4 (Effective Depth 3)
(19)
#1
#6
#20
#19
CONNECTOR B
#1
#2
CONNECTOR A


Similar Part No. - KD3003-DF10A

ManufacturerPart #DatasheetDescription
logo
Rohm
KD3003-DF10A ROHM-KD3003-DF10A Datasheet
63Kb / 4P
   Compact high speed thick film thermal printhead (12 dots / mm)
KD3003-DF10A ROHM-KD3003-DF10A Datasheet
83Kb / 5P
   Compact high speed thick film thermal printhead (12 dots / mm)
KD3003-DF10A ROHM-KD3003-DF10A_07 Datasheet
83Kb / 5P
   Compact high speed thick film thermal printhead (12 dots / mm)
More results

Similar Description - KD3003-DF10A

ManufacturerPart #DatasheetDescription
logo
Rohm
KD3003-DF10A ROHM-KD3003-DF10A Datasheet
63Kb / 4P
   Compact high speed thick film thermal printhead (12 dots / mm)
KD3004-DF10A ROHM-KD3004-DF10A_07 Datasheet
84Kb / 5P
   Compact high speed thick film thermal printhead (12 dots / mm)
KF3002-GD31A ROHM-KF3002-GD31A Datasheet
90Kb / 5P
   Compact high speed thick film thermal printhead (12 dots / mm)
KF3004-GD31A ROHM-KF3004-GD31A Datasheet
89Kb / 5P
   Compact high speed thick film thermal printhead (12 dots / mm)
KD3002-DF10A ROHM-KD3002-DF10A_07 Datasheet
84Kb / 5P
   Compact high speed thick film thermal printhead (12 dots / mm)
KD3002-DF10A ROHM-KD3002-DF10A Datasheet
64Kb / 5P
   Compact high speed thick film thermal printhead (12 dots / mm)
KF3003-GD31A ROHM-KF3003-GD31A Datasheet
87Kb / 5P
   Compact high speed thick film thermal printhead (12 dots / mm)
KD3003-DF10A ROHM-KD3003-DF10A_07 Datasheet
83Kb / 5P
   Compact high speed thick film thermal printhead (12 dots / mm)
KD3004-DF10A ROHM-KD3004-DF10A Datasheet
64Kb / 5P
   Compact high speed thick film thermal printhead (12 dots / mm)
KD2003-DF10A ROHM-KD2003-DF10A Datasheet
62Kb / 5P
   Compact medium speed thick film thermal printhead (8 dots / mm)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com