Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM29BL162CB-35DWH1 Datasheet(PDF) 5 Page - SPANSION

Part # AM29BL162CB-35DWH1
Description  16 Megabit (1 M x 16-Bit) CMOS 3.0 Volt-only, Burst-Mode, Boot Sector Flash Memory-Die Revision 1
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29BL162CB-35DWH1 Datasheet(HTML) 5 Page - SPANSION

  AM29BL162CB-35DWH1 Datasheet HTML 1Page - SPANSION AM29BL162CB-35DWH1 Datasheet HTML 2Page - SPANSION AM29BL162CB-35DWH1 Datasheet HTML 3Page - SPANSION AM29BL162CB-35DWH1 Datasheet HTML 4Page - SPANSION AM29BL162CB-35DWH1 Datasheet HTML 5Page - SPANSION AM29BL162CB-35DWH1 Datasheet HTML 6Page - SPANSION AM29BL162CB-35DWH1 Datasheet HTML 7Page - SPANSION AM29BL162CB-35DWH1 Datasheet HTML 8Page - SPANSION AM29BL162CB-35DWH1 Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
4
Am29BL162C Known Good Die
SU PPL EMEN T
AC CHARACTERISTICS
Burst Mode Read
Note: Initial valid data will be output after second clock rising edge of LBA# assertion.
Parameter
Description
Speed Options and
Temperature Ranges
Unit
JEDEC
Std.
80R
tIACC
Initial Access Time
LBA# Valid Clock to Output Delay (See Note)
Max
80
ns
tBACC
Burst Access Time
BAA# Valid Clock to Output Delay
Max
24
ns
tLBAS
LBA# Setup Time
Min
6
ns
tLBAH
LBA# Hold Time
Min
2
ns
tBAAS
BAA# Setup Time
Min
6
ns
tBAAH
BAA# Hold Time
Min
2
ns
tBDH
Data Hold Time from Next Clock Cycle
Max
4
ns
tACS
Address Setup Time to CLK
(See Note)
Min
6
ns
tACH
Address Hold Time from CLK
(See Note)
Min
2
ns
tOE
Output Enable to Output Valid
Max
24
ns
tOEZ
Output Enable to Output High Z
Max
25
ns
tCEZ
Chip Enable to Output High Z
Min
25
ns
tCES
CE# Setup Time to Clock
Min
6
ns


Similar Part No. - AM29BL162CB-35DWH1

ManufacturerPart #DatasheetDescription
logo
SPANSION
AM29BL162CB-120R SPANSION-AM29BL162CB-120R Datasheet
839Kb / 50P
   16 Megabit (1 M x 16-Bit) CMOS 3.0 Volt-only Burst Mode Flash Memory
logo
Advanced Micro Devices
AM29BL162CB-120RZE AMD-AM29BL162CB-120RZE Datasheet
821Kb / 52P
   16 Megabit (1 M x 16-Bit) CMOS 3.0 Volt-only Burst Mode Flash Memory
AM29BL162CB-120RZF AMD-AM29BL162CB-120RZF Datasheet
821Kb / 52P
   16 Megabit (1 M x 16-Bit) CMOS 3.0 Volt-only Burst Mode Flash Memory
AM29BL162CB-120RZI AMD-AM29BL162CB-120RZI Datasheet
821Kb / 52P
   16 Megabit (1 M x 16-Bit) CMOS 3.0 Volt-only Burst Mode Flash Memory
AM29BL162CB-120RZK AMD-AM29BL162CB-120RZK Datasheet
821Kb / 52P
   16 Megabit (1 M x 16-Bit) CMOS 3.0 Volt-only Burst Mode Flash Memory
More results

Similar Description - AM29BL162CB-35DWH1

ManufacturerPart #DatasheetDescription
logo
SPANSION
AM29BL802C SPANSION-AM29BL802C_03 Datasheet
290Kb / 17P
   8 Megabit (512 K x 16-Bit) CMOS 3.0 Volt-only, Burst-mode, Boot Sector Flash Memory-Die Revision 1
AM29BL162C SPANSION-AM29BL162C Datasheet
839Kb / 50P
   16 Megabit (1 M x 16-Bit) CMOS 3.0 Volt-only Burst Mode Flash Memory
logo
Advanced Micro Devices
AM29BL162C AMD-AM29BL162C Datasheet
821Kb / 52P
   16 Megabit (1 M x 16-Bit) CMOS 3.0 Volt-only Burst Mode Flash Memory
AM29LV800B-1 AMD-AM29LV800B-1 Datasheet
80Kb / 9P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory-Die Revision 1
AM29LV160B AMD-AM29LV160B Datasheet
649Kb / 46P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Excel Semiconductor Inc...
ES29LV160F EXCELSEMI-ES29LV160F Datasheet
1Mb / 71P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LV160B AMD-AM29LV160B_05 Datasheet
1Mb / 54P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
S29AL016J SPANSION-S29AL016J Datasheet
1Mb / 58P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LV160D AMD-AM29LV160D Datasheet
1Mb / 49P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV160D AMD-AM29LV160D_06 Datasheet
1Mb / 52P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com