Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM29LV320DT50EV Datasheet(PDF) 9 Page - Advanced Micro Devices

Part # AM29LV320DT50EV
Description  32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV320DT50EV Datasheet(HTML) 9 Page - Advanced Micro Devices

Back Button AM29LV320DT50EV Datasheet HTML 5Page - Advanced Micro Devices AM29LV320DT50EV Datasheet HTML 6Page - Advanced Micro Devices AM29LV320DT50EV Datasheet HTML 7Page - Advanced Micro Devices AM29LV320DT50EV Datasheet HTML 8Page - Advanced Micro Devices AM29LV320DT50EV Datasheet HTML 9Page - Advanced Micro Devices AM29LV320DT50EV Datasheet HTML 10Page - Advanced Micro Devices AM29LV320DT50EV Datasheet HTML 11Page - Advanced Micro Devices AM29LV320DT50EV Datasheet HTML 12Page - Advanced Micro Devices AM29LV320DT50EV Datasheet HTML 13Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 57 page
background image
December 14, 2005
Am29LV320D
7
DA TA SH EET
CONNECTION DIAGRAMS
Special Package Handling Instructions
Special handling is required for Flash Memory prod-
ucts in molded (TSOP, BGA) packages.
The package and/or data integrity may be compro-
mised if the package body is exposed to temperatures
above 150
°C for prolonged periods of time.
A1
B1
C1
D1
E1
F1
G1
H1
A2
B2
C2
D2
E2
F2
G2
H2
A3
B3
C3
D3
E3
F3
G3
H3
A4
B4
C4
D4
E4
F4
G4
H4
A5
B5
C5
D5
E5
F5
G5
H5
A6
B6
C6
D6
E6
F6
G6
H6
DQ15/A-1
VSS
BYTE#
A16
A15
A14
A12
A13
DQ13
DQ6
DQ14
DQ7
A11
A10
A8
A9
VCC
DQ4
DQ12
DQ5
A19
NC
RESET#
WE#
DQ11
DQ3
DQ10
DQ2
A20
A18
WP#/ACC
RY/BY#
DQ9
DQ1
DQ8
DQ0
A5
A6
A17
A7
OE#
VSS
CE#
A0
A1
A2
A4
A3
48-Ball FBGA
Top View, Balls Facing Down


Similar Part No. - AM29LV320DT50EV

ManufacturerPart #DatasheetDescription
logo
SPANSION
AM29LV320DT90EC SPANSION-AM29LV320DT90EC Datasheet
887Kb / 55P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
AM29LV320DT90ED SPANSION-AM29LV320DT90ED Datasheet
887Kb / 55P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
AM29LV320DT90EF SPANSION-AM29LV320DT90EF Datasheet
887Kb / 55P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
AM29LV320DT90EI SPANSION-AM29LV320DT90EI Datasheet
887Kb / 55P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
AM29LV320DT90EV SPANSION-AM29LV320DT90EV Datasheet
887Kb / 55P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
More results

Similar Description - AM29LV320DT50EV

ManufacturerPart #DatasheetDescription
logo
SPANSION
AM29LV320D SPANSION-AM29LV320D Datasheet
887Kb / 55P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LV320MT AMD-AM29LV320MT Datasheet
946Kb / 61P
   32 Megabit (2 M x 16-Bit/4 M x 8-Bit) MirrorBit 3.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
AM29LV320MT SPANSION-AM29LV320MT_07 Datasheet
1Mb / 63P
   32 Megabit (2 M x 16-Bit/4 M x 8-Bit) MirrorBit??3.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LVI16D AMD-AM29LVI16D Datasheet
863Kb / 44P
   16 Megabit (2 M x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV116D AMD-AM29LV116D_06 Datasheet
755Kb / 43P
   16 Megabit (2 M x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV116B AMD-AM29LV116B Datasheet
544Kb / 40P
   16 Megabit (2 M x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV160B AMD-AM29LV160B Datasheet
649Kb / 46P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Excel Semiconductor Inc...
ES29LV160F EXCELSEMI-ES29LV160F Datasheet
1Mb / 71P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LV160B AMD-AM29LV160B_05 Datasheet
1Mb / 54P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
S29AL016J SPANSION-S29AL016J Datasheet
1Mb / 58P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com