Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM29F002NBT-90PI Datasheet(PDF) 7 Page - Advanced Micro Devices

Part # AM29F002NBT-90PI
Description  2 Megabit (256 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F002NBT-90PI Datasheet(HTML) 7 Page - Advanced Micro Devices

Back Button AM29F002NBT-90PI Datasheet HTML 3Page - Advanced Micro Devices AM29F002NBT-90PI Datasheet HTML 4Page - Advanced Micro Devices AM29F002NBT-90PI Datasheet HTML 5Page - Advanced Micro Devices AM29F002NBT-90PI Datasheet HTML 6Page - Advanced Micro Devices AM29F002NBT-90PI Datasheet HTML 7Page - Advanced Micro Devices AM29F002NBT-90PI Datasheet HTML 8Page - Advanced Micro Devices AM29F002NBT-90PI Datasheet HTML 9Page - Advanced Micro Devices AM29F002NBT-90PI Datasheet HTML 10Page - Advanced Micro Devices AM29F002NBT-90PI Datasheet HTML 11Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
November 1, 2006 21527D5
Am29F002B/Am29F002NB
5
D A TA
SH EE T
CONNECTION DIAGRAMS
3
4
5
2
1
9
10
11
12
13
27
26
25
24
23
7
8
22
21
6
32
31
20
14
30
29
28
15
16
19
18
17
A6
A5
A4
A3
A2
A1
A0
A16
DQ0
A15
A12
A7
DQ1
DQ2
VSS
A8
A9
A11
OE#
A10
CE#
DQ7
VCC
WE#
DQ6
A17
A14
A13
DQ5
DQ4
DQ3
RESET#
1
16
2
3
4
5
6
7
8
9
10
11
12
13
14
15
32
17
31
30
29
28
27
26
25
24
23
22
21
20
19
18
A11
A9
A8
A13
A14
A17
WE#
VCC
RESET#
A16
A15
A12
A7
A6
A5
A4
OE#
A10
CE#
DQ7
DQ6
DQ5
DQ4
DQ3
VSS
DQ2
DQ1
DQ0
A0
A1
A2
A3
1
31 30
2
3
4
5
6
7
8
9
10
11
12
13
17 18 19 20
16
15
14
29
28
27
26
25
24
23
22
21
32
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
A14
A13
A8
A9
A11
OE#
A10
CE#
DQ7
PDIP
Standard TSOP
PLCC
NC on Am29F002NB
NC on Am29F002NB
NC on Am29F002NB


Similar Part No. - AM29F002NBT-90PI

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29F002NBT-90 AMD-AM29F002NBT-90 Datasheet
792Kb / 40P
   2 Megabit (256 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
More results

Similar Description - AM29F002NBT-90PI

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29F002 AMD-AM29F002 Datasheet
436Kb / 37P
   2 Megabit (256 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
AM29F002B AMD-AM29F002B Datasheet
792Kb / 40P
   2 Megabit (256 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
AM29LV002 AMD-AM29LV002 Datasheet
448Kb / 34P
   2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
AM29F200 AMD-AM29F200 Datasheet
519Kb / 39P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
AM29F200B AMD-AM29F200B_06 Datasheet
810Kb / 41P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
AM29LV002B AMD-AM29LV002B_06 Datasheet
685Kb / 41P
   2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29F200A AMD-AM29F200A Datasheet
475Kb / 39P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
AM29F400B AMD-AM29F400B_00 Datasheet
911Kb / 42P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
AM29F400B AMD-AM29F400B Datasheet
515Kb / 37P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
AM29F400B SPANSION-AM29F400B_09 Datasheet
862Kb / 43P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com