Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DN350T05 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DN350T05
Description  NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DN350T05 Datasheet(HTML) 2 Page - Diodes Incorporated

  DN350T05 Datasheet HTML 1Page - Diodes Incorporated DN350T05 Datasheet HTML 2Page - Diodes Incorporated DN350T05 Datasheet HTML 3Page - Diodes Incorporated DN350T05 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DS30625 Rev. 7 - 2
2 of 4
DN350T05
www.diodes.com
Ordering Information
Device
Packaging
Shipping
DN350T05-7
SOT-23
3000/Tape & Reel
Marking Information
K3S
K3S = Product Type Marking Code
YM = Date Code Marking
Y = Year ex: S = 2005
M = Month ex: 9 = September
Date Code Key
Month
Jan
Feb
March
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
(Note 5)
Note:
5. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Characteristic
Symbol
Min
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 4)
Collector-Base Breakdown Voltage
V(BR)CBO
350
¾
V
IC = 100mA, IE = 0
Collector-Emitter Breakdown Voltage
V(BR)CEO
350
¾
V
IC = 1.0mA, IB = 0
Emitter-Base Breakdown Voltage
V(BR)EBO
5.0
¾
V
IE = 10mA, IC = 0
Collector Cutoff Current
ICBO
¾
50
nA
VCB = 250V, IE = 0
Collector Cutoff Current
IEBO
¾
50
nA
VCE = 5V, IC = 0
ON CHARACTERISTICS (Note 4)
DC Current Gain
hFE
20
30
30
20
15
¾
¾
200
200
¾
¾
IC = 1.0mA, VCE = 10V
IC = 10mA, VCE = 10V
IC = 30mA, VCE = 10V
IC = 50mA, VCE = 10V
IC = 100mA,VCE = 10V
Collector-Emitter Saturation Voltage
VCE(SAT)
¾
¾
¾
¾
0.30
0.35
0.50
1.0
V
IC = 10mA, IB = 1.0mA
IC = 20mA, IB = 2.0mA
IC = 30mA, IB = 3.0mA
IC = 50mA, IB = 5.0mA
Base-Emitter Saturation Voltage
VBE(SAT)
¾
¾
¾
0.75
0.80
0.90
V
IC = 10mA, IB = 1.0mA
IC = 20mA, IB = 2.0mA
IC = 30mA, IB = 3.0mA
Base-Emitter On Voltage
VBE(ON)
¾
2.0
V
IC = 100mA, VCE = 10V
SMALL SIGNAL CHARACTERISTICS
Output Capacitance
Cobo
¾
7.0
pF
VCB = 20V, f = 1.0MHz, IE = 0
Transition Frequency
fT
50
¾
MHz
VCE = 10V, IC = 20mA
Note:
4. Short duration pulse test used to minimize self-heating effect.
Electrical Characteristics @ TA = 25°C unless otherwise specified
Year
2005
2006
2007
2008
2009
2010
2011
2012
Code
S
T
U
V
W
X
Y
Z


Similar Part No. - DN350T05

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DN350T05 DIODES-DN350T05 Datasheet
129Kb / 4P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DN350T05-7 DIODES-DN350T05-7 Datasheet
129Kb / 4P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DN350T05 DIODES-DN350T05_1 Datasheet
129Kb / 4P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DN350T05 DIODES-DN350T05_15 Datasheet
129Kb / 4P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
More results

Similar Description - DN350T05

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBT3904 DIODES-MMBT3904 Datasheet
55Kb / 3P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30036 Rev. 11 - 2
MMBT4124 DIODES-MMBT4124 Datasheet
42Kb / 2P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30105 Rev. 5 - 2
MMBT5551 DIODES-MMBT5551_1 Datasheet
419Kb / 4P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30061 Rev. 9 - 2
MMST3904 DIODES-MMST3904_1 Datasheet
441Kb / 4P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30082 Rev. 10 - 2
MMSTA42 DIODES-MMSTA42_1 Datasheet
204Kb / 4P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30175 Rev. 9 - 2
logo
Transys Electronics
MMBT3904 TRSYS-MMBT3904 Datasheet
200Kb / 2P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
MMBT5551 TRSYS-MMBT5551 Datasheet
170Kb / 2P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Diodes Incorporated
BC847BLP DIODES-BC847BLP Datasheet
99Kb / 4P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30525 Rev. 7 - 2
MMBT4124 DIODES-MMBT4124_15 Datasheet
79Kb / 3P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
MMST4401 DIODES-MMST4401_15 Datasheet
141Kb / 4P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
BC817-16 DIODES-BC817-16_09 Datasheet
113Kb / 4P
   NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS11107 Rev. 18 - 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com