Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC817-40W-7 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # BC817-40W-7
Description  NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BC817-40W-7 Datasheet(HTML) 2 Page - Diodes Incorporated

  BC817-40W-7 Datasheet HTML 1Page - Diodes Incorporated BC817-40W-7 Datasheet HTML 2Page - Diodes Incorporated BC817-40W-7 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS30575 Rev. 4 - 2
2 of 3
BC817-16W / -25W / -40W
www.diodes.com
10
100
1000
1
10
100
1000
I , COLLECTOR CURRENT (mA)
C
Fig. 2, Gain-Bandwidth Product vs Collector Current
T = 25
°C
A
f = 20MHz
V
= 5V
CE
1V
0
0.1
0.2
0.3
0.4
0.5
1
10
I , COLLECTOR CURRENT (mA)
C
Fig. 3, Collector Sat. Voltage vs Collector Current
typical
limits
at T = 25
°C
A
I / I = 10
C
B
150
°C
25
°C
-50
°C
100
1000
0.1
10
100
1000
1
10
I , COLLECTOR CURRENT (mA)
C
Fig. 4, DC Current Gain vs Collector Current
V
= 1V
CE
150
°C
T = 25
°C
A
-50
°C
100
1000
0.1
0
100
200
300
400
500
0
1
2
V
, COLLECTOR-EMITTER VOLTAGE (V)
CE
Fig. 5, Typical Emitter-Collector Characteristics
3.2
2.8
2
1.4
1.2
I = 0.2mA
B
0.8
0.6
0.4
1.6
2.4
1.8
0
20
40
60
80
100
0
10
20
V
, COLLECTOR-EMITTER VOLTAGE (V)
CE
Fig. 6, Typical Emitter-Collector Characteristics
I = 0.05mA
B
0.1
0.15
0.2
0.25
0.3
0.35
0
100
200
300
400
0
100
200
T
, SUBSTRATE TEMPERATURE (
°C)
SB
Fig. 1, Power Derating Curve
See Note 1


Similar Part No. - BC817-40W-7

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BC817-40W-Q NEXPERIA-BC817-40W-Q Datasheet
308Kb / 14P
   45 V, 500 mA PNP general-purpose transistors
Rev. 1 - 8 June 2021
BC817-40W-Q NEXPERIA-BC817-40W-Q Datasheet
310Kb / 14P
   45 V, 500 mA NPN general-purpose transistors
Rev. 1 - 8 June 2021
More results

Similar Description - BC817-40W-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBT3904 DIODES-MMBT3904 Datasheet
55Kb / 3P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30036 Rev. 11 - 2
MMBT4124 DIODES-MMBT4124 Datasheet
42Kb / 2P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30105 Rev. 5 - 2
MMBT5551 DIODES-MMBT5551_1 Datasheet
419Kb / 4P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30061 Rev. 9 - 2
MMST3904 DIODES-MMST3904_1 Datasheet
441Kb / 4P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30082 Rev. 10 - 2
MMSTA42 DIODES-MMSTA42_1 Datasheet
204Kb / 4P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30175 Rev. 9 - 2
logo
Transys Electronics
MMBT3904 TRSYS-MMBT3904 Datasheet
200Kb / 2P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
MMBT5551 TRSYS-MMBT5551 Datasheet
170Kb / 2P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Diodes Incorporated
BC847BLP DIODES-BC847BLP Datasheet
99Kb / 4P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30525 Rev. 7 - 2
MMBT4124 DIODES-MMBT4124_15 Datasheet
79Kb / 3P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
MMST4401 DIODES-MMST4401_15 Datasheet
141Kb / 4P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
BC817-16 DIODES-BC817-16_09 Datasheet
113Kb / 4P
   NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS11107 Rev. 18 - 2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com