Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZT52C3V3T Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BZT52C3V3T
Description  SURFACE MOUNT ZENER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BZT52C3V3T Datasheet(HTML) 1 Page - Diodes Incorporated

  BZT52C3V3T Datasheet HTML 1Page - Diodes Incorporated BZT52C3V3T Datasheet HTML 2Page - Diodes Incorporated BZT52C3V3T Datasheet HTML 3Page - Diodes Incorporated BZT52C3V3T Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Lead-free Green
DS30502 Rev. 7 - 2
1 of 4
BZT52C2V0T - BZT52C24T
www.diodes.com
ã Diodes Incorporated
·
Planar Die Construction
·
Ultra-Small Surface Mount Package
·
Ideally Suited for Automated Assembly Processes
·
Lead Free By Design/RoHS Compliant (Note 1)
·
"Green" Device (Note 2)
Maximum Ratings
@ TA = 25
°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Forward Voltage
@ IF = 10mA
VF
0.9
V
Power Dissipation (Note 3)
Pd
150
mW
Thermal Resistance, Junction to Ambient Air (Note 3)
RqJA
833
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Notes:
1. No purposefully added lead.
2. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
3. Part mounted on FR-4 board with recommended pad layout, which can be found on our website
at http://www.diodes.com/datasheets/ap02001.pdf.
Mechanical Data
BZT52C2V0T - BZT52C24T
SURFACE MOUNT ZENER DIODE
C
D
G
E
CATHODE MARK
MARKING CODE
·
Case: SOD-523
·
Case Material: Molded Plastic, "Green" Molding
Compound. UL Flammability Classification Rating 94V-0
·
Moisture Sensitivity: Level 1 per J-STD-020C
·
Terminal Connections: Cathode Band
·
Terminals: Solderable per MIL-STD-202, Method 208
·
Terminals: Finish - Matte Tin annealed over Alloy 42
leadframe. Solderable per MIL-STD-202, Method 208
·
Marking & Type Code Information: See Electrical
Specifications Table
·
Ordering Information: See Page 3
·
Weight: 0.001 grams (approximate)
Features
SOD-523
Dim
Min
Max
A
1.50
1.70
B
1.10
1.30
C
0.25
0.35
D
0.70
0.90
E
0.10
0.20
G
0.55
0.65
All Dimensions in mm
SPICE MODELS: BZT52C2V0T BZT52C2V4T BZT52C2V7T BZT52C3V0T BZT52C3V3T BZT52C3V6T BZT52C3V9T BZT52C4V3T BZT52C4V7T BZT52C5V1T
BZT52C5V6T BZT52C6V2T BZT52C6V8T BZT52C7V5T BZT52C8V2T BZT52C9V1T BZT52C10T BZT52C11T BZT52C12T BZT52C13T
BZT52C15T BZT52C16T BZT52C18T BZT52C20T BZT52C22T BZT52C24T


Similar Part No. - BZT52C3V3T

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
BZT52C3V3T KEXIN-BZT52C3V3T Datasheet
47Kb / 2P
   Surface Mount Zener Diodes
logo
Diodes Incorporated
BZT52C3V3T DIODES-BZT52C3V3T Datasheet
108Kb / 4P
   SURFACE MOUNT ZENER DIODE
DS30502 Rev. 10 - 2
logo
Micro Commercial Compon...
BZT52C3V3T MCC-BZT52C3V3T Datasheet
225Kb / 3P
   200 mW Zener Diode 2.4 to 39 Volts
logo
Diodes Incorporated
BZT52C3V3T DIODES-BZT52C3V3T Datasheet
192Kb / 5P
   SURFACE MOUNT ZENER DIODE
More results

Similar Description - BZT52C3V3T

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BZX84C3V3 RECTRON-BZX84C3V3 Datasheet
20Kb / 2P
   SURFACE MOUNT ZENER DIODE
logo
Comchip Technology
CZRM27C3V6P COMCHIP-CZRM27C3V6P Datasheet
88Kb / 3P
   Surface Mount Zener Diode
CZRA3011 COMCHIP-CZRA3011 Datasheet
118Kb / 5P
   Surface Mount Zener Diode
logo
Diodes Incorporated
BZT52C2V0S DIODES-BZT52C2V0S Datasheet
54Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS30093 Rev. 9 - 2
logo
Bruckewell Technology L...
BZT52C2V0S BWTECH-BZT52C2V0S Datasheet
480Kb / 4P
   Surface mount zener diode
logo
Galaxy Semi-Conductor H...
SMBJ5913B BILIN-SMBJ5913B Datasheet
243Kb / 5P
   Surface mount zener diode
logo
Microdiode Electronics ...
BZT52C2V0 CHENDA-BZT52C2V0 Datasheet
1Mb / 4P
   Surface mount zener diode
logo
SeCoS Halbleitertechnol...
MMSZ5221BS SECOS-MMSZ5221BS Datasheet
166Kb / 3P
   Surface Mount Zener Diode
logo
Diodes Incorporated
BZT52C5V1LP DIODES-BZT52C5V1LP Datasheet
274Kb / 4P
   SURFACE MOUNT ZENER DIODE
DS30506 Rev. 11 - 2
logo
Taiwan Semiconductor Co...
MMSZ5221B TSC-MMSZ5221B Datasheet
59Kb / 3P
   Surface Mount Zener Diode
logo
Weitron Technology
MMBZ5221BW WEITRON-MMBZ5221BW Datasheet
369Kb / 3P
   Surface Mount Zener Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com