Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DDZ9716S Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DDZ9716S
Description  SURFACE MOUNT PRECISION ZENER DIODE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDZ9716S Datasheet(HTML) 1 Page - Diodes Incorporated

  DDZ9716S Datasheet HTML 1Page - Diodes Incorporated DDZ9716S Datasheet HTML 2Page - Diodes Incorporated DDZ9716S Datasheet HTML 3Page - Diodes Incorporated DDZ9716S Datasheet HTML 4Page - Diodes Incorporated DDZ9716S Datasheet HTML 5Page - Diodes Incorporated DDZ9716S Datasheet HTML 6Page - Diodes Incorporated DDZ9716S Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Pb
Lead-free
DS30409 Rev. 3 - 2
1 of 7
DDZ9689S - DDZ9717S
www.diodes.com
ã Diodes Incorporated
·
Very Sharp Breakdown Characteristics
·
Very Tight Tolerance on VZ
·
Ideally Suited for Automated Assembly Processes
·
Very Low Leakage Current
·
Lead Free By Design/RoHS Compliant (Note 5)
Features
Maximum Ratings
@ TA = 25
°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Forward Voltage
@ IF = 10mA
VF
0.9
V
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Mechanical Data
DDZ9689S - DDZ9717S
SURFACE MOUNT PRECISION ZENER
DIODE
A
B
C
D
E
G
H
J
·
Case: SOD-323
·
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
·
Moisture sensitivity: Level 1 per J-STD-020C
·
Terminals: Finish - Matte Tin annealed over Alloy 42
leadframe. Solderable per MIL-STD-202, Method 208
·
Polarity: Cathode Band
·
Marking & Type Code Information: See Electrical
Specifications Table
·
Ordering Information: See Last Page
·
Weight: 0.004 grams (approximate)
Notes:
1. Device mounted on FR-4 PC board with recommended pad layout, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
SOD-323
Dim
Min
Max
A
2.30
2.70
B
1.60
1.80
C
1.20
1.40
D
1.05 Typical
E
0.25
0.35
G
0.20
0.40
H
0.10
0.15
J
0.05 Typical
a
0
°
8
°
All Dimensions in mm
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 1)
Pd
200
mW
Thermal Resistance, Junction to Ambient Air (Note 1)
RqJA
625
°C/W
Thermal Characteristics @ TA = 25°C unless otherwise specified
SPICE MODELS: DDZ9689S DDZ9690S DDZ9691S DDZ9692S DDZ9693S DDZ9694S DDZ9696S DDZ9697S DDZ9699S
DDZ9700S DDZ9702S DDZ9703S DDZ9705S DDZ9707S DDZ9708S DDZ9709S DDZ9711S DDZ9712S DDZ9713S DDZ9714S DDZ9715S DDZ9716S
DDZ9717S


Similar Part No. - DDZ9716S

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDZ9716 DIODES-DDZ9716 Datasheet
187Kb / 6P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30410 Rev. 2 - 2
DDZ9716 DIODES-DDZ9716 Datasheet
191Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30410 Rev. 9 - 2
DDZ9716 DIODES-DDZ9716 Datasheet
178Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
DDZ9716 DIODES-DDZ9716 Datasheet
285Kb / 7P
   SURFACE MOUNT LOW CURRENT ZENER DIODE
DDZ9716 DIODES-DDZ9716 Datasheet
343Kb / 7P
   SURFACE MOUNT LOW CURRENT ZENER DIODE
More results

Similar Description - DDZ9716S

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDZ9693 DIODES-DDZ9693 Datasheet
187Kb / 6P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30410 Rev. 2 - 2
BZT585B2V4T DIODES-BZT585B2V4T Datasheet
195Kb / 4P
   SURFACE MOUNT PRECISION ZENER DIODE
DDZ9681 DIODES-DDZ9681_1 Datasheet
191Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30410 Rev. 9 - 2
DDZ9689T DIODES-DDZ9689T Datasheet
719Kb / 6P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30553 Rev. 3 - 2
DDZ5V1BS DIODES-DDZ5V1BS Datasheet
176Kb / 6P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30414 Rev. 4 - 2
D3Z2V4BF DIODES-D3Z2V4BF_16 Datasheet
179Kb / 5P
   SURFACE MOUNT PRECISION ZENER DIODE
DDZ5V1B DIODES-DDZ5V1B_08 Datasheet
237Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30407 Rev. 11 - 2
DDZ9678 DIODES-DDZ9678 Datasheet
178Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30410 Rev. 14 - 2
DDZX5V6AQ DIODES-DDZX5V6AQ Datasheet
567Kb / 5P
   SURFACE MOUNT PRECISION ZENER DIODE
May 2022 Rev. 3 - 2
DS30410 DIODES-DS30410 Datasheet
178Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
DDZ5V1B DIODES-DDZ5V1B_12 Datasheet
174Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com