Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DDZ9697 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DDZ9697
Description  SURFACE MOUNT PRECISION ZENER DIODE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDZ9697 Datasheet(HTML) 2 Page - Diodes Incorporated

  DDZ9697 Datasheet HTML 1Page - Diodes Incorporated DDZ9697 Datasheet HTML 2Page - Diodes Incorporated DDZ9697 Datasheet HTML 3Page - Diodes Incorporated DDZ9697 Datasheet HTML 4Page - Diodes Incorporated DDZ9697 Datasheet HTML 5Page - Diodes Incorporated DDZ9697 Datasheet HTML 6Page - Diodes Incorporated DDZ9697 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DS30410 Rev. 9 - 2
2 of 7
DDZ9681 - DDZ9717
www.diodes.com
Electrical Characteristics
Table 1
@ TA = 25
°C unless otherwise specified
Notes:
3. Nominal Zener voltage is measured with the device junction in thermal equilibrium at TT = 30
°C ±1°C.
4. Short duration pulse test used to minimize self-heating effect.
Type
Number
Type
Code
Zener Voltage Range (Note 3)
Maximum Reverse
Leakage Current (Note 4)
VZ @IZT
IZT
IR @VR
Nom (V)
Min (V)
Max (V)
mA
mA
V
DDZ9681
H9
2.4
2.28
2.52
50
2
1
DDZ9682
HA
2.7
2.565
2.835
50
1
1
DDZ9683
HB
3.0
2.85
3.15
50
0.8
1
DDZ9684
HC
3.3
3.13
3.47
50
7.5
1.5
DDZ9685
HD
3.6
3.42
3.78
50
7.5
2
DDZ9686
HE
3.9
3.70
4.10
50
5
2
DDZ9687
HF
4.3
4.09
4.52
50
4
2
DDZ9688
HG
4.7
4.47
4.94
50
5
3
DDZ9689
HH
5.1
4.85
5.36
50
5
3
DDZ9690
HJ
5.6
5.32
5.88
50
2
4
DDZ9691
HK
6.2
5.89
6.51
50
1
5
DDZ9692
HL
6.8
6.46
7.14
50
0.1
5.1
DDZ9693
HM
7.5
7.13
7.88
50
0.1
5.7
DDZ9694
HN
8.2
7.79
8.61
50
0.1
6.2
DDZ9696
HP
9.1
8.65
9.56
50
0.1
6.9
DDZ9697
HQ
10
9.50
10.50
50
0.1
7.6
DDZ9698
HR
11
10.45
11.55
50
0.05
8.4
DDZ9699
HS
12
11.40
12.60
50
0.05
9.1
DDZ9700
HT
13
12.35
13.65
50
0.05
9.8
DDZ9701
HU
14
13.30
14.70
50
0.05
10.6
DDZ9702
HV
15
14.25
15.75
50
0.05
11.4
DDZ9703
HW
16
15.20
16.80
50
0.05
12.1
DDZ9704
H8
17
16.15
17.85
50
0.05
12.9
DDZ9705
HY
18
17.10
18.90
50
0.05
13.6
DDZ9707
MD
20
19.00
21.00
50
0.05
15.2
DDZ9708
ME
22
20.90
23.10
50
0.05
16.7
DDZ9709
MF
24
22.80
25.20
50
0.05
18.2
DDZ9711
MH
27
25.65
28.35
50
0.05
20.4
DDZ9712
MJ
28
26.60
29.40
50
0.05
21.2
DDZ9713
MK
30
28.50
31.50
50
0.05
22.8
DDZ9714
ML
33
31.35
34.65
50
0.05
25.0
DDZ9715
MM
36
34.20
37.80
50
0.05
27.3
DDZ9716
MN
39
37.05
40.95
50
0.05
29.6
DDZ9717
MO
43
40.85
45.15
50
0.05
32.6


Similar Part No. - DDZ9697

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDZ9697 DIODES-DDZ9697 Datasheet
187Kb / 6P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30410 Rev. 2 - 2
DDZ9697 DIODES-DDZ9697 Datasheet
178Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
DDZ9697 DIODES-DDZ9697 Datasheet
285Kb / 7P
   SURFACE MOUNT LOW CURRENT ZENER DIODE
DDZ9697 DIODES-DDZ9697 Datasheet
343Kb / 7P
   SURFACE MOUNT LOW CURRENT ZENER DIODE
DDZ9697S DIODES-DDZ9697S Datasheet
189Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30409 Rev. 3 - 2
More results

Similar Description - DDZ9697

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDZ9693 DIODES-DDZ9693 Datasheet
187Kb / 6P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30410 Rev. 2 - 2
BZT585B2V4T DIODES-BZT585B2V4T Datasheet
195Kb / 4P
   SURFACE MOUNT PRECISION ZENER DIODE
DDZ9689T DIODES-DDZ9689T Datasheet
719Kb / 6P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30553 Rev. 3 - 2
DDZ5V1BS DIODES-DDZ5V1BS Datasheet
176Kb / 6P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30414 Rev. 4 - 2
D3Z2V4BF DIODES-D3Z2V4BF_16 Datasheet
179Kb / 5P
   SURFACE MOUNT PRECISION ZENER DIODE
DDZ5V1B DIODES-DDZ5V1B_08 Datasheet
237Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30407 Rev. 11 - 2
DDZ9678 DIODES-DDZ9678 Datasheet
178Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30410 Rev. 14 - 2
DDZX5V6AQ DIODES-DDZX5V6AQ Datasheet
567Kb / 5P
   SURFACE MOUNT PRECISION ZENER DIODE
May 2022 Rev. 3 - 2
DS30410 DIODES-DS30410 Datasheet
178Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
DDZ5V1B DIODES-DDZ5V1B_12 Datasheet
174Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com