Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM29LV001BB-5EK Datasheet(PDF) 11 Page - Advanced Micro Devices

Part # AM29LV001BB-5EK
Description  1 Megabit (128 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV001BB-5EK Datasheet(HTML) 11 Page - Advanced Micro Devices

Back Button AM29LV001BB-5EK Datasheet HTML 7Page - Advanced Micro Devices AM29LV001BB-5EK Datasheet HTML 8Page - Advanced Micro Devices AM29LV001BB-5EK Datasheet HTML 9Page - Advanced Micro Devices AM29LV001BB-5EK Datasheet HTML 10Page - Advanced Micro Devices AM29LV001BB-5EK Datasheet HTML 11Page - Advanced Micro Devices AM29LV001BB-5EK Datasheet HTML 12Page - Advanced Micro Devices AM29LV001BB-5EK Datasheet HTML 13Page - Advanced Micro Devices AM29LV001BB-5EK Datasheet HTML 14Page - Advanced Micro Devices AM29LV001BB-5EK Datasheet HTML 15Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
May 5, 2006 21557F4
Am29LV001B
9
DATA SHEE T
Table 2.
Am29LV001B Top Boot Sector Architecture
Table 3.
Am29LV001B Bottom Boot Sector Architecture
Autoselect Mode
The autoselect mode provides manufacturer and
device identification, and sector protection verification,
through identifier codes output on DQ7–DQ0. This
mode is primarily intended for programming equipment
to automatically match a device to be programmed with
its corresponding programming algorithm. However,
the autoselect codes can also be accessed in-system
through the command register.
When using programming equipment, the autoselect
mode requires VID (11.5 V to 12.5 V) on address pin
A9. Address pins A6, A1, and A0 must be as shown in
Table 4. In addition, when verifying sector protection,
the sector address must appear on the appropriate
highest order address bits (see Table 2 on page 9).
Table 4 shows the remaining address bits that are don’t
care. When all necessary bits are set as required, the
programming equipment may then read the corre-
sponding identifier code on DQ7-DQ0.
To access the autoselect codes in-system, the host
system can issue the autoselect command via the
command register, as shown in Table 5 on page 17.
This method does not require VID. See “Command Def-
initions” on page 13 for details on using the autoselect
mode.
Sector
A16
A15
A14
A13
A12
Sector Size
(Kbytes)
Address Range
(in hexadecimal)
SA0
0
0
0
X
X
16 Kbytes
00000h–03FFFh
SA1
0
0
1
X
X
16 Kbytes
04000h–07FFFh
SA2
0
1
0
X
X
16 Kbytes
08000h–0BFFFh
SA3
0
1
1
X
X
16 Kbytes
0C000h–0FFFFh
SA4
1
0
0
X
X
16 Kbytes
10000h–13FFFh
SA5
1
0
1
X
X
16 Kbytes
14000h–17FFFh
SA6
1
1
0
X
X
16 Kbytes
18000h–1BFFFh
SA7
1
1
1
0
0
4 Kbytes
1C000h–1CFFFh
SA8
1
1
1
0
1
4 Kbytes
1D000h–1DFFFh
SA9
1
1
1
1
X
8 Kbytes
1E000h–1FFFFh
Sector
A16
A15
A14
A13
A12
Sector Size
(Kbytes)
Address Range (in
hexadecimal)
SA0
0
0
0
0
X
8 Kbytes
00000h–01FFFh
SA1
0
0010
4 Kbytes
02000h–02FFFh
SA2
0
0011
4 Kbytes
03000h–03FFFh
SA3
0
0
1
X
X
16 Kbytes
04000h–07FFFh
SA4
0
1
0
X
X
16 Kbytes
08000h–0BFFFh
SA5
0
1
1
X
X
16 Kbytes
0C000h–0FFFFh
SA6
1
0
0
X
X
16 Kbytes
10000h–13FFFh
SA7
1
0
1
X
X
16 Kbytes
14000h–17FFFh
SA8
1
1
0
X
X
16 Kbytes
18000h–1BFFFh
SA9
1
1
1
X
X
16 Kbytes
1C000h–1FFFFh


Similar Part No. - AM29LV001BB-5EK

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29LV001BB-55EC AMD-AM29LV001BB-55EC Datasheet
453Kb / 38P
   1 Megabit (128 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV001BB-55ECB AMD-AM29LV001BB-55ECB Datasheet
453Kb / 38P
   1 Megabit (128 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV001BB-55EE AMD-AM29LV001BB-55EE Datasheet
453Kb / 38P
   1 Megabit (128 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV001BB-55EEB AMD-AM29LV001BB-55EEB Datasheet
453Kb / 38P
   1 Megabit (128 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV001BB-55EI AMD-AM29LV001BB-55EI Datasheet
453Kb / 38P
   1 Megabit (128 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
More results

Similar Description - AM29LV001BB-5EK

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29LV001B AMD-AM29LV001B Datasheet
453Kb / 38P
   1 Megabit (128 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV010B AMD-AM29LV010B Datasheet
66Kb / 7P
   1 Megabit (128 K x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
AM29LV010B AMD-AM29LV010B_06 Datasheet
942Kb / 36P
   1 Megabit (128 K x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
AM29LV200 AMD-AM29LV200 Datasheet
478Kb / 37P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV200B AMD-AM29LV200B_06 Datasheet
1Mb / 46P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV200B AMD-AM29LV200B Datasheet
43Kb / 7P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV002 AMD-AM29LV002 Datasheet
448Kb / 34P
   2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
AM29LV004B-1 AMD-AM29LV004B-1 Datasheet
769Kb / 40P
   4 Megabit (512 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV004 AMD-AM29LV004 Datasheet
455Kb / 36P
   4 Megabit (512 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV004B AMD-AM29LV004B Datasheet
39Kb / 6P
   4 Megabit (512 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com