Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LLE18150X Datasheet(PDF) 6 Page - NXP Semiconductors

Part # LLE18150X
Description  NPN silicon planar epitaxial microwave power transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LLE18150X Datasheet(HTML) 6 Page - NXP Semiconductors

  LLE18150X Datasheet HTML 1Page - NXP Semiconductors LLE18150X Datasheet HTML 2Page - NXP Semiconductors LLE18150X Datasheet HTML 3Page - NXP Semiconductors LLE18150X Datasheet HTML 4Page - NXP Semiconductors LLE18150X Datasheet HTML 5Page - NXP Semiconductors LLE18150X Datasheet HTML 6Page - NXP Semiconductors LLE18150X Datasheet HTML 7Page - NXP Semiconductors LLE18150X Datasheet HTML 8Page - NXP Semiconductors LLE18150X Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
September 1994
6
Philips Semiconductors
Product specification
NPN silicon planar epitaxial
microwave power transistor
LLE18150X
List of components (see Figs 3 and 4).
Notes
1. In thermal contact with TR1.
2. In thermal contact with DUT.
COMPONENT
DESCRIPTION
VALUE
ORDERING INFORMATION
TR1
transistor, BDT91 or equivalent
C1, C4
DC blocking chip capacitor
100 pF
ATC 100A101kp
C2, C3
trimmer capacitor
0.5 to 5.0 pF
Tekelec 727-1
C5, C6
feedthrough bypass capacitor
1500 pF
Erie 1250-003
C7
electrolytic capacitor
10
µF, >30 V
D1
diode BY239 or equivalent; note 1
D2
diode BY239 or equivalent; note 2
L1
4 turns 0.5 mm copper wire;
internal diameter = 2 mm
L2
4 turns 0.5 mm copper wire;
internal diameter = 2 mm
P1
linear potentiometer
4.7 k
R1
resistor
100
Ω, 0.25 W
R2
resistor
10 k
Ω, 0.25 W
R3
resistor
56
Ω, 0.25 W
F1
ferrite bead
Philips tube, 12NC = 4330 030 43081
4.2 x 2.2 x 3.2 mm (4B1)
Fig.4 Class AB bias circuit.
handbook, full pagewidth
MEA600
C5
C6
L2
DUT
L1
C7
R3
D1
D2
P1
F1
R2
R1
TR1
VCC
BIAS CIRCUIT
PREMATCHING TEST
CIRCUIT


Similar Part No. - LLE18150X

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LLE18100X PHILIPS-LLE18100X Datasheet
60Kb / 9P
   NPN silicon planar epitaxial microwave power transistor
November 1994
More results

Similar Description - LLE18150X

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LLE18100X PHILIPS-LLE18100X Datasheet
60Kb / 9P
   NPN silicon planar epitaxial microwave power transistor
November 1994
LFE18500X PHILIPS-LFE18500X Datasheet
62Kb / 10P
   NPN silicon planar epitaxial microwave power transistor
December 1994
logo
Seme LAB
SMX35 SEME-LAB-SMX35 Datasheet
22Kb / 2P
   SILICON NPN EPITAXIAL PLANAR POWER TRANSISTOR
logo
M/A-COM Technology Solu...
MRF10031 MA-COM-MRF10031 Datasheet
195Kb / 5P
   Microwave Power Silicon NPN Transistor Microwave Power Silicon NPN Transistor
logo
Nanjing International G...
MMBT2222 DGNJDZ-MMBT2222 Datasheet
104Kb / 4P
   NPN Silicon Epitaxial Planar Medium Power Transistor
logo
Seme LAB
BUY24 SEME-LAB-BUY24 Datasheet
22Kb / 2P
   SILICON PLANAR EPITAXIAL NPN POWER SWITCHING TRANSISTOR
logo
Micro Electronics
2SA816 MICRO-ELECTRONICS-2SA816 Datasheet
112Kb / 2P
   PNP/NPN SILICON PLANAR EPITAXIAL POWER TRANSISTOR
logo
SEMTECH ELECTRONICS LTD...
MMBT2222 SEMTECH_ELEC-MMBT2222 Datasheet
262Kb / 4P
   NPN Silicon Epitaxial Planar Medium Power Transistor
MMBT2222W SEMTECH_ELEC-MMBT2222W Datasheet
258Kb / 4P
   NPN Silicon Epitaxial Planar Medium Power Transistor
logo
Seme LAB
BFY84 SEME-LAB-BFY84 Datasheet
19Kb / 2P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com