Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


AM29LV116D_06 Datasheet(PDF) 6 Page - Advanced Micro Devices

Part No. AM29LV116D_06
Description  16 Megabit (2 M x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
Download  43 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AMD [Advanced Micro Devices]
Homepage  http://www.amd.com
Logo 

 6 page
background image
4
Am29LV116D
21359E5 September 12,2006
DATA S H EET
PRODUCT SELECTOR GUIDE
Note: See “AC Characteristics” for full specifications.
BLOCK DIAGRAM
Family Part Number
Am29LV116D
Speed Options
VCC = 2.7–3.6 V
-70
-90
-120
Max access time, ns (tACC)
70
90
120
Max CE# access time, ns (tCE)
70
90
120
Max OE# access time, ns (tOE)30
35
50
Input/Output
Buffers
X-Decoder
Y-Decoder
Chip Enable
Output Enable
Logic
Erase Voltage
Generator
PGM Voltage
Generator
Timer
VCC Detector
State
Control
Command
Register
VCC
VSS
WE#
CE#
OE#
STB
STB
DQ0
DQ7
Sector Switches
RY/BY#
RESET#
Data
Latch
Y-Gating
Cell Matrix
A0–A20




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AM29LV040B_064 Megabit 512 K x 8-Bit CMOS 3.0 Volt-only Uniform Sector 32-Pin Flash Memory 1 2 3 4 5 MoreAdvanced Micro Devices
AM29LV160B_0516 Megabit 2 M x 8-Bit/1 M x 16-Bit CMOS 3.0 Volt-only Boot Sector Flash Memory 1 2 3 4 5 MoreAdvanced Micro Devices
S29AL016M_0616 Megabit 2 M x 8-Bit/1 M x 16-Bit 3.0 Volt-only Boot Sector Flash Memory Featuring MirrorBit™ Technology 1 2 3 4 5 MoreSPANSION
AM29LV800B_038 Megabit 1 M x 8-Bit/512 K x 16-Bit CMOS 3.0 Volt-only Boot Sector Flash Memory- Die Revision 2 1 2 3 4 5 MoreAdvanced Micro Devices
AM29F017D16 Megabit 2 M x 8-Bit CMOS 5.0 Volt-only Uniform Sector Flash Memory 1 2 3 4 5 MoreAdvanced Micro Devices
AM29F400B_034 Megabit 512 K x 8-Bit/256 K x 16-Bit CMOS 5.0 Volt-only Boot Sector Flash Memory-Die Revision 2 1 2 3 4 5 MoreAdvanced Micro Devices
CAT28F001_051 Megabit CMOS Boot Block Flash Memory 1 2 3 4 5 MoreCatalyst Semiconductor
AT29BV040A4 Megabit 512K x 8 Single 2.7-volt Battery-Voltage CMOS Flash Memory 1 2 3 4 5 MoreATMEL Corporation
AM29F200B_012 Megabit 256 K x 8-Bit/128 K x 16-Bit CMOS 5.0 Volt-only Sectored Flash Memory-Die Revision 1 1 2 3 4 5 MoreAdvanced Micro Devices
CAT28F010_041 Megabit CMOS Flash Memory 1 2 3 4 5 MoreCatalyst Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl