Part Name
         Description
AM29LV160B_05

 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory ( 54 Page)


AMD
100% 
Zoom Out Zoom In
 
 3 page
background image
This Data Sheet states AMD’s current technical specifications regarding the Product described herein. This Data
Sheet may be revised by subsequent versions or modifications due to changes in technical specifications.
Publication# 21358
Rev: H Amendment/4
Issue Date: June 6, 2005
Am29LV160B
16 Megabit (2 M x 8-Bit/1 M x 16-Bit)
CMOS 3.0 Volt-only Boot Sector Flash Memory
DISTINCTIVE CHARACTERISTICS
■ Single power supply operation
— Full voltage range: 2.7 to 3.6 volt read and write
operations for battery-powered applications
— Regulated voltage range: 3.0 to 3.6 volt read and
write operations and for compatibility with high
performance 3.3 volt microprocessors
■ Manufactured on 0.32 µm process technology
■ High performance
— Full voltage range: access times as fast as 80 ns
— Regulated voltage range: access times as fast as
70 ns
■ Ultra low power consumption (typical values at
5MHz)
— 200 nA Automatic Sleep mode current
— 200 nA standby mode current
— 9 mA read current
— 20 mA program/erase current
■ Flexible sector architecture
— One 16 Kbyte, two 8 Kbyte, one 32 Kbyte, and
thirty-one 64 Kbyte sectors (byte mode)
— One 8 Kword, two 4 Kword, one 16 Kword, and
thirty-one 32 Kword sectors (word mode)
— Supports full chip erase
— Sector Protection features:
— A hardware method of locking a sector to prevent any
program or erase operations within that sector
— Sectors can be locked in-system or via programming
equipment
Temporary Sector Unprotect feature allows code
changes in previously locked sectors
■ Unlock Bypass Program Command
— Reduces overall programming time when issuing
multiple program command sequences
■ Top or bottom boot block configurations
available
■ Embedded Algorithms
— Embedded Erase algorithm automatically
preprograms and erases the entire chip or any
combination of designated sectors
— Embedded Program algorithm automatically
writes and verifies data at specified addresses
■ Minimum 1,000,000 write cycle guarantee
per sector
■ 20-year data retention at 125
°C
— Reliable operation for the life of the system
■ Package option
— 48-ball FBGA
— 48-pin TSOP
— 44-pin SO
■ CFI (Common Flash Interface) compliant
— Provides device-specific information to the
system, allowing host software to easily
reconfigure for different Flash devices
■ Compatibility with JEDEC standards
— Pinout and software compatible with single-
power supply Flash
— Superior inadvertent write protection
■ Data# Polling and toggle bits
— Provides a software method of detecting program
or erase operation completion
■ Ready/Busy# pin (RY/BY#)
— Provides a hardware method of detecting
program or erase cycle completion (not available
on 44-pin SO)
■ Erase Suspend/Erase Resume
— Suspends an erase operation to read data from,
or program data to, a sector that is not being
erased, then resumes the erase operation
■ Hardware reset pin (RESET#)
— Hardware method to reset the device to reading
array data
This product has been retired and is not recommended for designs. For new and current designs, S29AL016D supersedes Am29LV160B and is the factory-recommended migration path.
Please refer to the S29AL016D datasheet for specifications and ordering information. Availability of this document is retained for reference and historical purposes only.



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
S29AL016M_0616 Megabit 2 M x 8-Bit/1 M x 16-Bit 3.0 Volt-only Boot Sector Flash Memory Featuring MirrorBit™ Technology 1 2 3 4 5 MoreSPANSION
AM29LV800B_038 Megabit 1 M x 8-Bit/512 K x 16-Bit CMOS 3.0 Volt-only Boot Sector Flash Memory- Die Revision 2 1 2 3 4 5 MoreAdvanced Micro Devices
AM29LV040B_064 Megabit 512 K x 8-Bit CMOS 3.0 Volt-only Uniform Sector 32-Pin Flash Memory 1 2 3 4 5 MoreAdvanced Micro Devices
AM29F400B_034 Megabit 512 K x 8-Bit/256 K x 16-Bit CMOS 5.0 Volt-only Boot Sector Flash Memory-Die Revision 2 1 2 3 4 5 MoreAdvanced Micro Devices
AM29F017D16 Megabit 2 M x 8-Bit CMOS 5.0 Volt-only Uniform Sector Flash Memory 1 2 3 4 5 MoreAdvanced Micro Devices
CAT28F001_051 Megabit CMOS Boot Block Flash Memory 1 2 3 4 5 MoreCatalyst Semiconductor
AM29F200B_012 Megabit 256 K x 8-Bit/128 K x 16-Bit CMOS 5.0 Volt-only Sectored Flash Memory-Die Revision 1 1 2 3 4 5 MoreAdvanced Micro Devices
HN29WT8001048576-word x 8-bit / 524288-word x 16-bit CMOS Flash Memory 1 2 3 4 5 MoreHitachi Semiconductor
AT29BV040A4 Megabit 512K x 8 Single 2.7-volt Battery-Voltage CMOS Flash Memory 1 2 3 4 5 MoreATMEL Corporation
M6MGD137W34DWG134 217 728-BIT 8 388 608-WORD BY 16-BIT CMOS FLASH MEMORY & 33 554 432-BIT 2 097 152-WORD BY 16-BIT CMOS MOBILE RAM 1 2 3 Renesas Technology Corp

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl