Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TB1300M-13-F Datasheet(PDF) 3 Page - Diodes Incorporated

Part # TB1300M-13-F
Description  50A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

TB1300M-13-F Datasheet(HTML) 3 Page - Diodes Incorporated

  TB1300M-13-F Datasheet HTML 1Page - Diodes Incorporated TB1300M-13-F Datasheet HTML 2Page - Diodes Incorporated TB1300M-13-F Datasheet HTML 3Page - Diodes Incorporated TB1300M-13-F Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DS30361 Rev. 7 - 2
3 of 4
TB0640M - TB3500M
www.diodes.com
0.9
T , JUNCTION TEMPERATURE (°C)
Fig. 2 Relative Variation of Breakdown Voltage
vs. Junction Temperature
J
V
= (T )
BR
J
V= (T = 25°C)
BR
J
0.95
1
1.05
1.1
1.15
1.2
-50
-25
0
25
50
75
100 125 150 175
1
10
100
1
1.5
3
2.5
2
4
3.5
5
4.5
V , ON-STATE VOLTAGE (V)
Fig. 4 On-State Current vs. On-State Voltage
T
T = 25°C
j
T , JUNCTION TEMPERATURE (°C)
Fig. 1 Off-State Current vs. Junction Temperature
J
0.001
0.01
1
0.1
10
100
-25
0
25
50
75
100
125
150
V= 50V
DRM
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.4
1.3
1.2
-50
-25
0
25
50
100
75
125
T , JUNCTION TEMPERATURE (°C)
J
Fig. 5 Relative Variation of Holding Current vs.
Junction Temperature
I = (T )
HJ
I
= (T = 25°C)
HJ
0.1
1
1
10
100
V , REVERSE VOLTAGE (V)
Fig. 6 Relative Variation of Junction Capacitance
vs. Reverse Voltage Bias
R
C = (V )
OR
C
= (V = 1V)
OR
T= 25°C
f=1Mhz
V
j
RMS =1V
1
1.05
0.95
-50
1.1
-25
0
75
50
25
125
100
175
150
V
= (T )
BO
J
V= (T = 25°C)
BO
J
T , JUNCTION TEMPERATURE
Fig. 3 Relative Variation of Breakover Voltage
vs. Junction Temperature
J
(ºC)


Similar Part No. - TB1300M-13-F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
TB1300M-13 DIODES-TB1300M-13 Datasheet
187Kb / 4P
   50A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30361 Rev. 2 - 1
More results

Similar Description - TB1300M-13-F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
TB0640M DIODES-TB0640M Datasheet
187Kb / 4P
   50A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30361 Rev. 2 - 1
TB0640H DIODES-TB0640H Datasheet
184Kb / 4P
   100A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30360 Rev. 3 - 2
TB0640L DIODES-TB0640L Datasheet
190Kb / 4P
   30A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30359 Rev. 2 - 1
TB0640L DIODES-TB0640L_1 Datasheet
79Kb / 4P
   30A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30359 Rev. 6 - 2
TB0640H DIODES-TB0640H_1 Datasheet
76Kb / 4P
   100A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30360 Rev. 7 - 2
logo
Weitron Technology
T064AB-LC WEITRON-T064AB-LC Datasheet
262Kb / 3P
   Low Capacitance Bi-Directional Surface Mount Thyristor Surge Protective Device
T110AB-LC WEITRON-T110AB-LC_07 Datasheet
296Kb / 3P
   Low Capacitance Bi-Directional Surface Mount Thyristor Surge Protective Device
logo
Pan Jit International I...
TSP058SB PANJIT-TSP058SB Datasheet
109Kb / 7P
   SURFACE MOUNT BI-DIRECTIONAL THYRISTOR SURGE PROTECTOR DEVICE
TSP058SC PANJIT-TSP058SC Datasheet
110Kb / 7P
   SURFACE MOUNT BI-DIRECTIONAL THYRISTOR SURGE PROTECTOR DEVICE
TSP058SA PANJIT-TSP058SA Datasheet
109Kb / 7P
   SURFACE MOUNT BI-DIRECTIONAL THYRISTOR SURGE PROTECTOR DEVICE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com