Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM29F200B Datasheet(PDF) 5 Page - Advanced Micro Devices

Part # AM29F200B
Description  2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Sectored Flash Memory-Die Revision 1
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F200B Datasheet(HTML) 5 Page - Advanced Micro Devices

  AM29F200B_01 Datasheet HTML 1Page - Advanced Micro Devices AM29F200B_01 Datasheet HTML 2Page - Advanced Micro Devices AM29F200B_01 Datasheet HTML 3Page - Advanced Micro Devices AM29F200B_01 Datasheet HTML 4Page - Advanced Micro Devices AM29F200B_01 Datasheet HTML 5Page - Advanced Micro Devices AM29F200B_01 Datasheet HTML 6Page - Advanced Micro Devices AM29F200B_01 Datasheet HTML 7Page - Advanced Micro Devices AM29F200B_01 Datasheet HTML 8Page - Advanced Micro Devices AM29F200B_01 Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
4
Am29F200B Known Good Die
SU PPL EMEN T
PAD DESCRIPTION
Note: The coordinates above are relative to the center of pad 1 and can be used to operate wire bonding equipment.
Pad
Signal
Pad Center (mils)
Pad Center (millimeters)
XY
XY
1VCC
0.00
0.00
0.0000
0.0000
2
DQ4
–6.80
0.00
–0.1727
0.0000
3
DQ12
–12.80
0.00
–0.3251
0.0000
4
DQ5
–18.60
0.00
–0.4724
0.0000
5
DQ13
–24.50
0.00
–0.6223
0.0000
6
DQ6
–30.30
0.00
–0.7696
0.0000
7
DQ14
–36.30
0.00
–0.9220
0.0000
8
DQ7
–42.10
0.00
–1.0693
0.0000
9
DQ15/A-1
–48.00
0.00
–1.2192
0.0000
10
VSS
–55.70
1.40
–1.4148
0.0356
11
BYTE#
–57.50
–6.50
–1.4605
–0.1651
12
A16
–57.50
–18.00
–1.4605
–0.4572
13
A15
–57.10
–124.90
–1.4503
–3.1725
14
A14
–51.30
–124.90
–1.3030
–3.1725
15
A13
–45.90
–124.90
–1.1659
–3.1725
16
A12
–40.00
–124.90
–1.0160
–3.1725
17
A11
–34.60
–124.90
–0.8788
–3.1725
18
A10
–28.80
–124.90
–0.7315
–3.1725
19
A9
–23.30
–124.60
–0.5918
–3.1648
20
A8
–17.40
–124.90
–0.4420
–3.1725
21
WE#
–12.00
–124.90
–0.3048
–3.1725
22
RESET#
–2.40
–128.60
–0.0610
–3.2664
23
RY/BY#
9.50
–128.60
0.2413
–3.2664
24
A7
30.30
–124.90
0.7696
–3.1725
25
A6
35.80
–124.90
0.9093
–3.1725
26
A5
41.60
–124.90
1.0566
–3.1725
27
A4
47.00
–124.90
1.1938
–3.1725
28
A3
52.90
–124.90
1.3437
–3.1725
29
A2
58.30
–124.90
1.4808
–3.1725
30
A1
64.10
–124.90
1.6281
–3.1725
31
A0
64.50
–18.00
1.6383
–0.4572
32
CE#
64.50
–6.50
1.6383
–0.1651
33
VSS
64.50
3.80
1.6383
0.0965
34
OE#
55.00
2.30
1.3970
0.0584
35
DQ0
47.40
0.00
1.2040
0.0000
36
DQ8
41.50
0.00
1.0541
0.0000
37
DQ1
35.60
0.00
0.9042
0.0000
38
DQ9
29.70
0.00
0.7544
0.0000
39
DQ2
23.90
0.00
0.6071
0.0000
40
DQ10
18.00
0.00
0.4572
0.0000
41
DQ3
12.10
0.00
0.3073
0.0000
42
DQ11
6.20
0.00
0.1575
0.0000


Similar Part No. - AM29F200B_01

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29F200B AMD-AM29F200B_06 Datasheet
810Kb / 41P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
More results

Similar Description - AM29F200B_01

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29F200A-1 AMD-AM29F200A-1 Datasheet
118Kb / 8P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Sectored Flash Memory-Die Revision 1
AM29F100-1 AMD-AM29F100-1 Datasheet
57Kb / 8P
   1 Megabit (128 K x 8-Bit/64 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory-Die Revision 1
AM29F200 AMD-AM29F200 Datasheet
519Kb / 39P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
AM29F200B AMD-AM29F200B_06 Datasheet
810Kb / 41P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
AM29F200A AMD-AM29F200A Datasheet
475Kb / 39P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
AM29F400B-1 AMD-AM29F400B-1 Datasheet
139Kb / 9P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory-Die Revision 1
AM29F400B AMD-AM29F400B_03 Datasheet
210Kb / 12P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory-Die Revision 2
AM29F010-1 AMD-AM29F010-1 Datasheet
56Kb / 8P
   1 Megabit (128 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory-Die Revision 1
AM29F010B AMD-AM29F010B Datasheet
332Kb / 14P
   1 Megabit (128 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory-Die Revision 1
AM29LV200B AMD-AM29LV200B_03 Datasheet
295Kb / 11P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory, Die Revison 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com