Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TB0720L-13-F Datasheet(PDF) 2 Page - Diodes Incorporated

Part # TB0720L-13-F
Description  30A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

TB0720L-13-F Datasheet(HTML) 2 Page - Diodes Incorporated

  TB0720L-13-F Datasheet HTML 1Page - Diodes Incorporated TB0720L-13-F Datasheet HTML 2Page - Diodes Incorporated TB0720L-13-F Datasheet HTML 3Page - Diodes Incorporated TB0720L-13-F Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DS30359 Rev. 6 - 2
2 of 4
TB0640L - TB3500L
www.diodes.com
Electrical Characteristics
@ TA = 25
°C unless otherwise specified
Part Number
Rated
Repetitive
Off-State
Voltage
Off-State
Leakage
Current @
VDRM
Breakover
Voltage
On-State
Voltage
@ IT = 1A
Breakover
Current
IBO
Holding Current
IH
Off-State
Capacitance
Marking
Code
VDRM (V)
IDRM (uA)
VBO (V)
VT (V)
Min
(mA)
Max (mA)
Min
(mA)
Max (mA)
CO (pF)
TB0640L
58
5
77
3.5
50
800
150
800
100
T064L
TB0720L
65
5
88
3.5
50
800
150
800
100
T072L
TB0900L
75
5
98
3.5
50
800
150
800
100
T090L
TB1100L
90
5
130
3.5
50
800
150
800
60
T110L
TB1300L
120
5
160
3.5
50
800
150
800
60
T130L
TB1500L
140
5
180
3.5
50
800
150
800
60
T150L
TB1800L
160
5
220
3.5
50
800
150
800
60
T180L
TB2300L
190
5
265
3.5
50
800
150
800
40
T230L
TB2600L
220
5
300
3.5
50
800
150
800
40
T260L
TB3100L
275
5
350
3.5
50
800
150
800
40
T310L
TB3500L
320
5
400
3.5
50
800
150
800
40
T350L
Symbol
Parameter
VDRM
Stand-off Voltage
IDRM
Leakage current at stand-off voltage
VBR
Breakdown voltage
IBR
Breakdown current
VBO
Breakover voltage
IBO
Breakover current
IH
Holding current
NOTE: 2
VT
On state voltage
IPP
Peak pulse current
CO
Off-state capacitance
NOTE: 3
Notes:
1. RoHS revision13.2.2003. Glass and High Temperature Solder Exemptions Applied, see
EU Directive Annex Notes 5 and 7.
2. IH > (VL/RL) If this criterion is not obeyed, the TSPD triggers but does not return correctly to high-resistance state. The surge
recovery time does not exceed 30ms.
3. Off-state capacitance measured at f = 1.0MHz, 1.0VRMS signal, VR = 2VDC bias.
I
BO
V
BR
V
DRM
V
T
V
BO
I
H
I
V
I
BR
I
DRM
I
PP


Similar Part No. - TB0720L-13-F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
TB0720L-13 DIODES-TB0720L-13 Datasheet
190Kb / 4P
   30A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30359 Rev. 2 - 1
More results

Similar Description - TB0720L-13-F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
TB0640L DIODES-TB0640L Datasheet
190Kb / 4P
   30A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30359 Rev. 2 - 1
TB0640H DIODES-TB0640H Datasheet
184Kb / 4P
   100A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30360 Rev. 3 - 2
TB0640M DIODES-TB0640M_1 Datasheet
76Kb / 4P
   50A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30361 Rev. 7 - 2
TB0640M DIODES-TB0640M Datasheet
187Kb / 4P
   50A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30361 Rev. 2 - 1
TB0640H DIODES-TB0640H_1 Datasheet
76Kb / 4P
   100A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30360 Rev. 7 - 2
logo
Weitron Technology
T064AB-LC WEITRON-T064AB-LC Datasheet
262Kb / 3P
   Low Capacitance Bi-Directional Surface Mount Thyristor Surge Protective Device
T110AB-LC WEITRON-T110AB-LC_07 Datasheet
296Kb / 3P
   Low Capacitance Bi-Directional Surface Mount Thyristor Surge Protective Device
logo
Diodes Incorporated
TB0640L DIODES-TB0640L_10 Datasheet
114Kb / 5P
   30A BIDIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30359 Rev. 8 - 2
logo
Pan Jit International I...
TSP058SB PANJIT-TSP058SB Datasheet
109Kb / 7P
   SURFACE MOUNT BI-DIRECTIONAL THYRISTOR SURGE PROTECTOR DEVICE
TSP058SC PANJIT-TSP058SC Datasheet
110Kb / 7P
   SURFACE MOUNT BI-DIRECTIONAL THYRISTOR SURGE PROTECTOR DEVICE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com