Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BSS123 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # BSS123
Description  N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BSS123 Datasheet(HTML) 2 Page - Diodes Incorporated

  BSS123 Datasheet HTML 1Page - Diodes Incorporated BSS123 Datasheet HTML 2Page - Diodes Incorporated BSS123 Datasheet HTML 3Page - Diodes Incorporated BSS123 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DS30366 Rev. 6 - 2
2 of 4
BSS123
www.diodes.com
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 3)
Drain-Source Breakdown Voltage
BVDSS
100
¾
¾
V
VGS = 0V, ID = 250mA
Zero Gate Voltage Drain Current
IDSS
¾
¾
1.0
10
µA
nA
VDS = 100V, VGS = 0V
VDS = 20V, VGS = 0V
Gate-Body Leakage, Forward
IGSSF
¾
¾
50
nA
VGS = 20V, VDS = 0V
ON CHARACTERISTICS (Note 3)
Gate Threshold Voltage
VGS(th)
0.8
1.4
2.0
V
VDS = VGS, ID = 1mA
Static Drain-Source On-Resistance
RDS (ON)
¾
¾
¾
¾
6.0
10
W
VGS = 10V, ID = 0.17A
VGS = 4.5V, ID = 0.17A
Forward Transconductance
gFS
80
370
¾
mS
VDS = 10V, ID = 0.17A, f = 1.0KHz
Drain-Source Diode Forward Voltage
VSD
¾
0.84
1.3
V
VGS = 0V, IS = 0.34A
DYNAMIC CHARACTERISTICS
Input Capacitance
Ciss
¾
29
60
pF
VDS = 25V, VGS = 0V
f = 1.0MHz
Output Capacitance
Coss
¾
10
15
pF
Reverse Transfer Capacitance
Crss
¾
2
6
pF
SWITCHING CHARACTERISTICS
Turn-On Rise Time
tr
¾
¾
8
ns
VDD = 30V, ID = 0.28A,
RGEN = 50W, VGS = 10V
Turn-Off Fall Time
tf
¾
¾
16
ns
Turn-On Delay Time
tD(ON)
¾
¾
8
ns
Turn-Off Delay Time
tD(OFF)
¾
¾
13
ns
Electrical Characteristics
@ TA = 25°C unless otherwise specified
Note:
3. Short duration test pulse used to minimize self-heating effect.
0
0.2
0.7
0
1
3
4
5
V
, DRAIN-SOURCE VOLTAGE (V)
DS
Fig. 1 On-Region Characteristics
V
= 4V
GS
2
0.6
0.5
0.1
0.3
0.4
V
= 3V
GS
V
= 10, 7, 6, 5V
GS
0.8
1.2
1.6
0.1
0.2
I , DRAIN-SOURCE CURRENT (A)
D
Fig. 2 On-Resistance Variation with Gate Voltage
and Drain-Source Current
V
= 4V
GS
2.0
2.4
0.3
0.4
0.5
0.6
V
= 3V
GS
V
= 5, 6, 7, 10V
GS


Similar Part No. - BSS123

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BSS123 PHILIPS-BSS123 Datasheet
56Kb / 4P
   N-channel enhancement mode vertical D-MOS transistor
August 2000 Rev 1.000
logo
Infineon Technologies A...
BSS123 INFINEON-BSS123 Datasheet
3Mb / 8P
   SIPMOS??Small-Signal-Transistor Feature
2010-05-12
logo
FutureWafer Tech Co.,Lt...
BSS123 FUTUREWAFER-BSS123 Datasheet
1Mb / 9P
   N-Channel Enhancement Mode MOSFET
22-May-2021 V2.0
logo
Zetex Semiconductors
BSS123 ZETEX-BSS123 Datasheet
45Kb / 1P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
logo
Bruckewell Technology L...
BSS123 BWTECH-BSS123 Datasheet
351Kb / 5P
   N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - BSS123

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BS870 DIODES-BS870 Datasheet
63Kb / 2P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11302 Rev. G-2
BSS123W DIODES-BSS123W Datasheet
67Kb / 3P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30368 Rev. 2 - 2
DT453N DIODES-DT453N Datasheet
73Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11608 Rev. C-4
logo
NXP Semiconductors
BSH121 PHILIPS-BSH121 Datasheet
297Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 01-14 August 2000
PH8230 PHILIPS-PH8230 Datasheet
214Kb / 12P
   N-channel enhancement mode field-effect transistor
Rev. 01-23 June 2003
logo
Unisonic Technologies
2N7002 UTC-2N7002 Datasheet
148Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Chino-Excel Technology
CEP13N10 CET-CEP13N10 Datasheet
98Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP50N06 CET-CEP50N06 Datasheet
391Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP65A3 CET-CEP65A3 Datasheet
101Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP80N75 CET-CEP80N75 Datasheet
400Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP658N CET-CEP658N Datasheet
491Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com