Part Name
         Description
BZT52C43_1

 SURFACE MOUNT ZENER DIODE ( 3 Page)


DIODES
100% 
Zoom Out Zoom In
   
 3 page
background image
DS30363 Rev. 9 - 2
3 of 3
BZT52C43 - BZT52C51
www.diodes.com
ÓDiodes Incorporated
Month
Jan
Feb
March
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
12
3
4
5
6
7
89
O
N
D
Date Code Key
XX = Product Type Marking Code (See Page 1)
YM = Date Code Marking
Y = Year (ex: P = 2002)
M = Month (ex: 9 = September)
Marking Information for Parts marked WY, WZ or X1
Marking Information for Parts marked WU, WU, WV or WW
XX = Product Type Marking Code (See Page 1)
YM = Date Code Marking
Y = Year (ex: N = 2002)
M = Month (ex: 9 = September)
XX
Month
Jan
Feb
March
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
12
3
4
5
6
7
89
O
N
D
Date Code Key
Year
1998
1999
2000
2001
2002
2003
2004
2005
2006
2007
2008
2009
Code
JK
L
M
N
P
R
ST
U
V
W
Year
2000
2001
2002
2003
2004
Code
MN
P
RS
IMPORTANT NOTICE
LIFE SUPPORT
Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further
notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither
does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will
agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages.
Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the
President of Diodes Incorporated.



Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BZX84C2V4_1350mW SURFACE MOUNT ZENER DIODE 1 2 3 4 Diodes Incorporated
BZX84C2V4T_1150mW SURFACE MOUNT ZENER DIODE 1 2 3 Diodes Incorporated
DZ23C2V7_1300mW DUAL SURFACE MOUNT ZENER DIODE 1 2 3 4 Diodes Incorporated
AZ23C2V7_1300mW DUAL SURFACE MOUNT ZENER DIODE 1 2 3 4 Diodes Incorporated
BZT52C2V0_1SURFACE MOUNT ZENER DIODE 1 2 3 4 Diodes Incorporated
MMBZ5221BT_1150mW SURFACE MOUNT ZENER DIODE 1 2 3 4 Diodes Incorporated
MMSZ5221B_1500mW SURFACE MOUNT ZENER DIODE 1 2 3 4 Diodes Incorporated
MMBZ5221B_1350mW SURFACE MOUNT ZENER DIODE 1 2 3 4 Diodes Incorporated
SMAZ5V1_11.0W SURFACE MOUNT ZENER DIODE 1 2 3 4 Diodes Incorporated
BZX84C2V4S_1DUAL 200mW SURFACE MOUNT ZENER DIODE 1 2 3 Diodes Incorporated

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl