Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCX123JU-7-F Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DCX123JU-7-F
Description  SMALL SIGNAL COMPLEMENTARY PRE-BIASED DUAL TRANSISTOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DCX123JU-7-F Datasheet(HTML) 2 Page - Diodes Incorporated

  DCX123JU-7-F Datasheet HTML 1Page - Diodes Incorporated DCX123JU-7-F Datasheet HTML 2Page - Diodes Incorporated DCX123JU-7-F Datasheet HTML 3Page - Diodes Incorporated DCX123JU-7-F Datasheet HTML 4Page - Diodes Incorporated DCX123JU-7-F Datasheet HTML 5Page - Diodes Incorporated DCX123JU-7-F Datasheet HTML 6Page - Diodes Incorporated DCX123JU-7-F Datasheet HTML 7Page - Diodes Incorporated DCX123JU-7-F Datasheet HTML 8Page - Diodes Incorporated DCX123JU-7-F Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
DS30347 Rev. 8 - 2
2 of 11
DCX (xxxx) U
www.diodes.com
Characteristic (DCX143TU & DCX114TU only)
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Base Breakdown Voltage
BVCBO
50
V
IC = 50
µA
Collector-Emitter Breakdown Voltage
BVCEO
50
V
IC = 1mA
Emitter-Base Breakdown Voltage
BVEBO
5
−−
V
IE = 50
µA
Collector Cutoff Current
ICBO
0.5
µA
VCB = 50V
Emitter Cutoff Current
IEBO
0.5
µA
VEB = 4V
Collector-Emitter Saturation Voltage
VCE(sat)
0.3
V
IC/IB = 2.5mA / 0.25mA
DCX143TU
IC/IB = 1mA / 0.1mA
DCX114TU
DC Current Transfer Ratio
hFE
100
250
600
IC = 1mA, VCE = 5V
Input Resistor (R1) Tolerance
∆R1
-30
+30
%
Gain-Bandwidth Product
fT
250
MHz
VCE = 10V, IE = -5mA, f = 100MHz
Characteristic
Symbol
Value
Unit
Supply Voltage, (3) to (1)
VCC
50
V
Input Voltage, (2) to (1)
DCX124EU
DCX144EU
DCX114YU
DCX123JU
DCX114EU
DCX143TU
DCX143EU
DCX114TU
VIN
+10 to -40
+10 to -40
+6 to -40
+5 to -12
+10 to -40
+5 Vmax
+10 to -30
+5 Vmax
V
Output Current
DCX124EU
DCX144EU
DCX114YU
DCX123JU
DCX114EU
DCX143TU
DCX143EU
DCX114TU
IO
-30
-30
-70
-100
-50
-100
-100
-100
mA
Output Current
All
IC (Max)
-100
mA
Power Dissipation (Total)
(Page 1: Note 2)
Pd
200
mW
Thermal Resistance, Junction to Ambient Air (Page 1: Note 1)
RθJA
625
°C/W
Operating and Storage and Temperature Range
Tj, TSTG
-55 to +150
°C
Maximum Ratings PNP Section @ TA = 25°C unless otherwise specified
Electrical Characteristics NPN Section @ TA = 25°C unless otherwise specified


Similar Part No. - DCX123JU-7-F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DCX123JU-7-F DIODES-DCX123JU-7-F Datasheet
1Mb / 14P
   SMALL SIGNAL COMPLEMENTARY PRE-BIASED DUAL TRANSISTOR
December 2021
More results

Similar Description - DCX123JU-7-F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ACX124EUQ DIODES-ACX124EUQ Datasheet
451Kb / 8P
   SMALL SIGNAL COMPLEMENTARY PRE-BIASED DUAL TRANSISTOR
Rev. 3 - 2 March 2017
ACX143ZUQ DIODES-ACX143ZUQ Datasheet
397Kb / 8P
   SMALL SIGNAL COMPLEMENTARY PRE-BIASED DUAL TRANSISTOR
Rev. 2 - 2 September 2017
DCX124EU DIODES-DCX124EU_2 Datasheet
400Kb / 12P
   SMALL SIGNAL COMPLEMENTARY PRE-BIASED DUAL TRANSISTOR
DS30347 Rev. 11 - 2
DCXXXXXU DIODES-DCXXXXXU Datasheet
1Mb / 14P
   SMALL SIGNAL COMPLEMENTARY PRE-BIASED DUAL TRANSISTOR
December 2021
ACX114EUQ DIODES-ACX114EUQ Datasheet
427Kb / 8P
   SMALL SIGNAL COMPLEMENTARY PRE-BIASED DUAL TRANSISTOR
Rev. 1 - 2 September 2017
ACX114YUQ DIODES-ACX114YUQ Datasheet
434Kb / 8P
   SMALL SIGNAL COMPLEMENTARY PRE-BIASED DUAL TRANSISTOR
Rev. 2 - 2 January 2017
DCX122LU DIODES-DCX122LU_1 Datasheet
211Kb / 4P
   COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL DUAL SURFACE MOUNT TRANSISTOR
DS30425 Rev. 5 - 2
DCX122LH DIODES-DCX122LH_1 Datasheet
206Kb / 4P
   COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL DUAL SURFACE MOUNT TRANSISTOR
DS30429 Rev. 3 - 2
DCX122LU-7 DIODES-DCX122LU-7 Datasheet
211Kb / 4P
   COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL DUAL SURFACE MOUNT TRANSISTOR
DCX124EH DIODES-DCX124EH_2 Datasheet
240Kb / 6P
   COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL DUAL SURFACE MOUNT TRANSISTOR
DS30422 Rev. 3 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com