Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TB0640H Datasheet(PDF) 1 Page - Diodes Incorporated

Part # TB0640H
Description  100A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

TB0640H Datasheet(HTML) 1 Page - Diodes Incorporated

  TB0640H Datasheet HTML 1Page - Diodes Incorporated TB0640H Datasheet HTML 2Page - Diodes Incorporated TB0640H Datasheet HTML 3Page - Diodes Incorporated TB0640H Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DS30360 Rev. 7 - 2
1 of 4
TB0640H - TB3500H
www.diodes.com
ã Diodes Incorporated
Features
·
100A Peak Pulse Current @ 10/1000
ms
·
400A Peak Pulse Current @ 8/20
ms
·
58 - 320V Stand-Off Voltages
·
Oxide-Glass Passivated Junction
·
Bi-Directional Protection In a Single Device
·
High Off-State impedance and Low On-State Voltage
·
Helps Equipment Meet GR-1089-CORE, IEC 61000-4-5, FCC Part
68, ITU-T K.20/K.21, and UL497B
·
UL Listed Under Recognized Component Index, File Number
156346
·
Lead Free Finish/RoHS Compliant (Note 1)
Mechanical Data
·
Case: SMB
·
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
·
Moisture Sensitivity: Level 1 per J-STD-020C
·
Terminals: Lead Free Plating (Matte Tin Finish).
Solderable per MIL-STD-202, Method 208
·
Polarity: None; Bi-Directional Devices Have No Polarity Indicator
·
Marking: Date Code & Marking Code (See Page 4)
·
Ordering Information: See Page 4
·
Weight: 0.093 grams (approximate)
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
A
B
C
D
G
H
E
J
Characteristic
Symbol
Value
Unit
Non-Repetitive Peak Impulse Current
@10/1000us
Ipp
100
A
Non-Repetitive Peak On-State Current
@8.3ms (one-half cycle)
ITSM
50
A
Junction Temperature Range
Tj
-40 to +150
°C
Storage Temperature Range
TSTG
-55 to +150
°C
Thermal Resistance, Junction to Lead
RqJL
20
°C/W
Thermal Resistance, Junction to Ambient
RqJA
100
°C/W
Typical Positive Temperature Coefficient for Breakdown Voltage
DVBR/DTj
0.1
%/°C
Maximum Ratings @ TA = 25°C unless otherwise specified
Maximum Rated Surge Waveform
Waveform
Standard
Ipp (A)
2/10 us
GR-1089-CORE
500
8/20 us
IEC 61000-4-5
400
10/160 us
FCC Part 68
250
10/700 us
ITU-T, K.20/K.21
200
10/560 us
FCC Part 68
160
10/1000 us
GR-1089-CORE
100
0
TIME
100
50
0
Peak Value (I )
pp
Half Value
t = rise time to peak value
t = decay time to half value
r
p
t
r
t
p
TB0640H - TB3500H
100A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR
SURGE PROTECTIVE DEVICE
SMB
Dim
Min
Max
A
3.30
3.94
B
4.06
4.57
C
1.96
2.21
D
0.15
0.31
E
5.00
5.59
G
0.10
0.20
H
0.76
1.52
J
2.00
2.62
All Dimensions in mm


Similar Part No. - TB0640H

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
TB0640H DIODES-TB0640H Datasheet
184Kb / 4P
   100A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30360 Rev. 3 - 2
logo
Lite-On Technology Corp...
TB0640H LITEON-TB0640H Datasheet
46Kb / 4P
   SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
logo
Diodes Incorporated
TB0640H DIODES-TB0640H Datasheet
113Kb / 5P
   100A BIDIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30360 Rev. 9 - 2
logo
SUNMATE electronic Co.,...
TB0640H SUNMATE-TB0640H Datasheet
964Kb / 3P
   THYRISTOR SURGE SUPPRESSORS
logo
Diodes Incorporated
TB0640H-13 DIODES-TB0640H-13 Datasheet
184Kb / 4P
   100A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30360 Rev. 3 - 2
More results

Similar Description - TB0640H

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
TB0640H DIODES-TB0640H Datasheet
184Kb / 4P
   100A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30360 Rev. 3 - 2
TB0640M DIODES-TB0640M_1 Datasheet
76Kb / 4P
   50A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30361 Rev. 7 - 2
TB0640L DIODES-TB0640L Datasheet
190Kb / 4P
   30A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30359 Rev. 2 - 1
TB0640L DIODES-TB0640L_1 Datasheet
79Kb / 4P
   30A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30359 Rev. 6 - 2
TB0640M DIODES-TB0640M Datasheet
187Kb / 4P
   50A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30361 Rev. 2 - 1
logo
Weitron Technology
T064AB-LC WEITRON-T064AB-LC Datasheet
262Kb / 3P
   Low Capacitance Bi-Directional Surface Mount Thyristor Surge Protective Device
T110AB-LC WEITRON-T110AB-LC_07 Datasheet
296Kb / 3P
   Low Capacitance Bi-Directional Surface Mount Thyristor Surge Protective Device
logo
Diodes Incorporated
TB0640H DIODES-TB0640H_10 Datasheet
113Kb / 5P
   100A BIDIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30360 Rev. 9 - 2
logo
Pan Jit International I...
TSP058SB PANJIT-TSP058SB Datasheet
109Kb / 7P
   SURFACE MOUNT BI-DIRECTIONAL THYRISTOR SURGE PROTECTOR DEVICE
TSP058SC PANJIT-TSP058SC Datasheet
110Kb / 7P
   SURFACE MOUNT BI-DIRECTIONAL THYRISTOR SURGE PROTECTOR DEVICE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com