Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCX114TU Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DCX114TU
Description  SMALL SIGNAL COMPLEMENTARY PRE-BIASED DUAL TRANSISTOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DCX114TU Datasheet(HTML) 1 Page - Diodes Incorporated

  DCX114TU Datasheet HTML 1Page - Diodes Incorporated DCX114TU Datasheet HTML 2Page - Diodes Incorporated DCX114TU Datasheet HTML 3Page - Diodes Incorporated DCX114TU Datasheet HTML 4Page - Diodes Incorporated DCX114TU Datasheet HTML 5Page - Diodes Incorporated DCX114TU Datasheet HTML 6Page - Diodes Incorporated DCX114TU Datasheet HTML 7Page - Diodes Incorporated DCX114TU Datasheet HTML 8Page - Diodes Incorporated DCX114TU Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
DS30347 Rev. 8 - 2
1 of 11
DCX (xxxx) U
www.diodes.com
© Diodes Incorporated
Epitaxial Planar Die Construction
Built-In Biasing Resistors
Lead Free/RoHS Compliant (Note 3)
Surface Mount Package Suited for Automated Assembly
Characteristic
Symbol
Value
Unit
Supply Voltage, (6) to (1) and (4) to (3)
VCC
50
V
Input Voltage, (2) to (1) and (4) to (5)
DCX124EU
DCX144EU
DCX114YU
DCX123JU
DCX114EU
DCX143TU
DCX143EU
DCX114TU
VIN
-10 to +40
-10 to +40
-6 to +40
-5 to +12
-10 to +40
-5 Vmax
-10 to +30
-5 Vmax
V
Output Current
DCX124EU
DCX144EU
DCX114YU
DCX123JU
DCX114EU
DCX143TU
DCX143EU
DCX114TU
IO
30
30
70
100
50
100
100
100
mA
Output Current
All
IC (Max)
100
mA
Power Dissipation (Total)
(Note 2)
Pd
200
mW
Thermal Resistance, Junction to Ambient Air (Note 1)
RθJA
625
°C/W
Operating and Storage and Temperature Range
Tj, TSTG
-55 to +150
°C
Features
Maximum Ratings NPN Section @ TA = 25°C unless otherwise specified
A
M
J
L
D
B C
H
K
G
F
CXX YM
Mechanical Data
Case: SOT-363
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020C
Terminals: Solderable per MIL-STD-202, Method 208
Lead Free Plating (Matte Tin Finish annealed over Alloy
42 leadframe).
Terminal Connections: See Diagram
Marking: Date Code and Marking Code
(See Page 4)
Ordering Information (See Page 4)
Weight: 0.006 grams (approximate)
P/N
R1
R2
MARKING
DCX124EU
DCX144EU
DCX114YU
DCX123JU
DCX114EU
DCX143TU
DCX143EU
DCX114TU
22K
47K
10K
2.2K
10K
4.7K
4.7K
10K
22K
47K
47K
47K
10K
-
4.7K
-
C17
C20
C14
C06
C13
C07
C08
C12
R
1
R
1
BQ2
BQ1
CQ1
CQ2
1
2
3
4
5
6
EQ2
EQ1
R2
R2
Q2
Q1
R
1
R
1
CQ1
Q1
Q2
1
2
3
4
5
6
BQ2
BQ1
CQ2
EQ2
EQ1
R1, R2
R1 Only
SCHEMATIC DIAGRAM
DCX (xxxx) U
SMALL SIGNAL COMPLEMENTARY PRE-BIASED DUAL TRANSISTOR
SOT-363
Dim
Min
Max
A
0.10
0.30
B
1.15
1.35
C
2.00
2.20
D
0.65 Nominal
F
0.30
0.40
H
1.80
2.20
J
0.10
K
0.90
1.00
L
0.25
0.40
M
0.10
0.25
α
0
°
All Dimensions in mm
Note:
1. Mounted on FR4 PC Board with recommended pad layout at http://www.diodes.com/datasheets/ap02001.pdf.
2. 150mW per element must not be exceeded.
3. No purposefully added lead.
Q1: NPN Transistor
Q2: PNP Transistor
SPICE MODELS: DCX124EU DCX144EU DCX114YU DCX123JU DCX114EU DCX143TU DCX114TU


Similar Part No. - DCX114TU

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DCX114TU DIODES-DCX114TU Datasheet
120Kb / 8P
   COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR
DS30347 Rev. 2 - 2
DCX114TU DIODES-DCX114TU Datasheet
75Kb / 3P
   COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR
DS30347 Rev. 1 - 1
DCX114TU DIODES-DCX114TU Datasheet
400Kb / 12P
   SMALL SIGNAL COMPLEMENTARY PRE-BIASED DUAL TRANSISTOR
DS30347 Rev. 11 - 2
DCX114TU DIODES-DCX114TU Datasheet
1Mb / 14P
   SMALL SIGNAL COMPLEMENTARY PRE-BIASED DUAL TRANSISTOR
December 2021
DCX114TU-7 DIODES-DCX114TU-7 Datasheet
120Kb / 8P
   COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR
DS30347 Rev. 2 - 2
More results

Similar Description - DCX114TU

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ACX124EUQ DIODES-ACX124EUQ Datasheet
451Kb / 8P
   SMALL SIGNAL COMPLEMENTARY PRE-BIASED DUAL TRANSISTOR
Rev. 3 - 2 March 2017
ACX143ZUQ DIODES-ACX143ZUQ Datasheet
397Kb / 8P
   SMALL SIGNAL COMPLEMENTARY PRE-BIASED DUAL TRANSISTOR
Rev. 2 - 2 September 2017
DCX124EU DIODES-DCX124EU_2 Datasheet
400Kb / 12P
   SMALL SIGNAL COMPLEMENTARY PRE-BIASED DUAL TRANSISTOR
DS30347 Rev. 11 - 2
DCXXXXXU DIODES-DCXXXXXU Datasheet
1Mb / 14P
   SMALL SIGNAL COMPLEMENTARY PRE-BIASED DUAL TRANSISTOR
December 2021
ACX114EUQ DIODES-ACX114EUQ Datasheet
427Kb / 8P
   SMALL SIGNAL COMPLEMENTARY PRE-BIASED DUAL TRANSISTOR
Rev. 1 - 2 September 2017
ACX114YUQ DIODES-ACX114YUQ Datasheet
434Kb / 8P
   SMALL SIGNAL COMPLEMENTARY PRE-BIASED DUAL TRANSISTOR
Rev. 2 - 2 January 2017
DCX122LU DIODES-DCX122LU_1 Datasheet
211Kb / 4P
   COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL DUAL SURFACE MOUNT TRANSISTOR
DS30425 Rev. 5 - 2
DCX122LH DIODES-DCX122LH_1 Datasheet
206Kb / 4P
   COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL DUAL SURFACE MOUNT TRANSISTOR
DS30429 Rev. 3 - 2
DCX122LU-7 DIODES-DCX122LU-7 Datasheet
211Kb / 4P
   COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL DUAL SURFACE MOUNT TRANSISTOR
DCX124EH DIODES-DCX124EH_2 Datasheet
240Kb / 6P
   COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL DUAL SURFACE MOUNT TRANSISTOR
DS30422 Rev. 3 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com