Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MGFC5108 Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # MGFC5108
Description  Ka-Band 3-Stage Self Bias Low Noise Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MGFC5108 Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  MGFC5108 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MGFC5108 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MGFC5108 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MGFC5108 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor MGFC5108 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MITSUBISHI SEMICONDUCTOR <GaAs MMIC>
MITSUBISHI
ELECTRIC
PRELIMINARY
Notice : This is not a final specification
Some parametric limits are subject to change.
as of July '98
MGFC5108
Ka-Band 3-Stage Self Bias Low Noise Amplifier
AN EXAMPLE OF TEST CIRCUIT
:Chip capacitor (39pF)
Cb > 100µF
Vd1a
Vd2a
GND
Vg1
Vg3
RF-in
GND
GND
Vd3a
Vg2
RF-out
GND
GND
Vd1b
Vd2b
GND
Vd3b
Cb
Cb
Cb
5V
5V
5V
*1
*2
*1
*2
*1 Length of bonding wire < 200 µm
*2 Number of bonding wire
≥ 3


Similar Part No. - MGFC5108

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MGFC5107 MITSUBISHI-MGFC5107 Datasheet
43Kb / 5P
   Ka-Band 3-Stage Self Bias Low Noise Amplifier
MGFC5109 MITSUBISHI-MGFC5109 Datasheet
37Kb / 4P
   Ka-Band 3-Stage Self Bias Low Noise Amplifier
More results

Similar Description - MGFC5108

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MGFC5109 MITSUBISHI-MGFC5109 Datasheet
37Kb / 4P
   Ka-Band 3-Stage Self Bias Low Noise Amplifier
MGFC5107 MITSUBISHI-MGFC5107 Datasheet
43Kb / 5P
   Ka-Band 3-Stage Self Bias Low Noise Amplifier
MGFC5110 MITSUBISHI-MGFC5110 Datasheet
35Kb / 4P
   Ka-Band 3-Stage Self Bias Low Noise Amplifier
logo
TriQuint Semiconductor
TGA1307-EPU TRIQUINT-TGA1307-EPU Datasheet
745Kb / 7P
   Ka Band Low Noise Amplifier
TGA4507-EPU TRIQUINT-TGA4507-EPU Datasheet
200Kb / 9P
   Ka Band Low Noise Amplifier
TGA4508 TRIQUINT-TGA4508 Datasheet
183Kb / 10P
   Ka Band Low Noise Amplifier
TGA1307 TRIQUINT-TGA1307 Datasheet
736Kb / 7P
   Ka Band Low Noise Amplifier
TGA1319B TRIQUINT-TGA1319B Datasheet
405Kb / 3P
   Ka Band Low Noise Amplifier
TGA4507 TRIQUINT-TGA4507_15 Datasheet
255Kb / 9P
   Ka Band Low Noise Amplifier
TGA1319A TRIQUINT-TGA1319A Datasheet
312Kb / 3P
   Ka Band Low Noise Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com