Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBZ27VCL Datasheet(PDF) 2 Page - Diodes Incorporated

Part # MMBZ27VCL
Description  40W PEAK POWER DUAL SURFACE MOUNT TVS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMBZ27VCL Datasheet(HTML) 2 Page - Diodes Incorporated

  MMBZ27VCL Datasheet HTML 1Page - Diodes Incorporated MMBZ27VCL Datasheet HTML 2Page - Diodes Incorporated MMBZ27VCL Datasheet HTML 3Page - Diodes Incorporated MMBZ27VCL Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DS30352 Rev. 9 - 2
2 of 4
MMBZ15VDL, MMBZ27VCL
www.diodes.com
10 X 1000 Waveform
as defined by REA
0
25
50
75
100 125 150 175 200
100
75
50
25
0
T , AMBIENT TEMPERATURE (
°C)
A
Fig. 1 Pulse Derating Curve
0
1
2
3
100
50
0
Half Value I /2
pp
10 X 1000 Waveform
as defined by R.E.A.
t
p
t, TIME (ms)
Fig. 2 Pulse Waveform
0
50
100
200
150
250
300
0
25
50
75
100
125
150
175
T , AMBIENT TEMPERATURE
A
Fig. 3 Steady State Power Derating Curve
FR-5 Board
0
1
2
3
80
0
10
20
30
40
50
60
70
BIAS (V)
Fig. 4 Typical Capacitance vs. Bias Voltage
(Lower curve is Bidirectional mode,
Upper curve is Unidirectional mode)
MMBZ15VDL
MMBZ27VCL
f = 1MHz
25
26
28
27
29
30
-15
-55
25
65
105
145
T , AMBIENT TEMPERATURE (°C)
A
Fig. 5 Typical Breakdown Voltage
vs. Temperature (MMBZ27VCL)
I = 1mA
T
Unidirectional
Bidirectional
0.1
100
10
-15
-55
25
65
105
145
T , AMBIENT TEMPERATURE (°C)
A
Fig. 6 Typical Leakage Current
vs. Temperature (MMBZ27VCL)
1
Unidirectional
V
= 22V
RWM


Similar Part No. - MMBZ27VCL

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBZ27VCL DIODES-MMBZ27VCL Datasheet
73Kb / 3P
   40W PEAK POWER DUAL SURFACE MOUNT TVS
DS30352 Rev. 3 - 2
logo
NXP Semiconductors
MMBZ27VCL NXP-MMBZ27VCL Datasheet
79Kb / 15P
   Double ESD protection diodes for transient overvoltage suppression
Rev. 01-3 September 2008
MMBZ27VCL NXP-MMBZ27VCL Datasheet
87Kb / 15P
   Double ESD protection diodes for transient overvoltage suppression
Rev. 01-3 September 2008
logo
Nexperia B.V. All right...
MMBZ27VCL NEXPERIA-MMBZ27VCL Datasheet
218Kb / 11P
   Double ESD protection diode for transient overvoltage suppression
11 April 2023
logo
Diodes Incorporated
MMBZ27VCL-7 DIODES-MMBZ27VCL-7 Datasheet
73Kb / 3P
   40W PEAK POWER DUAL SURFACE MOUNT TVS
DS30352 Rev. 3 - 2
More results

Similar Description - MMBZ27VCL

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBZ15VDL DIODES-MMBZ15VDL_08 Datasheet
136Kb / 4P
   40W PEAK POWER DUAL SURFACE MOUNT TVS
DS30352 Rev. 11 - 2
MMBZ15VDL DIODES-MMBZ15VDL Datasheet
73Kb / 3P
   40W PEAK POWER DUAL SURFACE MOUNT TVS
DS30352 Rev. 3 - 2
MMBZ27VAL-7-F DIODES-MMBZ27VAL-7-F Datasheet
199Kb / 6P
   24W AND 40W PEAK POWER DUAL SURFACE MOUNT TVS
MMBZ5V6AL DIODES-MMBZ5V6AL_1 Datasheet
448Kb / 4P
   24W AND 40W PEAK POWER DUAL SURFACE MOUNT TVS
DS30306 Rev. 9 - 2
MMBZ15VAL-7-F DIODES-MMBZ15VAL-7-F Datasheet
199Kb / 6P
   24W AND 40W PEAK POWER DUAL SURFACE MOUNT TVS
MMBZ5V6AL DIODES-MMBZ5V6AL_10 Datasheet
108Kb / 5P
   24W AND 40W PEAK POWER DUAL SURFACE MOUNT TVS
Rev. 13 - 2 February 2010
MMBZ5V6AL DIODES-MMBZ5V6AL Datasheet
71Kb / 4P
   24W AND 40W PEAK POWER DUAL SURFACE MOUNT TVS
DS30306 Rev. 5 - 2
MMBZ5V6AL DIODES-MMBZ5V6AL_13 Datasheet
199Kb / 6P
   24W AND 40W PEAK POWER DUAL SURFACE MOUNT TVS
MMBZ20VAL-7-F DIODES-MMBZ20VAL-7-F Datasheet
199Kb / 6P
   24W AND 40W PEAK POWER DUAL SURFACE MOUNT TVS
logo
SeCoS Halbleitertechnol...
SMAJ SECOS-SMAJ_18 Datasheet
554Kb / 4P
   Peak Power Surface Mount TVS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com