Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM566169BC-70 Datasheet(PDF) 1 Page - Etron Technology, Inc.

Part # EM566169BC-70
Description  1M x 16 Pseudo SRAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETRON [Etron Technology, Inc.]
Direct Link  http://www.etron.com
Logo ETRON - Etron Technology, Inc.

EM566169BC-70 Datasheet(HTML) 1 Page - Etron Technology, Inc.

  EM566169BC-70 Datasheet HTML 1Page - Etron Technology, Inc. EM566169BC-70 Datasheet HTML 2Page - Etron Technology, Inc. EM566169BC-70 Datasheet HTML 3Page - Etron Technology, Inc. EM566169BC-70 Datasheet HTML 4Page - Etron Technology, Inc. EM566169BC-70 Datasheet HTML 5Page - Etron Technology, Inc. EM566169BC-70 Datasheet HTML 6Page - Etron Technology, Inc. EM566169BC-70 Datasheet HTML 7Page - Etron Technology, Inc. EM566169BC-70 Datasheet HTML 8Page - Etron Technology, Inc. EM566169BC-70 Datasheet HTML 9Page - Etron Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
EtronTech
EM566169BC
Etron Technology, Inc.
No. 6, Technology Rd. V, Science-Based Industrial Park, Hsinchu, Taiwan 30077, R.O.C.
TEL: (886)-3-5782345
FAX: (886)-3-5778671
Etron Technology, Inc., reserves the right to make changes to its products and specifications without notice.
1M x 16 Pseudo SRAM
Rev 0.6 Apr. 2004
Features
• Organized as 1M words by 16 bits
• Fast Cycle Time : 60/65/70/85ns
• Fast Page Cycle Time : 18/20/25/30ns
• Page Read Operation by 8 words
• Standby Current(ISB1): 100uA
• Deep power-down Current : 10uA (Memory cell data
invalid)
• Byte data control: LB# (DQ0 - 7), UB# (DQ8 - 15)
• Compatible with low power SRAM
• Single Power Supply Voltage : 3.0V±0.3V
• Package Type : 48-ball FBGA, 6x8mm
Ordering Information
Part Number
Speed(ns)
EM566169BC-60/65/70/85
60/65/70/85
Pin Description
Symbol
Function
A0 – A19
Address Inputs
DQ0 – DQ15
Data Inputs/Outputs
CE1#
Chip Enable
CE2
Standby Mode
OE#
Output Enable
WE#
Write Control
LB#
Lower Byte Control
UB#
Upper Byte Control
VCC/VCCQ
Power Supply
VSS/VSSQ
Ground
Pad Assignment
Overview
The EM566169 is a 16M-bit Pseudo SRAM organized as 1M words by 16 bits. It is designed with advanced
CMOS technology specified RAM featuring low power static RAM compatible function and pin configuration.
This device operates from a single power supply. Advanced circuit technology provides both high speed and
low power. It is automatically placed in low-power mode when CE1# or both UB# and LB# are asserted high or
CE2 is asserted low. There are three control inputs. CE1# and CE2 are used to select the device, and output
enable (OE#) provides fast memory access. Data byte control pins (LB#,UB#) provide lower and upper byte
access. This device is well suited to various microprocessor system applications where high speed, low power
and battery backup are required. And, with a guaranteed wide operating range, the EM566169 can be used in
environments exhibiting extreme temperature conditions.
6
5
4
3
2
1
LB#
OE#
DQ8
UB#
A0
A1
A3
A4
A2
CE2
CE1#
DQ0
DQ9
DQ10
VSS
DQ11
A5
A6
A17
A7
DQ1
DQ2
DQ3
VCC
VCC
DQ12
DQ14
DQ13
NC
A16
A14
A15
DQ4
VSS
DQ5
DQ6
DQ15
A19
A18
A8
A12
A13
A9
A10
WE#
DQ7
A11
NC
G
H
F
E
D
C
B
A


Similar Part No. - EM566169BC-70

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EM566168 ETRON-EM566168 Datasheet
146Kb / 12P
   1M x 16 Pseudo SRAM
More results

Similar Description - EM566169BC-70

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EM566168 ETRON-EM566168 Datasheet
146Kb / 12P
   1M x 16 Pseudo SRAM
EM565168 ETRON-EM565168 Datasheet
122Kb / 12P
   512K x 16 Pseudo SRAM
EM567168 ETRON-EM567168 Datasheet
121Kb / 12P
   2M x 16 Pseudo SRAM
EM567169BC ETRON-EM567169BC Datasheet
129Kb / 14P
   2M x 16 Pseudo SRAM
logo
Hynix Semiconductor
HY64UD16162M HYNIX-HY64UD16162M Datasheet
351Kb / 11P
   1M x 16 bit Low Low Power 1T/1C Pseudo SRAM
HY64SD16162B HYNIX-HY64SD16162B Datasheet
278Kb / 11P
   1M x 16 bit Low Low Power 1T/1C Pseudo SRAM
HY64UD16162B HYNIX-HY64UD16162B Datasheet
285Kb / 11P
   1M x 16 bit Low Low Power 1T/1C Pseudo SRAM
HY64LD16162M HYNIX-HY64LD16162M Datasheet
349Kb / 11P
   1M x 16 bit Low Low Power 1T/1C Pseudo SRAM
logo
Winbond
W964B6BBN WINBOND-W964B6BBN Datasheet
961Kb / 30P
   1M WORD X 16BIT LOW POWER PSEUDO SRAM
logo
Elite Semiconductor Mem...
M24L16161ZA ESMT-M24L16161ZA Datasheet
384Kb / 15P
   16-Mbit (1M x 16) Pseudo Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com