Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DDTC113ZUA-7-F Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DDTC113ZUA-7-F
Description  NPN PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDTC113ZUA-7-F Datasheet(HTML) 2 Page - Diodes Incorporated

  DDTC113ZUA-7-F Datasheet HTML 1Page - Diodes Incorporated DDTC113ZUA-7-F Datasheet HTML 2Page - Diodes Incorporated DDTC113ZUA-7-F Datasheet HTML 3Page - Diodes Incorporated DDTC113ZUA-7-F Datasheet HTML 4Page - Diodes Incorporated DDTC113ZUA-7-F Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DS30322 Rev. 8 - 2
2 of 5
DDTC (R1
¹R2 SERIES) UA
www.diodes.com
Electrical Characteristics @ TA = 25°C unless otherwise specified
Maximum Ratings (continued) @ TA = 25°C unless otherwise specified
Notes: 4. Mounted on FR4 PC Board with recommended pad layout at http://www.diodes.com/datasheets/ap02001.pdf.
Characteristic
Symbol
Value
Unit
Output Current
All
IC (Max)
100
mA
Power Dissipation
Pd
200
mW
Thermal Resistance, Junction to Ambient Air (Note 4)
RqJA
625
°C/W
Operating and Storage and Temperature Range
Tj,TSTG
-55 to +150
°C
* Transistor - For Reference Only
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Input Voltage
DDTC113ZUA
DDTC123YUA
DDTC123JUA
DDTC143XUA
DDTC143FUA
DDTC143ZUA
DDTC114YUA
DDTC114WUA
DDTC124XUA
DDTC144VUA
DDTC144WUA
Vl(off)
0.3
0.3
0.5
0.3
0.3
0.5
0.3
0.8
0.4
1.0
0.8
¾¾
V
VCC = 5V, IO = 100
mA
DDTC113ZUA
DDTC123YUA
DDTC123JUA
DDTC143XUA
DDTC143FUA
DDTC143ZUA
DDTC114YUA
DDTC114WUA
DDTC124XUA
DDTC144VUA
DDTC144WUA
Vl(on)
¾¾
3.0
3.0
1.1
2.5
1.3
1.3
1.4
3.0
2.5
5.0
4.0
VO = 0.3V, IO = 20mA
VO = 0.3V, IO = 20mA
VO = 0.3V, IO = 5mA
VO = 0.3V, IO = 20mA
VO = 0.3V, IO = 3mA
VO = 0.3V, IO = 5mA
VO = 0.3V, IO = 1mA
VO = 0.3V, IO = 2mA
VO = 0.3V, IO = 2mA
VO = 0.3V, IO = 2mA
VO = 0.3V, IO = 2mA
Output Voltage
VO(on)
¾
0.1
0.3
V
IO/Il = 5mA/0.25mA
DDCT123JUA
IO/Il = 5mA/0.25mA
DDCT143ZUA
IO/Il = 5mA/0.25mA
DDCT114YUA
IO/Il = 10mA/0.5mA
All Others
Input Current
DDTC113ZUA
DDTC123YUA
DDTC123JUA
DDTC143XUA
DDTC143FUA
DDTC143ZUA
DDTC114YUA
DDTC114WUA
DDTC124XUA
DDTC144VUA
DDTC144WUA
Il
¾¾
7.2
3.8
3.6
1.8
1.8
1.8
0.88
0.88
0.36
0.16
0.16
mA
VI = 5V
Output Current
IO(off)
¾¾
0.5
mA
VCC = 50V, VI = 0V
DC Current Gain
DDTC113ZUA
DDTC123YUA
DDTC123JUA
DDTC143XUA
DDTC143FUA
DDTC143ZUA
DDTC114YUA
DDTC114WUA
DDTC124XUA
DDTC144VUA
DDTC144WUA
Gl
33
33
80
30
68
80
68
24
68
33
56
¾¾
¾
VO = 5V, IO = 5mA
VO = 5V, IO = 10mA
VO = 5V, IO = 10mA
VO = 5V, IO = 10mA
VO = 5V, IO = 10mA
VO = 5V, IO = 10mA
VO = 5V, IO = 5mA
VO = 5V, IO = 10mA
VO = 5V, IO = 5mA
VO = 5V, IO = 5mA
VO = 5V, IO = 5mA
Input Resistor Tolerance
DR1
-30
¾
+30
%
¾
Resistance Ratio Tolerance
DR2/R1
-20
¾
+20
%
¾
Gain-Bandwidth Product*
fT
¾
250
¾
MHz
VCE = 10V, IE = 5mA,
f = 100MHz


Similar Part No. - DDTC113ZUA-7-F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDTC113ZUA DIODES-DDTC113ZUA Datasheet
193Kb / 4P
   NPN PRE-BIASED SMALL SIGNAL SOT-323 DUAL SURFACE MOUNT TRANSISTOR
DS30322 Rev. 3 - 2
DDTC113ZUA DIODES-DDTC113ZUA Datasheet
148Kb / 4P
   NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 9 - 2
DDTC113ZUA DIODES-DDTC113ZUA_2 Datasheet
148Kb / 4P
   NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 9 - 2
More results

Similar Description - DDTC113ZUA-7-F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDTC113TUA DIODES-DDTC113TUA_1 Datasheet
452Kb / 4P
   NPN PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR
DS30323 Rev. 6 - 2
DDTC114GUA DIODES-DDTC114GUA_1 Datasheet
88Kb / 4P
   NPN PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR
DS30324 Rev. 6 - 2
DDTC114GUA DIODES-DDTC114GUA Datasheet
189Kb / 3P
   NPN PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR
DS30324 Rev. 2 - 1
DDTC123EUA DIODES-DDTC123EUA Datasheet
195Kb / 3P
   NPN PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR
DS30321 Rev. 4 - 2
DDTC123EUA DIODES-DDTC123EUA_1 Datasheet
92Kb / 4P
   NPN PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR
DS30321 Rev. 8 - 2
DDTC113TUA DIODES-DDTC113TUA Datasheet
186Kb / 3P
   NPN PRE-BIASED SMALL SIGNAL SOT-323 DUAL SURFACE MOUNT TRANSISTOR
DS30323 Rev. 2 - 1
DDTC113ZUA DIODES-DDTC113ZUA Datasheet
193Kb / 4P
   NPN PRE-BIASED SMALL SIGNAL SOT-323 DUAL SURFACE MOUNT TRANSISTOR
DS30322 Rev. 3 - 2
DDTA123EUA DIODES-DDTA123EUA_1 Datasheet
82Kb / 4P
   PNP PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR
DS30325 Rev. 7 - 2
DDTA113ZUA DIODES-DDTA113ZUA Datasheet
197Kb / 4P
   PNP PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR
DS30326 Rev. 2 - 2
DDTA123EUA DIODES-DDTA123EUA Datasheet
179Kb / 3P
   PNP PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR
DS30325 Rev. 2 - 1
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com