Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM6A9320BI-2.8 Datasheet(PDF) 11 Page - Etron Technology, Inc.

Part # EM6A9320BI-2.8
Description  4M x 32 DDR SDRAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETRON [Etron Technology, Inc.]
Direct Link  http://www.etron.com
Logo ETRON - Etron Technology, Inc.

EM6A9320BI-2.8 Datasheet(HTML) 11 Page - Etron Technology, Inc.

Back Button EM6A9320BI-2.8 Datasheet HTML 7Page - Etron Technology, Inc. EM6A9320BI-2.8 Datasheet HTML 8Page - Etron Technology, Inc. EM6A9320BI-2.8 Datasheet HTML 9Page - Etron Technology, Inc. EM6A9320BI-2.8 Datasheet HTML 10Page - Etron Technology, Inc. EM6A9320BI-2.8 Datasheet HTML 11Page - Etron Technology, Inc. EM6A9320BI-2.8 Datasheet HTML 12Page - Etron Technology, Inc. EM6A9320BI-2.8 Datasheet HTML 13Page - Etron Technology, Inc. EM6A9320BI-2.8 Datasheet HTML 14Page - Etron Technology, Inc. EM6A9320BI-2.8 Datasheet HTML 15Page - Etron Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
EtronTech
4Mx32 DDR SDRAM
EM6A9320
11
Rev 0.6
May. 2006
Electrical Characteristics and Recommended A.C. Operating Conditions
(VDD = 2.8V
± 5%, Ta = 0~70 °C)
2.8
3.0
3.3
3.5
Symbol
Parameter
Min
Max
Min
Max
Min
Max
Min
Max
Unit
CL = 3
3.3
10
3.3
10
3.3
10
3.5
10
CL = 4
2.86
10
3.0
10
3.3
10
3.5
10
tCK
Clock cycle time
CL = 5
2.86
5
3.0
5
3.3
5
3.5
5
ns
tCH
Clock high level width
0.45
0.55
0.45
0.55
0.45
0.55
0.45
0.55
tCK
tCL
Clock low level width
0.45
0.55
0.45
0.55
0.45
0.55
0.45
0.55
tCK
tDQSCK
DQS-out access time from CK,CK#
-0.6
0.6
-0.6
0.6
-0.6
0.6
-0.6
0.6
ns
tAC
Output access time from CK,CK#
-0.6
0.6
-0.6
0.6
-0.6
0.6
-0.6
0.6
ns
tDQSQ
DQS-DQ Skew
-
0.35
-
0.35
-
0.35
-
0.4
ns
tRPRE
Read preamble
0.9
1.1
0.9
1.1
0.9
1.1
0.9
1.1
tCK
tRPST
Read postamble
0.4
0.6
0.4
0.6
0.4
0.6
0.4
0.6
tCK
tDQSS
CK to valid DQS-in
0.85
1.15
0.85
1.15
0.85
1.15
0.85
1.15
tCK
tWPRES DQS-in setup time
0
-
0
-
0
-
0
-
ns
tWPREH DQS-in hold time
0.35
-
0.35
-
0.35
-
0.35
-
ns
tWPST
DQS write postamble
0.4
0.6
0.4
0.6
0.4
0.6
0.4
0.6
tCK
tDQSH
DQS in high level pulse width
0.4
0.6
0.4
0.6
0.4
0.6
0.4
0.6
tCK
tDQSL
DQS in low level pulse width
0.4
0.6
0.4
0.6
0.4
0.6
0.4
0.6
tCK
tIS
Address and Control input setup time
0.9
-
0.9
-
0.9
-
0.9
-
ns
tIH
Address and Control input hold time
0.9
-
0.9
-
0.9
-
0.9
-
ns
tDS
DQ & DM setup time to DQS
0.35
-
0.35
-
0.35
-
0.4
-
ns
tDH
DQ & DM hold time to DQS
0.35
-
0.35
-
0.35
-
0.4
-
ns
tHP
Clock half period
tCLMIN
or
tCHMIN
-
tCLMIN
or
tCHMIN
-
tCLMIN
or
tCHMIN
-
tCLMIN
or
tCHMIN
-
ns
tQH
Output DQS valid window
tHP -
0.35
-
tHP -
0.35
-
tHP -
0.35
-
tHP -
0.4
-
ns
tRC
Row cycle time
20
-
20
-
17
-
16
-
tCK
tRFC
Refresh row cycle time
22
-
22
-
19
-
18
-
tCK
tRAS
Row active time
14
100K
14
100K
12
100K
11
100K
tCK
tRCDRD RAS# to CAS# Delay in Read
7
-
7
-
6
-
5
-
tCK
tRCDWR RAS# to CAS# Delay in Write
5
-
5
-
4
-
3
-
tCK
tRP
Row precharge time
6
-
6
-
5
-
3
-
tCK
tRRD
Row active to Row active delay
4
-
4
-
3
-
3
-
tCK
twR
Write recovery time
3
-
3
-
3
-
3
-
tCK
tCDLR
Last data in to Read command
2
-
2
-
2
-
2
-
tCK
tCCD
Col. Address to Col. Address delay
1
-
1
-
1
-
1
-
tCK
tMRD
Mode register set cycle time
1
-
1
-
1
-
1
-
tCK
tDAL
Auto precharge write recovery + Precharge
9
-
9
-
9
-
9
-
tCK
tXSA
Self refresh exit to read command delay
200
-
200
-
200
-
200
-
tCK
tPDEX
Power down exit time
tIS +
2tCK
-
tIS +
2tCK
-
tIS +
2tCK
-
tIS +
2tCK
-
ns
tREF
Refresh interval time
-
7.8
-
7.8
-
7.8
7.8
us


Similar Part No. - EM6A9320BI-2.8

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EM6A9320BI-28 ETRON-EM6A9320BI-28 Datasheet
610Kb / 16P
   4M x 32 DDR SDRAM
More results

Similar Description - EM6A9320BI-2.8

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EM6A9320BI ETRON-EM6A9320BI Datasheet
353Kb / 17P
   4M x 32 DDR SDRAM
EM6A9320 ETRON-EM6A9320 Datasheet
610Kb / 16P
   4M x 32 DDR SDRAM
EM6A9320BIB-4H ETRON-EM6A9320BIB-4H Datasheet
500Kb / 61P
   4M x 32 bit DDR Synchronous DRAM (SDRAM)
EM68932DVKA ETRON-EM68932DVKA Datasheet
326Kb / 40P
   4M x 32 Mobile DDR Synchronous DRAM (SDRAM)
EM68932DVKB ETRON-EM68932DVKB Datasheet
347Kb / 40P
   4M x 32 Mobile DDR Synchronous DRAM (SDRAM)
EM6A9320BIB-4IH ETRON-EM6A9320BIB-4IH Datasheet
502Kb / 61P
   4M x 32 bit DDR Synchronous DRAM (SDRAM)
EM6A9320BIA ETRON-EM6A9320BIA Datasheet
451Kb / 52P
   4M x 32 bit DDR Synchronous DRAM (SDRAM)
logo
Elpida Memory
EDD1232AAFA ELPIDA-EDD1232AAFA Datasheet
601Kb / 50P
   128M bits DDR SDRAM (4M words x 32 bits)
EDD1232AABH ELPIDA-EDD1232AABH Datasheet
621Kb / 50P
   128M bits DDR SDRAM (4M words x 32 bits)
logo
White Electronic Design...
WED9LAPC2B16P8BC WEDC-WED9LAPC2B16P8BC Datasheet
693Kb / 21P
   4M x 32 SDRAM / 2M x 8 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com